Part Number Hot Search : 
N10N65 KBPC3504 3216S MAA02006 MB86S02 LTC2247 CO82A 017XM1
Product Description
Full Text Search
 

To Download MLSEP12A-1206A4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MLSEP*** Series
Multilayer Polymer ESD Suppressor Features
ESD protection for high speed data lines to IEC61000-4-2 ESD contact discharge typical 8KV, max 15KV IEC61000-4-2 ESD air discharge typical 15KV, max 25KV Multilayer structure Surface mount Extremely low capacitance Very low leakage current Fast response time Bi-directional ESD protection Lead free solder termination The best ESD protection for high frequency, low voltage applications
MLSEP12A-1206A4
Application
High Definition Multi-Media Interface (HDMI) Digital Visual Interface (DVI) Display Port Interface Unified Display Interface (UDI) MDDI Ports Gigabit Ethernet USB2.0 and IEEE1394 interface Caution: This component is designed for signal line protection only, not intended to be used under bias, not for application with a power line.
Electrical Diagram
Electrical Characteristics
Electrical Characteristics Parameter Continuous operating voltage Trigger voltage Clamping voltage Leakage current Capacitance Operating Temperature Storage Temperature ESD pulse withstand Symbol VDC VT VC IL CP ----Pulses Conditions --IEC61000-4-2 8KV contact discharge IEC61000-4-2 8KV contact discharge 12V VDC VR = 0V, f = 1MHz ----IEC61000-4-2 8KV contact discharge Min -----------40 -55 2000 Typ --300 20 0.10 0.15 ------Max 12 ----10 0.3 90 150 --Units V V V nA pF ---
Notes: 1, Trigger and clamping voltage measure per IEC 61000-4-2, 8KV direct discharge method
Polymer ESD Suppressor
1
www.goodark.com
MLSEP*** Series
Multilayer Polymer ESD Suppressor MLSEP12A-1206A4 Typical PESD clamping for +8KV pulse per IEC61000-4-2
Design Recommendations for Dual USB2.0
Design Recommendations for I/O Port
Polymer ESD Suppressor
2
www.goodark.com
MLSEP*** Series
Multilayer Polymer ESD Suppressor Environmental Specifications
Operation temperature: -40~90 Moisture Resistance, Steady state: MIL-STD-833,Method 1004.7,85% RH,85,1000hrs Thermal Shock: MIL-STD-202,Method 107G,-55to150,30 min cycle,10 cycles. Vibration: MIL-STD-202F, Method 201A, (10 to 55 to 10HZ, 1 min. cycle, 2hrs each in X-Y-Z) Chemical Resistance: ASTM D-543, 4hrs @40, 3 solutions (H2O, detergent solution, deluxer ) Solder leach resistance and terminal adhesion: Per EIA-576 test
MLSEP12A-1206A4
Part Numbering
Product Dimensions (mm) A B
D E
Width A Min Max 1.50 1.70 Length B Min Max 3.52 3.72 Height C Min Max 0.33 0.43
C
Pad distance D Min Max 0.83 1.03
Terminal width E Min Max 0.52 0.62
Unit mm
Recommended PAD Layout
A Min 0.55 Max 0.65 Min 0.25
B Max 0.35 Min 2.10
C Max 2.30 Min 3.20
D Max 3.40 Min 0.65
E Max 0.75 Min 0.70
F Max 0.80
Unit mm
Polymer ESD Suppressor
3
www.goodark.com
MLSEP*** Series
Multilayer Polymer ESD Suppressor Solder Reflow Recommendation MLSEP12A-1206A4
Item A B C D E F Notes:
Process Soak Start Soak time Soak end Peak Temp. Time above Cooling
Description From ambient to soak temperature and soak start Soak time Soak end From soak temperature to Peak temperature Main heating time From main heating temperature to 100
Reach Temp. 150 - 180 --180 - 200 260 230 - 260 100
Time or Rate 2 - 4 / sec 60s - 120s --2 - 3 / sec 40s - 60s Max. 4 / sec
1* Peak temperature can be high to 260, and the recommendation time is as below at 230 40s ~ 60s at 240 30s ~ 40s at 260 5s ~ 10s 2* Recommended reflow methods: IR, Vapor phase oven, hot air oven, wave solder. 3* Devices can be cleaned using standard industry methods and solvents. 4* Component can withstand 270 10 sec. 5* If reflow temperatures exceed the recommended profile, devices may not meet the performance requirements.
Package Information
Tape & Reel: 3000pcs per reel.
Polymer ESD Suppressor
4
www.goodark.com


▲Up To Search▲   

 
Price & Availability of MLSEP12A-1206A4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X