Part Number Hot Search : 
00111 AMS317A R0100FEA 74HCT4 IRFZ46N AOD476 DTC114E SA130
Product Description
Full Text Search
 

To Download MINISMDC200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025 800-227-4856 FAX 800-227-4866
RAYCHEM
PolySwitch(R) PTC Devices
Overcurrent Protection Device
PRODUCT: MINISMDC200
DOCUMENT: SCD24406 PCN: 472815 REV LETTER: C REV DATE: OCTOBER 25, 2000 PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Rating
Voltage: 6VDC Short Circuit Current: 100A
D E
C
Notes: 1. All terminations are tin/lead plated. 2. Devices can be wave soldered. 3. Drawing not to scale Marking:
Marking
D
E
TABLE I. DIMENSIONS:
A B C D E MIN MAX MIN MAX MIN MAX MIN MIN MAX 4.37 4.73 3.07 3.41 0.51 1.22 0.30 0.25 -(0.172) (0.186) (0.121) (0.134) (0.020) (0.048) (0.012) (0.010) --
mm: in:
TABLE II. PERFORMANCE RATINGS:
IHOLD ** CURRENT TRIP LIMITS** RATED CURRENT AMPERES AMPERES AMPERES AMPERES AT 20C AT -40C AT 20C AT 60C HOLD HOLD TRIP HOLD TRIP HOLD TRIP 2.00 2.60 6.00 2.00 4.00 1.50 3.00 TIME TO TRIP ** SECONDS AT 20C, 8A MAX 5 TRIPPEDRESISTANCE VALUES STATE POWER DISSIPATION** OHMS WATTS AT AT 20C 20C, 6V MIN MAX* MAX 0.020 0.070 1.0
* Maximum resistance is measured 1 hour after reflow **Values Specified were determined using PCB's with 0.030"X1.5 ounce copper traces.
Reference Documents: Precedence: Effectivity: CAUTION:
PS300, E. N. SMD1.0x. This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.


▲Up To Search▲   

 
Price & Availability of MINISMDC200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X