Part Number Hot Search : 
TN2529 0Y21D 010001 AP4435GJ 0012A PINAC24 CPH5522 SP490EC
Product Description
Full Text Search
 

To Download MIC446705 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC4467/4468/4469
Micrel, Inc.
MIC4467/4468/4469
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
General Description
The MIC4467/8/9 family of 4-output CMOS buffer/drivers is an expansion from the earlier single- and dual-output drivers, to which they are functionally closely related. Because package pin count permitted it, each driver has been equipped with a 2-input logic gate for added flexibility. Placing four high-power drivers in a single package also improves system reliability and reduces total system cost. In some applications, one of these drivers can replace not only two packages of singleinput drivers, but some of the associated logic as well. Although primarily intended for driving power MOSFETs, and similar highly capacitive loads, these drivers are equally well suited to driving any other load (capacitive, resistive, or inductive), which requires a high-efficiency, low-impedance driver capable of high peak currents, rail-to-rail voltage swings, and fast switching times. For example, heavily loaded clock lines, coaxial cables, and piezoelectric transducers can all be driven easily with MIC446X series drivers. The only limitation
Features
* * * * * * * * * * Built using reliable, low power CMOS processes Latchproof. Withstands 500mA Inductive Kickback 3 Input Logic Choices Symmetrical Rise and Fall Times ............................25ns Short, Equal Delay Times .......................................75ns High Peak Output Current ....................................... 1.2A Wide Operating Range .................................. 4.5 to 18V Low Equivalent Input Capacitance (typ) .................. 6pF Inputs = Logic 1 for Any Input From 2.4V to VS ESD Protected
Applications
* * * * * * * General-Purpose CMOS Logic Buffer Driving All 4 MOSFETs in an H-Bridge Direct Small-Motor Driver Relay or Peripheral Drivers Dual Differential Output Power Drivers CCD Driver Pin-Switching Network Driver
Logic Diagrams
MIC4467
VS
14
MIC4468
VS
14
MIC4469
VS
14
13 12 11 10
1A 1B 2A 2B 3A 3B 4A 4B
1 2 3 4 5 6 8 9 7
13 12 11 10
1Y 2Y 3Y 4Y
1A 1B
2A 2B 3A 3B 4A 4B
1 2 3 4 5 6 8 9 7
1Y 2Y 3Y 4Y
1A 1B 2A 2B 3A 3B 4A 4B
1 2 3 4 5 6 8 9 7
13 12 11 10
1Y 2Y 3Y 4Y
GND
GND
GND
Micrel, Inc. * 2180 Fortune Drive * San Jose, CA 95131 * USA * tel + 1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com
July 2005
1
MIC4467/4468/4469
MIC4467/4468/4469 on loading is that total power dissipation in the IC must be kept within the power dissipation limits of the package. The MIC446X series drivers are built using a BCD process. They will not latch under any conditions within their power and voltage ratings. They are not subject to damage when up
Micrel, Inc. to 5V of noise spiking (either polarity) occurs on the ground line. They can accept up to half an amp of inductive kickback current (either polarity) into their outputs without damage or logic upset.
Ordering Information
Part Number Standard MIC44xxCN* MIC44xxCWM* MIC44xxBN* MIC44xxBWM* Pb-Free MIC44xxZN* MIC44xxZWM* MIC44xxYN* MIC44xxYWM* Temperature Range 0C to +70C 0C to +70C -40C to +85C -40C to +85C Package 14-pin Plastic DIP 16-pin Wide SOIC 14-pin Plastic DIP 16-pin Wide SOIC
Truth Table
Part No. MIC4467 (Each Driver) MIC4468 (Each Driver) MIC4469 (Each Driver) A L X H H L X L X H Inputs B X L H H X L X H L Output Y H H L H L L L L H
* xx identifies input logic: 67 -- NAND 68 -- AND 69 -- AND with 1 inverting input **Pb-Free industrial grade PDIP available in MIC4468 & MIC4469 only.
Pin Configurations
14-Pin DIP (N)
1A 1 1B 2 2A 3 2B 4 3A 5 3B 6 GND 7 14 VS 13 1Y 12 2Y 11 3Y 10 4Y 9 8 4B 4A
16-Pin Wide SOIC (WM)
1A 1B 2A 2B 3A 3B GND GND 1 2 3 4 5 6 7 8 16
15 14
VS VS 1Y 2Y 3Y 4Y 4B 4A
13 12 11 10 9
TOP VIEW
TOP VIEW
MIC4467/4468/4469
2
July 2005
MIC4467/4468/4469
Micrel, Inc.
Block Diagrams
VS
MIC4467
5V Regulator
Level Shifter
IN B
IN A
Y OUT
GND Functional Diagram for One Driver (Four Drivers per Package-Ground Unused Inputs)
VS
MIC4468
IN A
5V Regulator
Level Shifter
Y OUT
IN B
GND Functional Diagram for One Driver (Four Drivers per Package-Ground Unused Inputs)
VS
MIC4469
IN A
5V Regulator
Level Shifter
Y OUT
IN B
GND Functional Diagram for One Driver (Four Drivers per Package-Ground Unused Inputs)
July 2005
3
MIC4467/4468/4469
MIC4467/4468/4469
Micrel, Inc.
Absolute Maximum Ratings (Notes 1 and 2)
Supply Voltage 22V Input Voltage (GND - 5V) to (VS + 0.3V) Maximum Chip Temperature Operating 150C Storage -65 to +150C Maximum Load Temperature (10 sec, for soldering) 300C Operating Ambient Temperature C Version 0 to +70C B Version -40 to +85C Power Dissipation N Package (14-Pin Plastic DIP) WM Package (16-Pin Wide SOIC) Package Thermal Resistance N Package (14-Pin Plastic DIP) JA WM Package (16-Pin Wide SOIC) JA 1.5W 1W 80C/W 120C/W
Electrical Characteristics:
Symbol INPUT VIH VIL IIN OUTPUT VOH VOL RO IPK I High Output Voltage Low Output Voltage Output Resistance Peak Output Current Logic 1 Input Voltage Logic 0 Input Voltage Input Current Parameter
Measured at TA = 25C with 4.5V VS 18V unless otherwise specified. (Note 3)
Conditions Min Typ Max Units
2.4
1.3 1.2 0.8 1
V V A
0 VIN VS
-1
ILOAD = 10mA ILOAD = 10mA IOUT = 10mA, VS = 18V
VS-0.15 0.15 5 1.2 >500 15
V V A mA
Latch-Up Protection Withstand Reverse Current
SWITCHING TIME tR tF tD1 tD2 Rise Time Fall Time Delay Time Delay Time Test Figure 1 Test Figure 1 Test Figure 1 Test Figure 1 14 13 30 45 25 25 75 75 ns ns ns ns
POWER SUPPLY IS
Note 3.
Power Supply Current Supply
Specification for packaged product only.
0.2
4
mA
MIC4467/4468/4469
4
July 2005
MIC4467/4468/4469
Micrel, Inc.
Electrical Characteristics:
Measured over operating temperature range with 4.5V VS 18V unless otherwise specified.
Symbol INPUT VIH VIL IIN OUTPUT VOH VOL RO IPK I High Output Voltage Low Output Voltage Output Resistance Peak Output Current Latch-Up Protection Withstand Reverse Current 500 ILOAD = 10 mA ILOAD = 10 mA IOUT = 10 mA, VS = 18V 7 1.2 VS-0.3 0.3 30 V V A mA Logic 1 Input Voltage Logic 0 Input Voltage Input Current 0 VIN VS -1 2.4 1.4 1.0 0.8 1 V V A Parameter Conditions Min Typ Max Units
SWITCHING TIME tR tF tD1 tD2 Rise Time Fall Time Delay Time Delay Time Test Figure 1 Test Figure 1 Test Figure 1 Test Figure 1 17 16 35 55 50 50 100 100 ns ns ns ns
POWER SUPPLY IS Power Supply Current Supply 0.4 8 mA
NOTE 1: Functional operation above the absolute maximum stress ratings is not implied. NOTE 2: Static sensitive device. Store only in conductive containers. Handling personnel and equipment should be grounded to prevent static damage.
July 2005
5
MIC4467/4468/4469
MIC4467/4468/4469
Micrel, Inc.
Typical Characteristics
Rise and Fall Time vs. Supply Voltage
70 60 50
Delay Time vs. Supply Voltage
35 30 25
Rise and Fall Time vs. Temperature
40
CL = 1000pF TA = 25C
CL = 1000pF TA = 25C
TD2
CL = 1000pF VS = 18V
TF
TR
30
Time (ns)
30 20 10 0 0 TF
Time (ns)
Time (ns)
20
40
20 15 10 5
TR
TD1
20
10
0 5 10 15 SUPPLY VOLTAGE (V)
5 10 15 SUPPLY VOLTAGE (V)
20
0
-75 -50 -25 0 25 50 75 100 125 150
TEMPERATURE (C)
Delay Time vs. Temperature
35 30 25
Supply Current vs. Capacitive Load
80 70 60 50 40 30 20 10 0
Rise and Fall Time vs. Capacitive Load
1k
TD2
SUPPLY CURRENT (mA)
CL = 1000pF VS = 18V
T A = 25C VS = 18V
400kHz
T A = 25C VS = 18V
TR
100
Time (ns)
20 15 10 5 0 TD1
Time (ns)
TF
10
200 kHz 20kHz
-75 -50 -25 0 25 50 75 100 125 150 TEMPERATURE (C)
10
100 1000 10000 CAPACITIVE LOAD (pF)
1
10
100 1000 10000 CAPACITIVE LOAD (pF)
Supply Current vs. Frequency
30
High Output vs. Current
1.20 .96
Low Output vs. Current
1.20
SUPPLY CURRENT (mA)
20
10 V
.72 .48 .24 .00
10 V
OUTPUT VOL AGE (V)
TA = 25C CL = 1000pF
VS = 18V
TA = 25C
VC = 5V
TA = 25C
VS = 5V
.96 .72 .48 .24 .00
| VS - V | (V) OUT
10 V
10
5V
15 V
15 V
0
1
10 100 FREQUENCY (kHz)
1000
0 10 20 30 40 50 60 70 80 90 100
CURRENT SOURCED (mA)
0 10 20 30 40 50 60 70 80 90 100 CURRENT SUNK (mA)
MIC4467/4468/4469
6
July 2005
MIC4467/4468/4469
Quiescent Power Supply Current vs. Supply Voltage
SUPPLY CURRENT (A)
Micrel, Inc.
Quiescent Power Supply Current vs. Supply Voltage
2.5
SUPPLY CURRENT (mA)
400 300 200 150 100 50 0 0
2.0 1.5 1.0 0.5 0
NO LOAD BOTH INPUTS LOGIC "1" TA = 25 C
NO LOAD BOTH INPUTS LOGIC "0" TA = 25 C
0
5
10
15
20
SUPPLY VOLTAGE (V)
5 10 15 SUPPLY VOLTAGE (V)
20
Test Figure 1
VS 1 F FILM
INVE RTING INPU T
+5V V INPUT
90%
0.1 F CERAMIC
10%
V OUTPUT
tD1
tF
tD2
tR 90%
IN1 IN1 IN2 IN2 IN3 IN3 IN4 IN4
VOUT 470 pF
18V 0V
90% 10% 10%
NON-INVE RTING INPU T
+5V V INPUT
90% 10%
18V V OUTPUT 0V
tD1
90% 10% tR
90% tD2 10%
tF
Package Power Dissipation
1500 1250 1000
PD (mW)
Quad Driver Drives H Bridge to Control Motor Speed and Direction
+5V TO +15V
14-PIN PDIP SLOPE = -12 mW/C
MIC4467
750 500 250 0 25
CW
CCW
DC BRUSH MOTOR
16-PIN WIDE SOIC SLOPE = -8 mW/C
PWM SPEED
50 75 100 125 AMBIENT TEMPERATURE (C)
150
GND
July 2005
7
MIC4467/4468/4469
MIC4467/4468/4469
Micrel, Inc.
Package Information
.770 (19.558) MAX PIN 1
.215 (5.461)
.045 (1.143) .280 (7.112) (4.064) .015 (0.381) .015 (0.381) .008 (0.2032) .100 (2.540) .090 (2.296) .045 (1.143) .015 (.3810)
.330 (8.362)
14-Pin Plastic DIP (N)
PIN 1
INCHES (MM) 0.297 (7.544)
0.031 (0.787) TYP TYP
0.099 (2.515)
(0.381) 0.405 (10.287) 0.090 (2.286) PLANE
7 TYP R
0.293 (7.442)
0.022 (0.559) 0.018 (0.457) 5 TYP
0.326 (8.280) MIN 0.032 (0.813) TYP 0.404 (10.262)
10 TYP
16-Pin Wide SOP (WM)
MICREL INC.
TEL
+ 1 (408) 944-0800
2180 FORTUNE DRIVE
FAX
+ 1 (408) 474-1000
SAN JOSE, CA 95131
WEB
http://www.micrel.com
USA
This information furnished by Micrel in this data sheet is believed to be accurate and reliable. However no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 1998 Micrel, Inc.
MIC4467/4468/4469
8
July 2005


▲Up To Search▲   

 
Price & Availability of MIC446705

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X