|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: MFC1921-5 WIDE BANDWIDTH FEATURES: Exceptional Phase Noise Performance Small Size, Surface Mount Lead Free REL-PRO(R) Technology Phase Noise -30 -40 -50 -60 Phase Noise (dBc/Hz) 195 - 210 MHz -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 100 1000 10000 100000 1000000 10000000 Offset Frequency (Hz) 192.5MHz/0V 200MHz/2.23V 210MHz/6.68V SPECIFICATIONS (Rev. B 07/03/07) Frequency Tuning Voltage (Full Band) Bias Voltage Output Power Tuning Sensitivity Output Impedance Harmonic Suppression Frequency Pulling Frequency Pushing Phase Noise @ 10 kHz Operating Temperature Range 195 - 210 MHz See table below. +5 VDC @ 22 mA (Max.) +3 dBm (Min.) 2 - 3 MHz/V (Typ.) 50 Ohms (Nom.) 20 dB (Typ.) 1 MHz (Typ. @ 1.75:1 VSWR) 0.5 MHz/V (Typ.) -120 dBc/Hz (Typ.) -40 to +85 C Package # 278LF Guaranteed Tuning Specifications Tuning Voltage ( V ) 0.5 4 8 10 Frequency ( MHz ) 195 (Max) 205 (Min) 208 (Min) 210 (Min) VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: MFC1921-5 WIDE BANDWIDTH 195 - 210 MHz 217 PERFORMANCE PLOTS 212 Frequency (MHz) 207 202 197 192 0 1 2 3 4 5 6 7 8 9 10 Control Voltage (Vdc) +25C +85C -40C 8 7 6 Output Power (dBm) 5 4 3 2 1 0 0 1 2 3 4 5 6 7 8 9 10 Control Voltage (Vdc) +25C +85C -40C VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: MFC1921-5 WIDE BANDWIDTH 195 - 210 MHz 6 PERFORMANCE PLOTS 5 Tuning Sensitivity (MHz/V) 4 3 2 1 0 0 1 2 3 4 +25C 5 +85C 6 -40C 7 8 9 10 Control Voltage (Vdc) 0 -5 2nd Harmonic Suppression (dBc) -10 -15 -20 -25 -30 -35 0 1 2 3 4 5 6 7 8 9 10 Control Voltage (Vdc) +25C +85C -40C |
Price & Availability of MFC1921-5 |