Part Number Hot Search : 
BUV24 2N5589 LT551 IP3843A C3406 015001 74HCT08 TPV394
Product Description
Full Text Search
 

To Download MAD23012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODULES
MAD 23 Series
5-7.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
Features
* * * * 2:1 Input range Meet EN55022 class B 1500 VDC isolation Efficiency to 82 %
Specifications
INPUT Voltage range Isolation Filter OUTPUT Power Regulation Setting accuracy Ripple and noise Short circuit protection Temp coefficient Efficiency ENVIRONMENTAL Operating temperature Storage temperature Cooling GENERAL MTTF Switching frequency Equivalent capacitance Case Dimensions (H x W x L) Weight STANDARDS EMI standards C-Tick EN55022 class B. AS/NZS CISPR11 Group 1 Class A 200 000 hours at 25C ambient. Min. 100 kHz. 650 pF. Black coated copper with non-conductive base. 10.2 x 25.4 x 50.8 mm. 32.5g. -25C to +71C. -40C to +100C. Convection. 5W and 7.5W. Line: 0.5% max Load: Single 0.5% Dual 1.0% 2%. 5 V:100mVpp 12/15V 1%pp max Fold-back. Approx 80% of output current at short circuit. 0.05 %/C. 70% to 82%. 9-18V, 18-36V, 36-72V. 1500VDC. PI-type
Technical Illustration
172
MAD 23 Series
5-7.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
POWERBOX ARTICLE NUMBER MAD 23 003 MAD 23 006 MAD 23 009 MAD 23 012 MAD 23 015 MAD 23 018 MAD 23 021 MAD 23 024 MAD 23 027 MAD 23 030 MAD 23 033 MAD 23 036 MAD 23 039 MAD 23 042 MAD 23 045 MAD 23 048 MAD 23 051 MAD 23 054 MAD 23 057 MAD 23 060 MAD 23 063 INPUT VOLTAGE VDC 9-18 9-18 9-18 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 18-36 18-36 18-36 36-72 36-72 36-72 36-72 36-72 36-72 36-72 OUTPUT VOLTAGE VDC 3.3 5 12 15 5 12 15 3.3 5 12 15 5 12 15 3.3 5 12 15 5 12 15 OUTPUT CURRENT mA 1500 1500 625 500 750 310 250 1500 1500 625 500 750 310 250 1500 1500 625 500 750 310 250 INPUT CURRENT NO LOAD mA 7.5 7.5 7.5 7.5 7.5 12 12 5 5 5 5 7.5 7.5 7.5 3 2 2 2 3 3 3 INPUT CURRENT FULL LOAD mA 590 820 780 780 820 775 780 295 400 380 380 400 385 385 147 200 192 192 200 192 192
MODULES
Pin Connection
PIN 1 2 3 4 5
NP = No pin.
FUNCTION +V Input -V input +V Output Common/NP -V Output
Your dependable power partner - www.powerbox.com.au
173


▲Up To Search▲   

 
Price & Availability of MAD23012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X