Part Number Hot Search : 
TL1006 BY44810 UPA1523 M7915 AAT1150 TEA1085 XC2S200 BS616
Product Description
Full Text Search
 

To Download M5534201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E/H
Vishay Thin Film
QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
FEATURES
* Established reliability, "R" failure rate level
SURFACE MOUNT SURFACE MOUNT CHIPS
* High purity alumina substrate for high power * Wraparound termination featuring a tenacious adhesion layer covered with an electroplated nickel barrier layer for + 150C operating conditions * Very low noise and voltage coefficient * Non-inductive * Laser-trimmed tolerances to 0.1% * Wraparound resistance less than 0.010 ohms typical * In-lot tracking less than 5ppm/C * Complete MIL-testing available in-house * Antistatic waffle pack or tape and reel packaging available
Actual Size M55342/02
Thin Film Mil chip resistors feature all sputtered wraparound termination for excellent adhesion and dimensional uniformity. They are ideal in applications requiring stringent performance requirements. Established reliability is assured through 100% screening and extensive environmental lot testing. Wafer is sawed producing exact dimensions and clean, straight edges. NOTE: Specification changed by DSCC from MIL-R-55342 to MIL-PRF-55342.
TYPICAL PERFORMANCE
ABS
CONSTRUCTION
Passivation Resistor Film Solder coating Nickel barrier High Purity Alumina Substrate Adhesion layer
TCR TOL
25 0.1
STANDARD ELECTRICAL SPECIFICATIONS
TEST MATERIAL Absolute TCR: Absolute Tolerance: Stability: R Absolute Voltage Coefficient Operating Temperature Range Storage Temperature Range Noise Shelf Life Stability SPECIFICATIONS TAMELOX(R) 25ppm/C to 100ppm/C 0.1% 0.1% 0.5ppm/Volt - 55C to + 125C - 55C to + 150C - 25dB 100ppm - 55C to + 125C + 25C 2000 hrs. @ + 70C CONDITIONS
1 year @ + 25C
DIMENSIONS
CASE SIZE M55342/01 M55342/02 M55342/03 M55342/04 M55342/05 M55342/06 D55342/07 M55342/08 M55342/09 M55342/10 M55342/11 M55342/12 TERM. B B B B B B B B B B B B L 0.050 0.005 0.055 0.006 0.105 0.007 0.155 0.007 0.230 0.007 0.080 0.006 0.126 0.008 0.209 0.009 0.259 0.009 0.105 0.007 0.040 0.005 0.064 0.006 W 0.025 0.005 0.050 0.005 0.050 0.005 0.050 0.005 0.075 0.005 0.050 0.005 0.063 0.005 0.098 0.005 0.124 0.005 0.100 0.005 0.025 0.005 0.032 0.005 T 0.010 to 0.030 0.012 to 0.033 0.015 to 0.033 0.015 to 0.033 0.015 to 0.033 0.015 to 0.033 0.015 to 0.033 0.015 to 0.033 0.015 to 0.033 0.015 to 0.033 0.010 to 0.030 0.010 to 0.033 D 0.010 0.005 0.010 0.005 0.015 0.005 0.015 0.005 0.020 0.005 0.016 0.008 0.020 + 0.005, - 0.010 0.020 0.005 0.020 0.005 0.015 0.005 0.010 0.005 0.012 0.005 E 0.015 0.005 0.015 0.005 0.015 0.005 0.015 0.005 0.020 0.005 0.015 0.005 0.020 + 0.005, - 0.010 0.020 0.005 0.020 0.005 0.015 0.005 0.015 0.005 0.015 0.005
VISHAY THIN FILM * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121 * ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433 * SINGAPORE +65.788.6668 FAX: +65.788.0988 * SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA: (610) 407-4800 FAX: (610) 640-9081
www.vishay.com 40
Document Number: 60018 Revision 08-Oct-04
E/H
QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips Vishay Thin Film
DIMENSIONS (Continued)
T E L D
SURFACE MOUNT
W
SURFACE MOUNT CHIPS
CASE SIZE M55342/01 M55342/02 M55342/03 M55342/04 M55342/05 M55342/06 D55342/07 M55342/08 M55342/09 M55342/10 M55342/11 M55342/12
MAX. WORKING VOLTAGE 40 40 40 40 40 50 100 150 200 75 25 50
POWER RATING (mW) CHARACTERISTIC E&H K 10 20 25 50 50 100 100 150 200 225 50 100 125 250 400 800 500 1000 250 500 40 40 70 70
RESISTANCE RANGE (ohms) (0.1%) 100 - 130K 100 - 301K 100 - 649K 100 - 1M 100 - 1.75M 100 - 475K 100 - 1M 100 - 2M 100 - 3M 100 - 1M 100 - 71.5K 100 - 160K (1%, 2%, 5%, 10%) 59 - 130K 20 - 301K 10 - 649K 10 - 1M 10 - 1.75M 10 - 475K 10 - 1M 10 - 2M 10 - 3M 50 - 1M 59 - 71.5K 20 - 160K
ENVIRONMENTAL TESTS
TEST MIL-PRF-55342 VISHAY LIMITS PERFORMANCE (R ) (R ) 0.1% 0.1% 0.1% 0.1% 0.2% 0.2% 25ppm/C 0.5% 2.0% 0.020% 0.025% 0.050% 0.009% 0.006% 0.004% < 15ppm/C 0.0184% 0.04%
MECHANICAL SPECIFICATIONS
Resistive Element Substrate Material Terminals Plating Tamelox(R) Alumina Gold Over Nickel SN 60/40
Thermal Shock Low Temperature Operation Short Time Overload High Temperature Exposure Resistance to Bonding Moisture Resistance TCR Life (2000 hrs @ + 70C) Life (10,000 hrs @ + 70C)
FSCM CAGE # - 57489
How to Order
Series M55342 or H = 50 ppm/C D55342 /07 K = 100 ppm/C TCR Characteristic E = 25 ppm/C 49.9 ohms vs 100 ohms Case Size 01 02 03 04 05 06 07 08 09 10 11 12 Termination B = Solderable wraparound (nickel barrier) Value and Tolerance Three digits and a letter. Letter identifies tolerance, acts as multiplier and decimal locator. per 1000 hrs. Tolerance 0.1% 1% 2% 5% 10% Multiplier (X1)A D G J M (X1K)B E H K N (X1M)C F T L P C Failure Rate M = 1.0% per 1000 hrs. P = 0.1% per 1000 hrs. R =0.01% per 1000 hrs. = Non ER
Example: M55342K06B5E60R calls out QPL nickel barrier solderable wraparound termination chip resistor, 0705 size, 5600 ohms 1.0%, 100 ppm/C TCR and "R" failure rate or 0.01% per 1,000 hours. Consult factory for other sizes.
VISHAY THIN FILM * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121 * ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433 * SINGAPORE +65.788.6668 FAX: +65.788.0988 * SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA: (610) 407-4800 FAX: (610) 640-9081
Document Number: 60018 Revision 08-Oct-04
www.vishay.com 41


▲Up To Search▲   

 
Price & Availability of M5534201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X