Part Number Hot Search : 
1990715 8MS8G V806ME04 10M30CL1 10300 PR200 F1215 APT15
Product Description
Full Text Search
 

To Download LVK20R005DER Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LVK Series
Four Terminal High Precision Current Sense
LVK 12, LVK20, LVK24 (0.5, 0.75 & 1 watt) L 2 W 4 t a b 3 1
L LVK25 (2 watt) W
t a
1. Electrode 2. Protection coat 3. Almina substrate 4. Resistor
b
Pkg. Series Size LVK12 1206 LVK20 2010 LVK24 2412 LVK25 1224
Power Rating (W @70C) 0.5W 0.75W 1.0W 2.0W
Resistance Range () 0.01-0.05 0.01-0.05 0.01-0.05 0.001 0.002-0.004 0.005-0.01
TCR (ppm/C) 50ppm 50ppm 50ppm 300ppm 200ppm 100ppm
Available Tolerance Values 0.5%, 1% E12 0.5%, 1% E12 0.5%, 1% E12 1, 2, 3, 4, 1% 5, 6, 7, 8, 9, 10 m
Current sense resistors enable the measurement of current flow in a circuit by monitoring a voltage drop across a precisely calibrated resistance. The LVK chip features four terminals, also known as a "Kelvin" configuration. This configuration enables current to be applied through two opposite terminals and a sensing voltage to be measured across the other two terminals, eliminating the resistance and temperature coefficient of the terminals for a more accurate current measurement. Isolating the voltage and current terminals (see schematic) facilitates a very accurate current measurement. Ohmite's proprietary technology offers an excellent Temperature Coefficient of Resistance (TCR) even for very low resistance values. The resistive element consists of a durable, anti-corrosive metal alloy that combines reliable performance with the ability to withstand harsh environments.
FeATuReS
* Designed for automatic insertion * Industry standard sizes * High-precision kelvin connect capability in a small package
SPeCiFiCATionS
Resistance Range: 0.001 - 0.05 Operating Temperature Range: -40C to +125C Rated Ambient Temperature: +70C Resistance Tolerance: 0.5% and 1% standard Temperature Coefficient: LVK12, LVK20, LVK24: 50ppm standard LVK25: 100ppm, 200ppm, or 300ppm based on resistance value Terminals: 100% matte tin
SCHemATiC
V V
I I V = sensing terminal (voltage) I = current terminal
o R d e R i n G i n F o R m AT i o n
RoHS Compliant
dimensions (mm)
Size LVK12 (1206) LVK20 (2010) LVK24 (2412) LVK25 (1224) L 3.2 0.2 5.0 0.2 6.4 0.2 3.2 0.2 W 1.6 0.2 2.5 0.2 3.2 0.2 6.4 0.2 t 0.5 0.15 0.5 0.15 0.5 0.15 0.5 0.2 a 1.0 0.2 1.7 0.2 2.1 0.2 0.4 0.2 b 0.55 0.2 0.9 0.2 1.2 0.2 2.7 0.2
LVK25R005FER
Series Case Size 12 = 1206 20 = 2010 24 = 2412 25 = 1224 Tolerance Taping Code Ohms R005 = 0.005 D = 0.5% R = 1,000 pc/reel F = 1%
l A n d PAT T e R n ( m m )
LVK12 (1206) LVK20 (2010) LVK24 (2412) A
Check product availability at www.ohmite.com
LVK25 (1224) A L
L W
s TA n d A R d vA l u e s
LVK12 LVK20 LVK24 1% Tolerance 0.01 0.01 0.01 0.012 0.012 0.015 0.015 0.02 0.024 0.03 LVK25 0.001 0.002 0.003 0.005
W
B
Series LVK12 LVK20 LVK24 LVK25
L 1.75 2.55 3.25 1.40
W 1.10 1.55 1.90 3.30
A 1.00 1.40 2.00 2.20
B 0.30 0.50 0.60 1.00
B
Reel (mm)
2mm 0.5 13mm 0.3 (LVK12) 15mm 0.3 (LVK 20, 24, 25)
13mm 0.2 180mm 3
0.02 0.02 0.027 0.03 0.03 0.01 0.039 0.039 0.047 0.047 0.05 0.05 0.05 0.5% Tolerance 0.01 0.01 0.01 0.02 0.02 0.02 0.03 0.03 0.03 0.05 0.05 0.05
60mm 1
9mm 0.3 (LVK12) 13mm 0.3 (LVK 20, 24, 25)
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 * 1-866-9-OHMITE * Int'l 1-847-258-0300 * Fax 1-847-574-7522 * www.ohmite.com * info@ohmite.com
1


▲Up To Search▲   

 
Price & Availability of LVK20R005DER

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X