Part Number Hot Search : 
G941T25B Y100N10E 167BZX LTC4223 DB929B MC34261D 2S110 BC847
Product Description
Full Text Search
 

To Download LTP-7188KE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 



* 0.764 inch ( 19.4 mm) MATRIX HEIGHT * LOW POWER REQUIREMENT * SINGLE PLANE, WIDE VIEWING ANGLE * SOLID STATE RELIABILITY * 8 X 8 ARRAY WITH X-Y SELECT * COMPATIBLE WITH USASCLL AND EBCDIC CODES * STACKABLE HORIZONTALLY * CATEGORIZED FOR LUMINOUS INTENSITY

The LTP-7188KE is a 0.764 inch (19.4 mm) matrix height 8x8 dot matrix display. This device uses AS-AlInGaP RED LED chips (AlInGaP epi on GaAs substrate). The display has gray face and white segments.
AlInGaP RED LTP-7188KE
Anode Row, Cathode Column
PART NO.: LTP-7188KE BNS-OD-C131/A4
PAGE:
1of5




NOTES: All dimensions are in millimeters. Tolerance is 0.25 mm (0.01") unless otherwise noted.

PART NO.: LTP-7188KE BNS-OD-C131/A4
PAGE:
2of5




1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
ANODE ROW ANODE ROW 5 7
CATHODE COLUMN 2 CATHODE COLUMN 3 ANODE ROW 8
CATHODE COLUMN 5 ANODE ROW ANODE ROW ANODE ROW 6 3 1
CATHODE COLUMN 4 CATHODE COLUMN 6 ANODE ROW 4
CATHODE COLUMN 1 ANODE ROW 2
CATHODE COLUMN 7 CATHODE COLUMN 8
PART NO.: LTP-7188KE BNS-OD-C131/A4
PAGE:
3of5





Average Power Dissipation Per Dot Peak Forward Current Per Dot ( Frequency 1Khz, 18% duty cycle ) Average Forward Current Per Dot Forward Current From 25 Reverse Voltage Per Dot Operating Temperature Range 40 90 15 0.2 5 -35 to +85 mW mA mA mA/ V
-35 to +85 Storage Temperature Range Soldering Conditions:1/16 inch below seating plane for 3 seconds at 260
!
"#$%&
Average Luminous Intensity Per Dot Peak Emission Wavelength Spectral Line Half-Width Dominant Wavelength Forward Voltage any Dot Reverse Current any Dot Luminous Intensity Matching Ratio I p d V I I-m 630 1650 632 20 624 2.05 2.3 2.6 2.8 100 2:1
I= 20mA I= 20mA I= 20mA I= 20mA I= 80mA V= 5V I= 32mA 1/16Duty
cd I= 32mA 1/16Duty nm nm nm V A
Note: Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (Commision Internationale De L'Eclairage) eye-response curve.
PART NO.: LTP-7188KE BNS-OD-C131/A4
PAGE:
4of5



'
!
"




PART NO.: LTP-7188KE BNS-OD-C131/A4
PAGE:
5of5


▲Up To Search▲   

 
Price & Availability of LTP-7188KE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X