Part Number Hot Search : 
GT61G SMBJ90CA HIR333 EMP207 HIR333 IRFR3709 IDT72200 CM1851
Product Description
Full Text Search
 

To Download LTC455FU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
LTC 455/450 Chip Ceramic Filters
Chip Ceramic Filters for Communication
Surface Mount Ceramic Filters for Communication (Murata CFUCG Compatible)
Preview Token chip ceramic filters LTC455/450 U/W series for communication (Compatible to Murata CFUCG series) comprises small, high performance, thin (4.0mm) consisting of 4 ceramic elements. Their innovative construction is perfect for shrinking mobile communication products such as pocket pagers and cellular phones. The surface mount LTC455/450 U/W series for AM use is one of the most recommendable intermediate filters, having such distinctive features as high selectivity, high stability and adjustment-free operation. Additionally its easy matching with IC helps create an easy circuit design. With dimensions (7.5 x 6.0 mm) and 4.0 mm low profile, the LTC455/450 U/W filters have a small mounting area enabling flexible PCB design and are suitable for automatic placers. Standard Center Frequency is 455kHz with tolerance 1.5 and 450kHz is also available. Pass Band Ripple (dB) max is 2db, Input / Output Impedance is 1000 and 1500. Custom parts are available on request. Token will also produce devices outside these specifications to meet specific customer requirements, please contact our sales for more information. Features - They are slim, at only 4.0mm max. thickness, and have a small mounting area enabling flexible PCB design. - Operating temperature range: -20C to +80C. - Can be reflow soldered and withstand washing. - The bandwidth ranges from D to G. - Mountable by automatic placers. Version 2010
http://www.token.com.tw/ rfq token.com.tw
01 of 03
TOKEN
Dimensions
455EU 7.5Max
LTC 455/450 Chip Ceramic Filters
6.5
6.5

455EW

7.5 Max Input Ground Output 3.0 Max
6.0
Input Output Ground 4.0 Max
11.5
4.0
5.5
Technical Characteristics
0
(dB) Attenuation
(dB) Attenuation
10 20 30 40 50 60 410
LTC455B LTC455E LTC455H
0 10 20 30 40 50 60 410
LTC455B LTC455E LTC455H
430
450 460
480
500
430
450 460
480
500
Frequency (KHz) Insertion Loss (dB) max LTC LTC 455U 455W 4 4 4 4 6 6 6 6 6 4 4 4 6 6 6 6 Pass Band Ripple (dB) max 2 2 2 2 2 2 2 2 6dB Band Width (kHz) min 15.0 12.5 10.0 7.5 6.0 4.5 3.0 2.0
Frequency (KHz) 40dB Band Width (kHz) min LTC455U 30 25 20 15 12 10 9.0 7.5 Spurious 50dB Input Attenuation Band / fo100kHz Width Output (dB) min (kHz) Impedance min LTC LTC () LTC455W 455U 455W 30 27 50 1000 25 20 15 12 10 9.0 7.5 27 27 27 27 25 25 25 50 50 50 47 47 47 47 1000 1500 1500 1500 1500 1500 1500
Part Number
Center Frequency (fo)(kHz) 4551.5 4551.5 4551.5 4551.5 4551.5 4551.5 4551.5 4551.5
LTC 455BU LTC 455CU LTC 455DU LTC 455EU LTC 455FU LTC 455GU LTC 455HU LTC 455IU
LTC 455BW LTC 455CW LTC 455DW LTC 455EW LTC 455FW LTC 455GW LTC 455HW LTC 455IW
Note: Center frequency 450KHz is also available.
02 of 03
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Test Circuit
LTC455U R1 Rg
LTC 455/450 Chip Ceramic Filters
LTC455W R2 RF V.M Rg R2 RF V.M
~
S.S.G
~
S.S.G
Rg+ R1= R2=Input/Output Impedance
Rg+ R1= R2=Input/Output Impedance
How to Order
LTC455BU Part Number Package
P
Back to 1st Page - Ceramic Filters for Communication - LTC 455/450
Version 2010
http://www.token.com.tw/ rfq token.com.tw
03 of 03


▲Up To Search▲   

 
Price & Availability of LTC455FU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X