Part Number Hot Search : 
ML9040 1SS303 C90GK1 R1105W 03800 ACS132D NTHS5443 JKC6761
Product Description
Full Text Search
 

To Download LT732AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KOA SPEER ELECTRONICS, INC.
SS-251 R2
AHA 6/01/06
Linear Positive Tempco Thermistor Type LT73
1. General I Anti-leaching nickel barrier terminations I Twenty-five specifiable temperature characteristics
I I
CERTIFIED
CERTIFIED
SMD thin film resistor with thermo-perceptivity Marking: black four-digit on bronze body color
2. Dimensions
W
c
L
c
Solder Plating Ni Plating
t d Protective Coating Resistive Inner Film Electrode
Table 1 Part
2A (0805) 2B (1206)
Ceramic Substrate
L
0.0790.008 (2.000.20) 0.1260.008 (3.200.20)
Dimensions - inches (mm) c W
0.0490.008 (1.250.20) 0.0630.008 (1.600.20) 0.0160.008 (0.400.20) 0.0200.012 (0.500.30)
d
+.008 -.004 +.20 -.10
t
. ) 0.0200.004 (0.500.10) 0.0240.004 (0.600.10)
0.012 (0.30
0.016 +.008 . -.004 (0.40 +.20 ) -.10
3. Type Designation The type designation shall be in the following form: New Type
LT73
Type
2B
Size
2A: 0805 2B: 1206
T
Termination Material
T: Sn (Other termination styles available, contact factory for options)
TD
Packaging
TD: 7" Paper Taping 5,000 pcs/reel TE: 7" Embossed Plastic 4,000 pcs/reel
101
Resistance Value
2 significant figures + 1 multiplier
J
Tolerance
G: 2% J: 5%
1000
T.C.R.
PAGE 1 OF 4 Bolivar Drive
I
P.O. Box 547
I
Bradford, PA 16701
I
USA
I
814-362-5536
I
Fax 814-362-8883
I
www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. Please confir m technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
SS-251 R2
4. Standard Applications
Part Designation Power Rating @ 70C Absolute Maximum Working Voltage Absolute Operating Maximum Temp. Overload Range Voltage Resistance Range E-24* LT732A 2K - 24K 1K - 20K 1K - 13K 510 - 4.7K 510 - 4.7K 510 - 3.0K 510 - 3.0K 510 - 3.0K 100 - 1K 51 - 510 LT732B 2K - 51K 1K - 43K 1K - 27K 1K - 10K 510 - 9.1K 510 - 6.2K 510 - 6.2K 510 - 6.2K 100 - 2K 51 - 510 G: 2% Resistance Tolerance T.C.R. (ppm/C) Maximum** T.C.R. Tolerance
LT732A
100mW
50V
100V -40C to +125C
J: 5%
LT732B
125mW
75V
150V
150, 250, 350, 450, 500 100ppm/C 600, 700, 800, 900 150ppm/C 1000, 1200, 1400 15% 1600, 1800 2000, 2200, 2400 2600, 2800 3000, 3300, 3600 10% 3900 4200 4500
* See Appendix D for available decade values. ** T.C.R. is factory tested from 25C to 75C.
5. Environmental Applications 5.1 Derating Curve
100 80 % Rated Power 60 40 20 0 -40
-20
0
80 70 Ambient Temperature (C)
20
40
60
100 120 140 125
5.2 Temperature Characteristics
Resistance Changing Rate (R) 10 8 6
500ppm/C 1000ppm/C
Resistance Changing Rate (R)
60 50 40 30 20 10 0 -10 -20 -30 -50 -25 0 25 50 75 100 125
3300ppm/C 2400ppm/C 1600ppm/C 4500ppm/C
4 2 0 -2 -4 -6 -8 -50 -25 0 25 50 75 100 125
150ppm/C
Ambient Temperature (C)
Ambient Temperature (C)
PAGE 2 OF 4 Bolivar Drive
I
P.O. Box 547
I
Bradford, PA 16701
I
USA
I
814-362-5536
I
Fax 814-362-8883
I
www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. Please confir m technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
SS-251 R2
6. Approximate Expression for Resistance-Temperature Characteristics
T.C.R. (x10-6/K) 3000 3300 3600 3900 4200 4500 C0 0.934 0.927 0.921 0.915 0.909 0.903 C1 0.00258 0.00282 0.00306 0.00330 0.00353 0.00377 C2 2.77 x 10-6 3.17 x 10-6 3.58 x 10-6 4.00 x 10-6 4.44 x 10-6 4.89 x 10-6
7. Performance Characteristics Parameter
Thermal Shock Low Temperature Operation High Temperature Exposure Short Time Overload Resistance to Solder Heat Terminal Strength-Bend Moisture Resistance Life Temperature Cycling
Maximum R
1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 3.0% 3.0% 1.0%
Test Method
MIL-STD-202, Method 107, -55C to +155C, 5 cycles MIL-R-55342 4.7.4, 1 Hour @ -55C followed by 45 minutes of RCWV* MIL-R-55342 4.7.6, 100 hours @ 125C MIL-R-55342 4.7.5, 2.5 x RCWV for 5 seconds MIL-R-55342 4.7.7, 260C for 10 seconds 2mm min. deflection in either direction for 10 seconds MIL-STD-202, Method 103, 40C, 90 - 95% RH, 1000 hours MIL-STD-202, Method 108, 70C, 1000 hours @ RCWV, 1.5 hr ON, 0.5 hr OFF 30 minutes @ -55C, 15 minutes @ +25C, 30 minutes @ +125C, 15 minutes @ +25C, 5 cycles
* RCWV = Rated Continuous Working Voltage
PAGE 3 OF 4 Bolivar Drive
I
P.O. Box 547
I
Bradford, PA 16701
I
USA
I
814-362-5536
I
Fax 814-362-8883
I
www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. Please confir m technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
SS-251 R2
8. Dimensions 8.1 Carrier Tape
A DC B 1.5 +0.1 -0 E
T2
K T1 F
Tape 2A 2B B 0.0940.002 (2.40.1) 0.1380.002 (3.50.1) C 0.3150.008 (8.00.2) 0.3150.008 (8.00.2)
G
H
D
Direction of feed
E 0.0690.004 (1.750.1) 0.0690.004 (1.750.1) A 0.0650.008 (1.650.2) 0.0630.006 (1.600.15) 0.0790.008 (2.00.2) 0.0750.008 (1.90.2) F 0.1570.004 (4.00.1) 0.1570.004 (4.00.1) K ---- 0.047 (1.2 Max.) ---- 0.047 (1.2 Max.)
T1
Dimensions - inches (mm) G 0.0790.002 (2.00.05) 0.0790.002 (2.00.05) T1 0.030 (0.75 +0.2) -0 0.030 (0.75 +0.2 ) -0 0.0350.004 (0.900.1) 0.0390.004 (1.00.1) H 0.1570.004 (4.00.1) 0.1570.004 (4.00.1) T2 ---- 0.0100.002 (0.250.05) ---- 0.0100.002 (0.250.05)
0.1380.002 (3.50.05) 0.1380.002 (3.50.05) Tape 2A (TD) 2A (TE) 2B (TD) 2B (TE)
8.2 Reel
Central hole
B C E W A D
Dimensions - inches (mm) W 0.3940.047 (10.01.2) 0.3940.047 (10.01.2) C 0.5120.020 (130.5) 0.5120.020 (130.5) D 0.8270.031 (210.8) 0.8270.031 (210.8) E 0.0790.020 (2.00.5) 0.0790.020 (2.00.5)
Tape TD TE
A 7.0080.079 (1782.0) 7.0080.079 (1782.0)
B 2.3620.079 (602.0) 2.3620.079 (602.0)
PAGE 4 OF 4
I
Bolivar Drive
I
P.O. Box 547
I
Bradford, PA 16701
I
USA
I
814-362-5536
I
Fax 814-362-8883
www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. Please confir m technical specifications before you order and/or use.


▲Up To Search▲   

 
Price & Availability of LT732AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X