Part Number Hot Search : 
2N3337 N74F826D V430RA8 MPC5567 AN1366 FQD7N20 MDS140L LM7809CT
Product Description
Full Text Search
 

To Download LAL0392-51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAL0392-51
Broadband Access Transformer
Designed to meet UL 60950 and EN 60950 requirements for supplementary insulation and 250V working voltage RoHS Compliant Excellent THD performance Operating Temperature -40C to 85C
Electrical Specifications @25
OCL: Leakage Inductance: IInterwinding Capacitance T.H.D D.C.R: LCL Surge Test Hi-POT : Turn Ratio: PIN 1-4= 100uH 10% @ 10KHz/0.1V/Ser. PIN 1-4= 1.0uH Max. @ 100KHz/0.1V
PIN 1-8= 40uH Max. @ 100KHz/0.1V PIN 1-4 to PIN 7-5= -80dB Max. @ 100KHz/3V PIN 1-4 = 1.5 ohm Max. PIN 7-5 = 0.5 mohm Max.
PIN 1-4 to 7-5 = 44dB Min. @ 12MHz PIN 1-4 to 7-5 = 42dB Min. @ 17MHz PIN 1-4 to 7-5 = 30dB Min. @ 30MHz PIN 1-2= 1500V @ 10/700us Pri.-Sec.=2500V @ 2/10us PRI. - SEC. =1500VAC/60Hz/2Seconds/1mA PIN1-4 : PIN 7-5 = 2.51% :1
Dimensions (Units: mm)
Schematic
1.90 8.5Max
X DATE CODE G
B
8.0Max A
PIN1
0.80 SUGGESTED PAD LAYOUT
4.1 8.8
LAL**** LinkCom
Mark
1.LAL****----LAL0392 2. X----PRODUCT LINE
10.0Max
C
3. DATE CODE----YYWW 4. G----RoHS
1.90.5 E SQ0.40.2 F
5.1Ref 7.80.5 D
Form Ver. A


▲Up To Search▲   

 
Price & Availability of LAL0392-51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X