Part Number Hot Search : 
AN2720SC CM6802B AI5412 LC4032V 514EFE 3T064A MMBD1202 PE33673
Product Description
Full Text Search
 

To Download LAL0391-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAL0391-50
Broadband Access Transformer
Designed to meet UL 60950 and EN 60950 requirements for supplementary insulation and 250V working voltage RoHS Compliant Excellent THD performance Operating Temperature -40C to 85C
Electrical Specifications @25
OCL: Leakage Inductance Interwinding Capacitance T.H.D D.C.R Hi-POT Turn Ratio PIN 8-5= 470uH 10% @ 10KHz/0.1V/Ser. PIN 8-5= 0.7uH Max. @ 100KHz/0.1V PIN 1-8= 80 pF Max. @ 100KHz/0.1V PIN 8-5 to PIN 1-4= -65dB Max. @ 30KHz/3.162V PIN 1-4 = 0.45 ohm Max. PIN 8-5 = 0.8 ohm Max.
PRI. - SEC. =1500VAC/60Hz/2Seconds/1mA PIN8-5 : PIN 1-4 = 1.863% :1
Dimensions(Units: mm)
Schematic
1.90 8.5Max
X DATE CODE G
B
8.0Max A
PIN1
0.80 SUGGESTED PAD LAYOUT
4.1 8.8
LAL**** LinkCom
Mark
1.LAL****----LAL0391
10.0Max
2. X----PRODUCT LINE
C
3. DATE CODE----YYWW 4. G----RoHS
1.90.5 E SQ0.40.2 F
5.1Ref 7.80.5 D
Form Ver. A


▲Up To Search▲   

 
Price & Availability of LAL0391-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X