Part Number Hot Search : 
740SED 4C04W CS5842 FM102 T1008 SC265C3 2SC394 40150
Product Description
Full Text Search
 

To Download KMP1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1000 Series
Pulse Transformers
SELECTION GUIDE1
Pin Connection Style
A B B B B B A A C B B A
mH
1001C 1:1 1:1:1 2:1:1 1:1:1 1:1:1 1:1:1 1:1 1:1 3.0 3.0 12 7.4 22 3.0 3.0 0.8 8.8 24 6.0 6.1
Vs
200 200 400 310 550 200 200 130 340 570 285 280
H
22 9 35 20 85 3 22 4 60 70 30 -
pF
23 28 30 55 18 280 23 20 25 20 30 6
1.2 1.4 4.0 2.9 10.6 1.3 1.2 0.4 2.5 7.5 4.0 0.7
1.0 1.3 1.8 2.5 8.9 1.3 1.0 0.3 2.5 3.5 4.0 0.1
1.7 2.4 3.4 12.2 1.3 4.5 4.0 -
Vrms
2000 2000 2000 2000 2000 500VDC 3500 4000 2000 2000 2000 2000
FEATURES
RoHS compliant UL 94V-0 Package Material Isolation to 4kVrms Compact Footprint PCB Mounting Backward compatible with Sn/Pb soldering systems
1002C 1003C 1007C 1009C 1013C 1016C 1017C
1024C 1.2CT:1CT 1025C 2:1:1 1:1:1 100:1
DESCRIPTION
The 1000 series are intended for wideband and pulse operations. They are also suitable for signal isolation and use in small isolated power supplies. The compact footprint makes them ideal for applications where space is at a premium.
1026C 1082C
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range Storage temperature range
0C to 70C -60C to 125C
SOLDERING INFORMATION1
Peak wave solder temperature Pin finish
1 For further information, please visit www.murata-ps.com/rohs All specifications typical at TA=25C.
300C for 10 seconds Matte tin
TUBE DIMENSIONS
0.600.15 (0.0240.006)
17.00 (0.669)
8.00 (0.315)
All dimensions in mm (inches). Tube length: 4802mm (18.90.08) Tube quantity: 30
7.00 (0.276) 24.00 (0.945)
For full details go to www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_1000C_B02 Page 1 of 2
Mechanical Dimensions
2 1 1 1 1 1 2 2 1 1 1 2
Order Code
Turns Ratio 2%
Isolation Voltage
Max. Interwinding Capacitance Max. DC Resistance Primary Winding Max. DC Resistance Secondary 1 winding Max. DC Resistance Secondary 2 winding
Max. Leakage Inductance
Min. Primary Inductance
Min. Primary Constant, ET
1000 Series
Pulse Transformers
PIN CONNECTIONS (TOP VIEW)
MECHANICAL DIMENSIONS
1
2 Pri
1
15.06 (0.593)
2
15.06 (0.593)
15.06 (0.593)
A
Sec 6 5
1003C
YYWW
1001C
YYWW
15.06 (0.593)
2 Pri
1
15.750.50 (0.6200.02) 15.750.50 (0.6200.02)
B
4 S2 6 S1
3
20.5 (0.807)
20.5 (0.807)
5
O0.710.05 (O0.0280.002) O0.710.05 (O0.0280.002)
2 Sec Pri
1
5.08 (0.20)
C
4
3
5.08 (0.20)
10.16 (0.40)
6
5
10.16 (0.40)
All dimensions in mm (inches). Package weight: 8.0g Typ.
10.16 (0.40)
TECHNICAL NOTES
ISOLATION VOLTAGE `Hi Pot Test', `Flash Tested', `Withstand Voltage', `Proof Voltage', `Dielectric Withstand Voltage' & `Isolation Test Voltage' are all terms that relate to the same thing, a test voltage, applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation. All products in this series are 100% production tested at their stated isolation voltage. A question commonly asked is, "What is the continuous voltage that can be applied across the part in normal operation?" For a part holding no specific agency approvals both input and output should normally be maintained within SELV limits i.e. less than 42.4V peak, or 60VDC. The isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. The part could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible circuitry according to safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials, construction and environment. While parts can be expected to withstand several times the stated test voltage, the isolation capability does depend on the insulative materials used. Such materials are susceptible to chemical degradation when subject to very high applied voltages. We therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specified test voltage. This consideration equally applies to agency recognized parts rated for better than functional isolation where wire enamel insulation is always supplemented by a further insulation system of physical spacing or barriers.
USA: UK: France: Japan:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
Germany: Munchen, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
China:
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_1000C_B02 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of KMP1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X