|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IPB45P03P4L-11 IPI45P03P4L-11, IPP45P03P4L-11 OptiMOS(R)-P2 Power-Transistor Product Summary V DS R DS(on) (SMD Version) ID -30 10.8 -45 V m A Features * P-channel - Logic Level - Enhancement mode * AEC qualified * MSL1 up to 260C peak reflow * 175C operating temperature * Green Product (RoHS compliant) * 100% Avalanche tested * Intended for reverse battery protection PG-TO263-3-2 PG-TO262-3-1 PG-TO220-3-1 Type IPB45P03P4L-11 IPI45P03P4L-11 IPP45P03P4L-11 Package PG-TO263-3-2 PG-TO262-3-1 PG-TO220-3-1 Marking 4P03L11 4P03L11 4P03L11 Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol ID Conditions T C=25C, V GS=-10V1) T C=100C, V GS=-10V2) Pulsed drain current2) Avalanche energy, single pulse Avalanche current, single pulse Gate source voltage Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1 I D,pulse E AS I AS V GS P tot T j, T stg T C=25C I D=-22.5A T C=25 C Value Unit A -45 -42 -180 110 -45 +5/-16 58 -55 ... +175 55/175/56 mJ A V W C Rev. 1.0 page 1 2008-07-29 IPB45P03P4L-11 IPI45P03P4L-11, IPP45P03P4L-11 Parameter Symbol Conditions min. Thermal characteristics2) Thermal resistance, junction - case Thermal resistance, junction ambient, leaded SMD version, device on PCB R thJC R thJA R thJA minimal footprint 6 cm2 cooling area3) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0V, I D= -1mA V GS(th) I DSS V DS=V GS, I D=-85A V DS=-24V, V GS=0V, T j=25C V DS=-24V, V GS=0V, T j=125C2) Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=-16V, V DS=0V V GS=-4.5V, I D=-25A V GS=-4.5V, I D=-25A, SMD version V GS=-10V, I D=-45A V GS=-10V, I D=-45A, SMD version -30 -1.0 -1.5 -0.02 -2.0 -1 A V 2.6 62 62 40 K/W Values typ. max. Unit - -7 13.1 12.8 9.0 8.7 -70 -100 18.7 18.4 11.1 10.8 nA m Rev. 1.0 page 2 2008-07-29 IPB45P03P4L-11 IPI45P03P4L-11, IPP45P03P4L-11 Parameter Symbol Conditions min. Dynamic characteristics2) Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics2) Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Diode continous forward current2) Diode pulse current2) Diode forward voltage Reverse recovery time2) Reverse recovery charge2) 1) Values typ. max. Unit C iss C oss Crss t d(on) tr t d(off) tf V DD=-15V, V GS=-10V, I D=-45A, R G=3.5 V GS=0V, V DS=-25V, f =1MHz - 2900 835 21 7 3 45 14 3770 1090 42 - pF ns Q gs Q gd Qg V plateau V DD=-24V, I D=-45A, V GS=0 to -10V - 11 5 42 -3.6 14 10 55 - nC V IS I S,pulse V SD t rr Q rr T C=25C V GS=0V, I F=-45A, T j=25C V R=-15V, I F=-45A, di F/dt =-100A/s - -1.0 35 26 -45 -180 -1.3 - A V ns nC Current is limited by bondwire; with an R thJC = 2.6K/W the chip is able to carry -A at 25C. Defined by design. Not subject to production test. 2) 3) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air. Rev. 1.0 page 3 2008-07-29 IPB45P03P4L-11 IPI45P03P4L-11, IPP45P03P4L-11 1 Power dissipation P tot = f(T C); V GS -6V 2 Drain current I D = f(T C); V GS -6V; SMD 70 50 60 40 50 30 P tot [W] 30 -I D [A] 20 10 0 0 50 100 150 200 0 50 100 150 200 40 20 10 0 T C [C] T C [C] 3 Safe operating area I D = f(V DS); T C = 25C; D = 0; SMD parameter: t p 1000 4 Max. transient thermal impedance Z thJC = f(t p) parameter: D =t p/T 101 1 s 100 100 10 s 100 s 0.5 Z thJC [K/W] 0.1 0.05 -I D [A] 1 ms 10-1 0.01 10 10-2 single pulse 1 0.1 1 10 100 10-3 10-6 10-5 10-4 10-3 10-2 10-1 100 -V DS [V] t p [s] Rev. 1.0 page 4 2008-07-29 IPB45P03P4L-11 IPI45P03P4L-11, IPP45P03P4L-11 5 Typ. output characteristics I D = f(V DS); T j = 25C; SMD parameter: V GS 180 -10 V -5 V 6 Typ. drain-source on-state resistance R DS(on) = (I D); T j = 25C; SMD parameter: V GS 20 -4.0V -4.5 V -5.0 V 160 140 120 100 80 -4 V -4.5 V 15 R DS(on) [m] 10 -10V -I D [A] 60 40 20 0 0 1 2 3 4 5 6 -3.5 V -3 V 5 0 30 60 90 120 150 180 -V DS [V] -I D [A] 7 Typ. transfer characteristics I D = f(V GS); V DS = -6V parameter: T j 180 -55 C 25 C 175 C 8 Typ. drain-source on-state resistance R DS(on) = f(T j); I D =-45A; V GS = -10V; SMD 14 13 12 11 10 9 8 7 6 160 140 120 100 80 60 40 20 0 0 1 2 3 4 5 R DS(on) [m] -I D [A] 6 -60 -20 20 60 100 140 180 -V GS [V] T j [C] Rev. 1.0 page 5 2008-07-29 IPB45P03P4L-11 IPI45P03P4L-11, IPP45P03P4L-11 9 Typ. gate threshold voltage V GS(th) = f(T j); V GS = V DS parameter: I D 2 1.75 -850A Ciss 10 Typ. capacitances C = f(V DS); V GS = 0 V; f = 1 MHz 104 1.5 1.25 -85A 103 Coss -V GS(th) [V] 1 0.75 0.5 0.25 0 -60 -20 20 60 100 140 180 C [pF] 102 Crss 101 0 5 10 15 20 25 30 T j [C] -V DS [V] 11 Typical forward diode characteristicis IF = f(VSD) parameter: T j 103 12 Avalanche characteristics I AS = f(t AV) parameter: T j(start) 1000 102 100 I AV [A] -I F [A] 25 C 100 C 101 10 175 C 25 C 150 C 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1 1 10 100 1000 -V SD [V] t AV [s] Rev. 1.0 page 6 2008-07-29 IPB45P03P4L-11 IPI45P03P4L-11, IPP45P03P4L-11 13 Avalanche energy E AS = f(T j) parameter: I D 250 33 14 Drain-source breakdown voltage V BR(DSS) = f(T j); I D = 1mA 200 11.25 A 32 -V BR(DSS) [V] 150 31 E AS [mJ] 100 22.5 A 30 50 45 A 29 0 25 75 125 175 28 -60 -20 20 60 100 140 180 T j [C] T j [C] 15 Typ. gate charge V GS = f(Q gate); I D = -45A pulsed parameter: V DD 12 16 Gate charge waveforms V GS 10 6V 24V Qg 8 -V GS [V] 6 4 2 Q gs Q gd Q gate 0 0 10 20 30 40 50 Q gate [nC] Rev. 1.0 page 7 2008-07-29 IPB45P03P4L-11 IPI45P03P4L-11, IPP45P03P4L-11 Published by Infineon Technologies AG 81726 Munich, Germany (c) Infineon Technologies AG 2008 All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered. Rev. 1.0 page 8 2008-07-29 IPB45P03P4L-11 IPI45P03P4L-11, IPP45P03P4L-11 Revision History Version Date Changes Rev. 1.0 page 9 2008-07-29 |
Price & Availability of IPB45P03P4L-11 |