Part Number Hot Search : 
D1300 HA13165 BUX41N 240001 BR201 UNR4222 C1125 A2403
Product Description
Full Text Search
 

To Download HMI19-S033050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES HMI19 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES MEET MEDICAL STANDARD EN 60601-1/ UL 2601-1 EMI MEET EN 55011 & FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical. Input Connector: Molex 5273 or equivalent. Input Frequency: 47-63Hz. Inrush Current: 16A @ 230Vac. Input Current: 0.4A@115Vac & 0.22A@230Vac. Dielectric Withstand: Meet IEC 60601-1. EMI: Meet EN55011 & FCC Class B. Hold-up Time: Typ. 14mS @ 115Vac. Typ. 70mS @ 230Vac. Earth Leakage: Less than 0.10 mA.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: Typ. 19-20W. Output Connector: Molex 5273 or 41671. Line Regulation: Typ. 0.2-1.0%. Load Regulation: Main VO1 typ. 1.0%. Aux. VO2 typ. 2-3.0%(Stacked). Aux. VO3 typ. 1-2.0%(P.R.). Noise & Ripple: Typ. 1% peak to peak. OVP: Built-in at main output VO1. Adjustability: Factory set. Over Load Protection (OLP): Fully protected against overload or short circuit. Typ. 120-150% max. load. Consult the factory for special OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 73%. Switching Frequency: Typ. 67K Hz. Circuit Topology: Fixed-frequency Flyback Circuit. Transient Response: Output voltage returns in less than 0.2mS following a 25% load change. Safety standard: Meet Medical standards UL2601-1/ EN 60601-1 Class I. Operating Temperature: 0 to +50C. Storage Temperature: -20 to +85C. Temperature Coefficient: Typ. 0.04% /C. Cooling: Free air convection. Construction: L-Bracket open frame format. Power Density: 3.3 Watts / Cubic Inch.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
In application
-9-
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO. HMI19-S033050 HMI19-S050043 HMI19-S120017 HMI19-S240009 MAIN VO1@ Typ. 5.0A 4.3A 1.7A 0.9A Volt. +3.3V +5.0V +12.0V +24.0V Max. 6.0A 5.0A 2.0A 1.0A
DUAL OUTPUT
MODEL NO. HMI19-D033I HMI19-D033M HMI19-D050M HMI19-D050I MAIN VO1@ Typ. 4.0A 4.0A 4.0A 4.0A Volt, +3.3V +3.3V +5.0V +5.0V Max. 5.0A 5.0A 5.0A 5.0A AUX. VO2 or Typ. Volt. Max. 0.3A +12V 0.6A 0.3A +24V 0.5A 0.3A +24V 0.5A 0.3A +12V 0.6A Pk. 1A 1A 1A 1A
TRIPLE OUTPUT
MODEL NO. HMI19-T033II HMI19-T033MI HMI19-T050II HMI19-T050MI HMI19-T050KK
Symbol: "" OVP built-in.
MAIN VO1@ Typ. 4.0A 4.0A 3.0A 3.0A 3.0A Volt. +3.3V +3.3V +5.0V +5.0V +5.0V Max. 5.0A 5.0A 4.0A 4.0A 4.0A Typ.
AUX. VO2 Volt. Max. Pk. 2A 1A 2A 1A 1A Typ. 0.5A +12V 1.0A 0.3A +24V 0.5A 0.5A +12V 1.0A 0.3A +24V 0.5A 0.4A +15V 0.8A
AUX. VO3 Volt. Max. Pk. 1A 1A 1A 1A 1A 0.3A +12V 0.6A 0.3A +12V 0.6A 0.3A +12V 0.6A 0.3A +12V 0.6A 0.3A -15V 0.6A
"@" Adjustable.
"" Installed with Post Regulator (P.R.).
"" Stacked-on main O/P.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 373.0g (13.2 Oz.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
SINGLE OUTPUT DUAL OUTPUT DC N/A VO1 VO2 N/A COM. P1-L P1-N P1-G P2-2 P2-3,4 P2-1 P2-2 P2-4 P2-3 CNTR & PIN # Mating connector: P1: Molex 5195 or 5239 series. P2: Molex 5195 or 5239 series/ 3069 series. ASSIGNMENT AC-L AC-N AC-G VO1 AC INPUT TRIPLE OUTPUT DC COM. P2-1 VO1 P2-2 VO2 P2-3 VO3 P2-4 DC COM. P2-1
-10-


▲Up To Search▲   

 
Price & Availability of HMI19-S033050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X