Part Number Hot Search : 
HZK5LLC SC250D KP100A 02435 72968 CDR21 HT23C256 30VSK6C
Product Description
Full Text Search
 

To Download GP10M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
SEMICONDUCTOR
RC GP
GP10A THRU GP10M
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts Forward Current -1.0Ampere
FEATURES
GPRC( Glass Passivated Rectifier Chip) inside Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 1.0Ampere operation at Ta=75aeand 55aewith no thermal runaway Typical IR less than 0.1uA High temperature soldering guaranteed:260ae /10 seconds Plastic Package has Under writers Laboratory Flammability Classtification 94V-0 0.107(2.7) 0.080(2.0) DIA
JF
DO-41
1.0(25.4) MIN
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic body Terminals: Lead solderable per MIL-STD-750,method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012ounce, 0.33 gram 0.034(0.85) 0.028(0.71) DIA
0.205(5.20) 0.180(4.10)
1.0(25.4) MIN
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 C ambient temperature unless otherwise specified )
Symbols Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum average Forward Rectified Current 0.375"(9.5mm) lead length at TA=75 C Peak Forward Surge Current (8.3ms half sinewave superimposed on rated load (JEDEC method) TA=75 C Maximum Instantaneous Forward Voltage at 1.0 A Maximum Reverse current at rated DC Blocking Voltage Typical Thermal resistance (Note 2) TA =25 C TA =100 C GP 10A 50 35 50 GP 10B 100 70 100 GP 10D 200 140 200 GP 10G 400 280 400 1.0 30.0 GP 10J 600 420 600 GP 10K 800 560 800 GP 10M 1000 700 1000 Unis
VRRM VRMS VDC I(AV) IFSM VF IR R R
JA JL
Volts Volts Volts Amp Amps Volts A
C/W
1.0 5.0 50.0 55.0 25.0 10.0 +150 -50 to+175
Typical Junction Capacitance(Note 1) Maximum DC Blocking Voltage temperature Operating and Storage temperature Range
CJ TA TJ TSTG
PF C C
Note: 1.Measured at 1MHz and applied reverse voltage of 4.0V DC.
2.Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm)lead length, P.C.B. mounted
7-10
JINAN JINGHENG CO., LTD. NO.51 HEPING ROAD PR CHINA TEL:86-531-6943657 FAX:86-531-6947096 WWW.JIFUSEMICON.COM
SILICON RECTIFIER
RATINGS AND CHARACTERISTIC CURVES GP10A THRUGP10M
FIG.1-FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD CURRENT( AMPERES)
1.0 0.8 0.6 0.4 0.2 00 25 50 75 100 150 125 175
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
AVERAGE FORWARD CURRENT AMPERES
FIG.2-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 10 1 0.1
TJ=25 C PULSE WIDTH=300 S 1% DUTY CYCLE
LEAD TEMPERATURE ( C)
FIG.3-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
0.01 0.8 1.0 1.2 1.4 0.6 1.5
INSTANTANEOUS FORWARD V OLTAGE (VOL TS)
10
NUMBER OF CYCLES AT 60Hz
100
INSTANTANEOUS REVERSE CURRENT ( A)
50 40 30 20 10 0 1
PEAK FORWARD SURGE CURRENT(AMPERES)
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
FIG.4-TYPICAL REVERSE CHARACTERISTICS
10 1.0 0.1
TJ=25 C TJ=100 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
100
JUNCTION CAPACITANCE(pF)
0.01 20 40 60 80 100 120 140 0
TJ=25 C
PERCENT OF RATED PEAK REVERSE VOLT AGE %
10
1 0.1 1 10 100
REVERSE VOLTAGE. (VOL TS)
7-11
JINAN JINGHENG CO., LTD. NO.51 HEPING ROAD PR CHINA TEL:86-531-6943657 FAX:86-531-6947096 WWW.JIFUSEMICON.COM
SILICON RECTIFIER


▲Up To Search▲   

 
Price & Availability of GP10M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X