Part Number Hot Search : 
CD80C86 CMCS5066 188EC 045PB 780034 26N60 LT425 RT3YB7M
Product Description
Full Text Search
 

To Download GBU8J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBU8A thru GBU8M SERIES
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
CHENG- YI
ELECTRONIC
REVERSE VOLTAGE -50 to 1000 Volts FORWARD CURRENT -8.0 Amperes
FEATURES
Surge overload rating-175 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique Plastic material has Underwriters Laboratory Flammability classification 94V-O Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
GBU8A
GBU8B
100 70 100
GBU8D
200 140 200
GBU8G
400 280 400 8.0
3.2
GBU8J
600 420 600
GBU8K
800 560 800
GBU8M
1000 700 1000
UNITS
V V V A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note2) Rectified Current @ TC=100 C (without heatsink)
0
VRRM VRMS VDC I(AV)
50 35 50
Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load(JEDEC Method) Maximum DC Forward Voltage at 4.0A DC Maximum DC Reverse Current at rated DC Blocking Voltage I2 t Rating for fusing (t<8.3ms) Typical Junction Capacitance per element(Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range R
@ TA=25 C
0
IFSM
200
A
VF IR I2 t CJ JC TJ TSTG
1.0 5.0 500
166 60 2.2
0
V A AS
PF
2
@ TA=1250C
C/W
0
-55 to +150 -55 to +150
C C
0
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2. Device mounted on 100mm x 100mm X 1.6mm Cu Plate Heatsink.
GBU8A thru GBU8M SERIES
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
RATING AND CHARACTERISTICS CURVES GBU8A THRU GBU8M
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
PEAK FORWARD SURGE CURRENT, AMPERES
CHENG- YI
ELECTRONIC
FIG. 1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
10.0
WITH HEATSINK
8.0 6.0
WITHOUT HEATSINK
170
150
4.0 2.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
100
50
Single Half Sine-Wave (JEDEC METHOD)
0.0 0 20 40 60 80 100 120 140
0 1 2 5 10 20 50 100
CASE TEMPERATURE, 0C
NUMBER OF CYCLES AT 60Hz
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
1000 100
FIG. 4 - TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, (A)
CAPACITANCE, (pF)
100
10
10
1.0
0 TJ=25C, f= 1MHz
0 TJ=25C PULSE WIDTH:300
S
1.0 1.0 4.0 10.0 100
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE, VOLTS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 5 - TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT, (
A)
0 TJ=125C
100
0 TJ=100C
10
TJ=500C
1.0
TJ=250C
0.1 0 20 40 60 80 100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)


▲Up To Search▲   

 
Price & Availability of GBU8J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X