Part Number Hot Search : 
XLUGR2 HT7466 EM73469A P6KE18A 68HC908 N5236B UF206 MPSW05G
Product Description
Full Text Search
 

To Download GBU8J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Bridge rectifiers
Feature
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0 This series is UL listed under the Recognized Component index,file number E231047 Single-in-line package High current capality with small package Superior thermal conductivity High temperature soldering guaranted: 260 /10 seconds
G BU8 Series
High IFSM
We declare that the material of product compliance with RoHS requirements.
Product Characteristic
Item
Maximum repetitive voltage Maximum DC reverse current TA=25 at rated DC blocking voltage TA=125 Average recified forward current 60Hz sine wave,R-load with heatsink Tc=100
(1)(2)
Symbol GBU8A
GBU8B
GBU8D
GBU8G
GBU8J
GBU8K GBU8M Unit
VRM IR Io IFSM Vdia RJA RJC VF Tj Tstg
50
100
200
400 5 500 8 200 2.5 21(2) 2.2(1) 1.0 150 -55~150
600
800
1000
V A A A KV /W V
Peak forward surge current 10.0 ms single half sine-wave superimposed on rated load Dielectric strength Terminals to case, AC 1 minute Current 1mA Typical thermal resistance per leg
(3)
Maximum instantaneous forward voltage at 4A Operating junction temperature Storage temperature
Notes
(1)Unit case mounted on Al plate heat-sink transfer with #6 screw{heat-sink size:8.2*8.2*03cm)
(2) Unites mounted on P.C.B. without heat-sink
(3)Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat
1/4
LESHAN RADIO COMPANY, LTD.
Characteristic Curves
Fig. 1 Derating Curves
Average Rectified Forward Current Io(A)
Case Temperature Tc(
)
Fig.2
Typical Reverse Characteristics
Instantaneous Reverse Current Microamperes
Percent of Rated Peak Reverse Voltage
2/4
LESHAN RADIO COMPANY, LTD.
Fig.3 Peak Surge Forward capability
Peak Surge Forward Current IFSM(A)
Number of Cycles at 60 Hz(cycles)
Fig.4 Forward Voltage
Forward Current IF(A)
Forward Voltage V F(V)
3/4
LESHAN RADIO COMPANY, LTD.
SHAPE AND DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSIY14.5M, 1982. 2. CONTROLLING DIMENSION: mm.
4/4


▲Up To Search▲   

 
Price & Availability of GBU8J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X