Part Number Hot Search : 
L1013 HD153129 5KA43A SM110 A101M MBRS1035 SP5026DP SP5026DP
Product Description
Full Text Search
 

To Download GBPC1508W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBPC15,25,35/W SERIES
15/25/35 A GLASS PASSIVATED BRIDGE RECTIFIER
CHENG- YI
ELECTRONIC
GBPC GBPC-W
FEATURES
Glass Passivated Die Construction Low Reverse Leakage Current Low Power Loss, High Efficiency Electrically lsolated Epoxy Case for Maximum Heat Dissipation Case to Terminal lsolation Voltage 2500V UL Recognized File #E157705
MECHANICAL DATA
Cass: Epoxy Cass With Heat Sink Internally Mounted in Bridge Encapsulation Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Symbols Marked on Case Mounting: Through Hole for #10 Screw Weight: GBPC 24 grams (approx.) GBPC-W 21 grams (approx.) Marking: Type Number
Dim A *B C D E G H
GBPC Max Min 28.40 28.70 7.30 7.90 15.70 16.70 17.50 18.50 22.86 25.40 Hole for #10 screw, 6.35 Typical
GBPC-W Max Min 28.40 28.70 7.30 7.90 17.10 19.10 10.90 11.90 _ 30.50 5.08 Nominal
1.07
0.97 ALLDimension in mm
"W" Suffix Designates Wire Leads No Suffix Designates Faston Terminals *ALL Models Available on Dim. B=7.9mm Max. Epoxy Case
0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS @ TA=25 C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristics Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Output Current @ TC=55 C
0
Symbol VRRM VRWM VR VR(RMS)
GBPC15 GBPC25 GBPC35 GBPC15 GBPC25 GBPC35
-00/W
-01/W
-02/W
-04/W
-06/W
-08/W
-10/W
UNITS
50
100
200
400
600
800
1000
V
35
70
140
280 15 25 35 300 300 400
420
560
700
V A
IO
Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave Superimposed on rated load (JEDEC Mehtod) Forward Voltage Drop (per element) Peark Reverse Current At Rated DC Blocking Voltage I2 t Rating for Fusing (t<8.3ms) (Note.1)
IFSM
A
GBPC15 @IF =7.5A GBPC25 @IF =12.5A GBPC35 @IF =17.5A
@ TC=250C @ TC=1250C
VFM IRM I2 t
1.1 5.0 500
375 375 660
V
A
GBPC15 GBPC25 GBPC35
AS
2
GBPC15,25,35/W SERIES
15/25/35 A GLASS PASSIVATED BRIDGE RECTIFIER
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES GBPC15,25,35/W SERIES
Fig. 1 Forward. Current Derating Curve
40 100
Mounted on a 220 x 220 x 50 mm All plate heatsink
Fig. 2 Typical Forward Characteristics (per element)
30
GBPC25
IF, INSTANTANEOUS FORWARD CURRENT (A)
GBPC25
IF, AVERAGE FORWARD CURRENT (A)
10
GBPC15, 25
20
GBPC15
1.0
GBPC35
10
0.1
Resistive or Inductive load
TJ = 25 C
o
0
0.01 0 0.2 0.4 0.6 0.8 1.0
Pulse Width = 300 s
0
25
50
75
100
125
150
1.2
1.4
1.6
1.8
TC, CASE TEMPERATURE, (0C)
VF, INST ANTANEOUS FORWARD VOL TAGE (V)
Fig. 3 Max Non-Repetitive Surge Current A)
400
Single Half-Sine Wave (JEDEC Method)
Fig. 4 Typical Junction Characteristics (per element)
1000
f = 1 MHz o TJ = 25 C
I FSM, PEAK FW D. SURGE CURRENT (
300
GBPC35
200
GBPC15, 25
C J, CAPACITANCE (pF)
100
100
100
TJ= 150oC
0 1 10 10 0.1 1.0 10 100
NUMBER OF CYCLES AT 60 Hz
VR, REVERSE VOLTAGE (V) Fig. 5 Typical Reverse Characteristics (per element)
100
IR, INSTANTANEOUS REVERSE CURRENT (A)
TJ = 125 C
o
10
1.0
0.1
TJ = 25oC
0.01 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)


▲Up To Search▲   

 
Price & Availability of GBPC1508W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X