Part Number Hot Search : 
X49XX 501153 VN66AF SF2181D FDQ7238S SSW1N50B TEH0521 6982S
Product Description
Full Text Search
 

To Download FLT007A0-SR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet March 26, 2008
FLT007A0/FLT007A0-SR Input Filter Modules 75Vdc Input Voltage Maximum; 7A Output Current Maximum
RoHS Compliant
Features
Compliant to RoHS EU Directive 2002/95/EC (Z versions) Compatible in a Pb-free or SnPb reflow environment (Z versions) Surface Mount and Through hole versions Common-mode and Differential-mode filtering Small size and low profile 25.4 mm x 25.4 mm x 12.2 mm (1 x 1 x 0.48 in) Same footprint as FLTR75V5 module
Applications
Distributed power architectures Intermediate bus voltage applications Telecommunications equipment Wireless Base stations Enterprise Networks Industrial equipment
Cost efficient open frame design Wide operating temperature range (-40C to +85C) Meets the voltage isolation requirements for ETSI 300-132-2 and complies with and is licensed for Basic Insulation rating per EN60950-1 UL* 60950-1 Recognized, CSA C22.2 No. 60950-103 Certified, and VDE 0805:2001-12 (EN60950-1) Licensed CE mark meets 73/23/EEC and 93/68/EEC directives ISO** 9001 and ISO 14001 certified manufacturing facilities
Options
Surface Mount Interconnect (-SR)
Description
The FLT007A0 filter module is designed to operate over an input voltage range up to 75Vdc at output currents up to 7A in an ambient temperature of -40C to 85C. The filter module is optimized for use with dc/dc converter modules, to significantly reduce the conducted differential and common-mode noise returned to the power source. This filter module enables designers to meet the requirements of EMI standards CISPR 22 (EN55022) and FCC Class B by insertion in-line between the power source and the dc/dc converter module. These modules are designed and manufactured to be either surface mounted (-SR version) or through hole mounted on PCBs.
* UL is a registered trademark of Underwriters Laboratories, Inc.

CSA is a registered trademark of Canadian Standards Association. VDE is a trademark of Verband Deutscher Elektrotechniker e.V. ** ISO is a registered trademark of the International Organization of Standards
Document No:DS05-028 ver 1.23 PDF name: FLT007A0_FLT007A0-SR_ds.pdf
Data Sheet March 26, 2008
FLT007A0/FLT007A0-SR Input Filter Modules 75Vdc Input Voltage Maximum, 7A Output Current Maximum
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
Parameter Input Voltage Continuous Operating Ambient Temperature (see Thermal Considerations section) Storage Temperature I/O to Ground Isolation All All Tstg - -55 - 125 2250 C Vdc All All VIN TA 0 -40 100 85 Vdc C Device Symbol Min Max Unit
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.
Parameter Operating Input Voltage Maximum Input-to-Output Current (VIN= 0 to ViN,max) Resistance per leg All All Imax R 7 25 Adc m Device All Symbol VIN Min 0 Typ 24/48 Max 75 Unit Vdc
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to an integrated part of sophisticated power architecture. To preserve maximum flexibility, internal fusing is not included, however, to achieve maximum safety and system protection, always use an input line fuse. The safety agencies require a fast-acting fuse with a maximum rating of 10 A (see Safety Considerations section). Based on the information provided in this data sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating can be used. Refer to the fuse manufacturer's data sheet for further information.
LINEAGE POWER
2
Data Sheet March 26, 2008
FLT007A0/FLT007A0-SR Input Filter Modules 75Vdc Input Voltage Maximum, 7A Output Current Maximum
Insertion Loss Tables
Parameter Common-mode Insertion Loss 50 circuit, 500kHz 50 circuit, 1MHz 50 circuit, 10MHz Differential-mode Insertion Loss 50 circuit, 500kHz 50 circuit, 1MHz 50 circuit, 10MHz All All All 44 60 40 50 66 46 All All All 44 54 44 50 60 50 dB Device Symbol Min Typ Max Unit
dB dB dB dB dB
General Specifications
Parameter Calculated MTBF (VIN= VIN, nom, IO= 0.8IO, max, TA=40C) Telecordia SR 332 Issue 1: Method 1, case 3 Weight Min Typ 22,576,100 7.8 (0.275) Max Unit Hours g (oz.)
LINEAGE POWER
3
Data Sheet March 26, 2008
FLT007A0/FLT007A0-SR Input Filter Modules 75Vdc Input Voltage Maximum, 7A Output Current Maximum
Characteristic Curves
The following figures provide typical characteristics for the FLT007A0 Module.
0 -10
INSERTION LOSS (dB)
-20 -30 -40 -50 -60 -70 -80 0.01
INPUT
8 4 N 5 1 ame = 4
8 4 N 5 1 ame = 4
OUTPUT
GROUND
0.1 1 10 100
FREQUENCY (MHz)
Figure 1. Typical Common-Mode Insertion Loss in a 50 circuit.
0 -10 -20
Figure 4. Internal Schematic
INSERTION LOSS (dB)
-30 -40 -50 -60 -70 -80 -90 -100 0.01 0.1 1 10 100
FREQUENCY (MHz)
Figure 2. Typical Differential-Mode Insertion Loss in a 50 circuit.
8
OUTPUT CURRENT, Io (A)
7
6 2m/s (400LFM) 1m/s (200LFM) 5 0.5m/s (100LFM) NC 4 20 30 40 50 60 70
O
80
90
AMBIENT TEMPERATURE, TA C
Figure 3. Derating Output Current versus Local Ambient Temperature and Airflow.
LINEAGE POWER
4
Data Sheet March 26, 2008
FLT007A0/FLT007A0-SR Input Filter Modules 75Vdc Input Voltage Maximum, 7A Output Current Maximum
Application Guidelines
Conducted noise on the input power lines can occur as either differential-mode or common-mode noise currents. Differential-mode noise is measured between the two input lines, and is found mostly at the low frequency end of the spectrum. This noise shows up as noise at the fundamental switching frequency and its harmonics. Common-mode noise is measured between the input lines and ground and is mostly broadband noise above 10 MHz. The high-frequency nature of common-mode noise is mostly due to the high-speed switching transitions of power train components. Either or both types of noise may be covered in a specification, as well as a combination of the two. Differential-mode noise is best attenuated using a filter composed of line-to-line capacitors (X caps) and series inductance, provided by either a discrete inductor or the leakage inductance of a commonmode choke. In addition to the differential filtering provided by the filter module, it is recommended that an electrolytic capacitor be located at the converter side of the filter to provide additional attenuation of low-frequency differential noise and to provide a low source impedance for the converter, preventing input filter oscillations and load transient induced input voltage dips. Open-frame DC/DC converter modules and the older metal-cased DC/DC converter modules require slightly different filtering arrangements. The FLT007A0 series of modules are optimized for the newer open-frame series of modules, but can also be used with older metal-case modules. The main differences in filtering recommendations between the two types of modules are in common-mode filtering, as explained below.
where the two common-mode capacitors are to be placed is shown in Fig. 6.
C2 VI(+)
VI(+) VO(+)
FILTER MODULE
VI(-) CHASSIS GROUND
C1
DC/DC CONVERTER MODULE
VI(-) VO(-)
C3
Figure 5. Schematic diagram showing recommended connection of the FLT007A0 filter module with open-frame DC/DC converter modules.
C2 VO+ PLANE VIN+
VIN+ VI+ V O+
Input
FLT007A0 MODULE
GND VIN-
V O+
C1
DC/DC CONVERTER
Load
V O-
VIN- CHASSIS GROUND
VI-
V O-
VO- PLANE C3
Figure 6. Diagram showing recommended layout of the FLT007A0 filter module with openframe DC/DC converter modules.
Filtering Metal-Case DC/DC Converter Modules
For metal-case DC/DC converter modules with a case pin, a different filtering arrangement and layout is recommended. Figure 7 shows the schematic diagram of the recommended circuit. The main difference with open-frame module is the use of an isolated shield plane located underneath the module which is connected through capacitors C2 through C5 to the input and output connections of the module. The shield plane along with the case of the module serves as a Faraday shield helping reduce EMI. The corresponding layout for metal-case modules is shown in Fig. 8.
Filtering Open-Frame DC/DC Converter Modules
For filtering open-frame DC/DC converter modules, the recommended circuit is shown in Fig. 5. In addition to the input electrolytic filter capacitor C1 (recommended value is a minimum of 100uF and approximately 1uF/W at power levels above 100W), common-mode filtering capacitors C2 and C3 should be connected between the input and outputs as shown. Suitable values for common-mode capacitors C2 and C3 are in the range between 1000pF to 0.1F are usually indicated in the DC/DC converter data sheet. These capacitors need to be rated for the isolation voltage desired between the input and output sides of the DC/DC converter module. The recommended power layout of the modules showing
LINEAGE POWER
5
Data Sheet March 26, 2008
FLT007A0/FLT007A0-SR Input Filter Modules 75Vdc Input Voltage Maximum, 7A Output Current Maximum
Level 80
[dBV]
VI(+)
VI(+)
VO(+)
70 60 50 40 30
FILTER MODULE
VI(-)
C1
DC/DC CONVERTER MODULE
VI(-) CASE VO(-)
CHASSIS GROUND
C2
C3
C4
C5
20 10
SHIELD PLANE
0
150k
300k
500k
Figure 7. . Schematic diagram showing recommended connection of the FLT007A0 filter module with metal-cased DC/DC converter modules.
C2 VIN+
VI+ VIN+ VO +
1M 2M 3M 4M 5M Frequency [Hz]
7M
10M
30M
Figure 9. Experimental results showing conducted EMI measured using a FLT007A0 module with a QBE025A0B1 DC/DC converter.
C4
VO+
Input
FLT007A0 MODULE
GND VIN- VO-
C1
DC/DC CONVERTER
CASE VI-
Load
VIN- CHASSIS GROUND
SHIELD PLANE
VO-
C3
C5
Figure 8. Diagram showing recommended layout of the FLT007A0 filter module with metalcase DC/DC converter modules.
Example Data Showing Results using the FLT007A0 Modules
Figure 9 shows example results obtained using a QBE025A0B1 DC/DC converter module with the FLT007A0 filter module. The QBE025A0B1 module is operated at an input voltage of 43.2V and output loading corresponding to an input current of 6.2A, a level close to the 7A capability of the FLT007A0 filter module. A 10nF ceramic capacitor was connected between Vin(-) and Vo(-) and a 4700pF ceramic capacitor between Vin(+) and Vo(+). The results show that the filter module is capable of meeting EN55022 Class B limits with sufficient margin.
LINEAGE POWER
6
Data Sheet March 26, 2008
FLT007A0/FLT007A0-SR Input Filter Modules 75Vdc Input Voltage Maximum, 7A Output Current Maximum
Thermal Considerations
Power modules operate in a variety of thermal environments; however, sufficient cooling should always be provided to help ensure reliable operation. Considerations include ambient temperature, airflow, module power dissipation, and the need for increased reliability. A reduction in the operating temperature of the module will result in an increase in reliability. The thermal data presented here is based on physical measurements taken in a wind tunnel. The test setup is shown in Fig. 10. Note that the airflow is parallel to the long axis of the module as shown in Fig. 10.
25.4_ (1.0)
Wind Tunnel PWBs
Figure 11. Tref Temperature measurement location.
Power Module
76.2_ (3.0)
x
12.7_ (0.50)
Probe Location for measuring airflow and ambient temperature
Air flow
Figure 10. Thermal Test Set-up. The thermal reference point, Tref used in the specifications is shown in Figure 11. For reliable operation this temperature should not exceed 125oC. The output power of the module should not exceed the rated output current of the module. Please refer to the Application Note "Thermal Characterization Process For Open-Frame BoardMounted Power Modules" for a detailed discussion of thermal aspects including maximum device temperatures.
LINEAGE POWER
7
Data Sheet March 26, 2008
FLT007A0/FLT007A0-SR Input Filter Modules 75Vdc Input Voltage Maximum, 7A Output Current Maximum
Post solder Cleaning and Drying Considerations
Post solder cleaning is usually the final circuit-board assembly process prior to electrical board testing. The result of inadequate cleaning and drying can affect both the reliability of a power module and the testability of the finished circuit-board assembly. For guidance on appropriate soldering, cleaning and drying procedures, refer to Lineage Power Board Mounted Power Modules: Soldering and Cleaning Application Note.
nozzle outer diameter, which will safely fit within the allowable component spacing, is 8 mm max.
Pick and Place Location
Through-Hole Lead-Free Soldering Information
The RoHS-compliant through-hole products use the SAC (Sn/Ag/Cu) Pb-free solder and RoHS-compliant components. They are designed to be processed through single or dual wave soldering machines. The pins have an RoHS-compliant finish that is compatible with both Pb and Pb-free wave soldering processes. A maximum preheat rate of 3C/s is suggested. The wave preheat process should be such that the temperature of the power module board is kept below 210C. For Pb solder, the recommended pot temperature is 260C, while the Pb-free solder pot is 270C max. Not all RoHS-compliant through-hole products can be processed with paste-through-hole Pb or Pb-free reflow process. If additional information is needed, please consult with your Lineage Power representative for more details.
Figure 12. Pick and Place Location.
Tin Lead Soldering
The FLT007A0-SR power modules are lead free modules and can be soldered either in a lead-free solder process or in a conventional Tin/Lead (Sn/Pb) process. It is recommended that the customer review data sheets in order to customize the solder reflow profile for each application board assembly. The following instructions must be observed when soldering these units. Failure to observe these instructions may result in the failure of or cause damage to the modules, and can adversely affect long-term reliability. In a conventional Tin/Lead (Sn/Pb) solder process peak reflow temperatures are limited to less than 235oC. Typically, the eutectic solder melts at 183oC, wets the land, and subsequently wicks the device connection. Sufficient time must be allowed to fuse the plating on the connection to ensure a reliable solder joint. There are several types of SMT reflow technologies currently used in the industry. These surface mount power modules can be reliably soldered using natural forced convection, IR (radiant infrared), or a combination of convection/IR. For reliable soldering the solder reflow profile should be established by accurately measuring the modules CP connector temperatures.
Surface Mount Information
Pick and Place
The FLT007A0-SR SMT modules use an open frame construction and are designed for a fully automated assembly process. The modules are fitted with a label designed to provide a large surface area for pick and place operations. The label meets all the requirements for surface mount processing, as well as safety standards, and is able to withstand reflow o temperatures of up to 300 C. The label also carries product information such as product code, serial number and location of manufacture.
Nozzle Recommendations
The module weight has been kept to a minimum by using open frame construction. Even so, these modules have a relatively large mass when compared to conventional SMT components. Variables such as nozzle size, tip style, vacuum pressure and pick & placement speed should be considered to optimize this process. The minimum recommended nozzle diameter for reliable operation is 5mm. The maximum
LINEAGE POWER
8
Data Sheet March 26, 2008
FLT007A0/FLT007A0-SR Input Filter Modules 75Vdc Input Voltage Maximum, 7A Output Current Maximum
300
Pb-free Reflow Profile
P eak Temp 235oC Co o ling zo ne 1 oCs -1 -4
250
REFLOW TEMP (C)
200
Heat zo ne max 4oCs -1
150
100
So ak zo ne 30-240s P reheat zo ne max 4oCs -1
Tlim above 205oC
50
Power Systems will comply with J-STD-020 Rev. C (Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices) for both Pb-free solder profiles and MSL classification procedures. This standard provides a recommended forced-air-convection reflow profile based on the volume and thickness of the package (table 4-2). The suggested Pb-free solder paste is Sn/Ag/Cu (SAC). The recommended linear reflow profile using Sn/Ag/Cu solder is shown in Figure. 15.
0
MSL Rating
REFLOW TIME (S)
Figure 13. Reflow Profile for Tin/Lead (Sn/Pb) process.
240 235
The FLT007A0-SR SMT modules have a MSL rating of 1.
Storage and Handling
The recommended storage environment and handling procedures for moisture-sensitive surface mount packages is detailed in J-STD-033 Rev. A (Handling, Packing, Shipping and Use of Moisture/Reflow Sensitive Surface Mount Devices). Moisture barrier bags (MBB) with desiccant are required for MSL ratings of 2 or greater. These sealed packages should not be broken until time of use. Once the original package is broken, the floor life of the product at conditions of <= 30C and 60% relative humidity varies according to the MSL rating (see J-STD-033A). The shelf life for dry packed SMT packages will be a minimum of 12 months from the bag seal date, when stored at the following conditions: < 40 C, < 90% relative humidity.
300
MAX TEMP SOLDER (C)
230 225 220 215 210 205 200 0 10 20 30 40 50 60
Figure 14. Time Limit Curve Above 205oC Reflow for Tin Lead (Sn/Pb) process.
Lead Free Soldering
The FLT007A0-SR SMT modules are lead-free (Pbfree) and RoHS compliant and are both forward and backward compatible in a Pb-free and a SnPb soldering process. Failure to observe the instructions below may result in the failure of or cause damage to the modules and can adversely affect long-term reliability.
Per J-STD-020 Rev. C Peak Temp 260C
250 Cooling Zone
Reflow Temp (C)
200 * Min. Time Above 235C 15 Seconds Heating Zone 1C/Second *Time Above 217C 60 Seconds
150
100
50
0
Reflow Time (Seconds)
Figure 15. Recommended linear reflow profile using Sn/Ag/Cu solder.
LINEAGE POWER
9
Data Sheet March 26, 2008
FLT007A0/FLT007A0-SR Input Filter Modules 75Vdc Input Voltage Maximum, 7A Output Current Maximum
Mechanical Outline
Dimensions are in millimeters and [inches]. Tolerances: x.x mm 0.5 mm [x.xx in. 0.02 in.] (Unless otherwise indicated) x.xx mm 0.25 mm [x.xxx in 0.010 in.]
FLT007A0 (Through Hole Version)
Bottom View
Side View FLT007A0-SR (SMT Version)
Bottom View
Side View
* - May be either + or - polarity, but must be same for pin 1 and 4. ** - Pin 2 and 5 shall be polarity that is opposite from pins 1 and 4.
LINEAGE POWER
10
Data Sheet March 26, 2008
FLT007A0/FLT007A0-SR Input Filter Modules 75Vdc Input Voltage Maximum, 7A Output Current Maximum
Recommended Pad Layout
Dimensions are in millimeters and [inches]. Tolerances: x.x mm 0.5 mm [x.xx in. 0.02 in.] (Unless otherwise indicated) x.xx mm 0.25 mm [x.xxx in 0.010 in.]
FLT007A0 (Through Hole Version)
FLT007A0-SR (SMT Version)
* - May be either + or - polarity, but must be same for pin 1 and 4. ** - Pin 2 and 5 shall be polarity that is opposite from pins 1 and 4.
LINEAGE POWER
11
Data Sheet March 26, 2008
FLT007A0/FLT007A0-SR Input Filter Modules 75Vdc Input Voltage Maximum, 7A Output Current Maximum
Ordering Information
Please contact your Lineage Power Sales Representative for pricing, availability and optional features. Table 1. Device Codes
Device Code FLT007A0 FLT007A0Z FLT007A0-SR FLT007A0-SRZ Input Voltage Range 0 - 75Vdc 0 - 75Vdc 0 - 75Vdc 0 - 75Vdc Output Current 7A 7A 7A 7A Connector Type TH TH SMT SMT Comcodes 108997185 CC109108692 108997193 CC109108701
-Z refers to RoHS-compliant codes
Asia-Pacific Headquarters Tel: +65 6416 4283 Europe, Middle-East and Africa Headquarters Tel: +49 89 6089 286 India Headquarters Tel: +91 80 28411633
World Wide Headquarters Lineage Power Corporation 3000 Skyline Drive, Mesquite, TX 75149, USA +1-800-526-7819 (Outside U.S.A.: +1-972-284-2626) www.lineagepower.com e-mail: techsupport1@lineagepower.com
Lineage Power reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. (c) 2008 Lineage Power Corporation, (Mesquite, Texas) All International Rights Reserved.
Document No:DS05-028 ver 1.23 PDF name: FLT007A0_FLT007A0-SR_ds.pdf


▲Up To Search▲   

 
Price & Availability of FLT007A0-SR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X