Part Number Hot Search : 
DB105 12D12 MR2835 BAS70SS3 4ALVC 08226 BFR65 SPX1581U
Product Description
Full Text Search
 

To Download EPL2010-102ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 584-1
SMT Power Inductors - EPL2010 Series
* Smallest shielded power inductors; 2.0 x 2.0 x 1 mm high * Extremely low DCR and very high SRF ratings * Isat ratings as high as 2.9 A
Designer's Kit C412 contains 5 each of all values Core material Ferrite Core and winding loss See www.coilcraft.com/coreloss Terminations Since August, 2008: RoHS compliant tin-silver-copper over tin over nickel over silver. Prior to August, 2008: RoHS compliant tin-silver-copper over gold over nickel over silver. Weight 13 - 18 mg Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 2000/7reel; 7500/13 reel Plastic tape: 8 mm wide, 0.28 mm thick, 4 mm pocket spacing, 1.3 mm pocket depth PCB washing Only pure water or alcohol recommended Inductance2 20% (H) DCR nom3 (Ohms) DCR max3 (Ohms) SRF typ4 (MHz) Isat (A)5 10% drop 20% drop 30% drop Irms (A)6 20C rise 40C rise 2.37 1.76 1.66 1.48 1.28 1.04 0.799 0.751 0.671 0.527 0.440 0.415 0.392 3.17 2.31 2.16 1.94 1.68 1.36 1.04 0.978 0.879 0.680 0.575 0.520 0.495
Part number1 EPL2010-181ML_ EPL2010-271ML_ EPL2010-301ML_ EPL2010-421ML_ EPL2010-471ML_ EPL2010-681ML_ EPL2010-821ML_ EPL2010-102ML_ EPL2010-152ML_ EPL2010-222ML_ EPL2010-332ML_ EPL2010-472ML_ EPL2010-682ML_ EPL2010-822ML_ EPL2010-103ML_
0.18 0.024 0.029 615 1.3 2.2 2.9 0.27 0.032 0.038 412 1.2 2.1 2.6 This part number has been changed to EPL2010-271. The EPL2010-301 is not available 0.42 0.040 0.048 283 1.0 1.6 2.2 This part number has been changed to EPL2010-421. The EPL2010-471 is not available 0.68 0.058 0.070 214 0.80 1.3 2.0 0.82 0.068 0.082 173 0.70 1.2 1.6 1.0 0.099 0.119 145 0.65 1.0 1.35 1.5 0.141 0.155 102 0.60 0.95 1.30 2.2 0.202 0.222 80 0.43 0.78 1.05 3.3 0.272 0.299 63 0.35 0.63 0.85 4.7 0.429 0.472 50 0.30 0.47 0.65 6.8 0.512 0.563 46 0.24 0.43 0.57 8.2 0.827 0.910 42 0.22 0.40 0.53 10 0.914 1.00 33 0.20 0.35 0.47
2. 3. 4. 5.
1. When ordering, please specify packaging code: Packaging: EPL2010-103MLC C = 7 machine-ready reel. EIA-481 embossed plastic tape (2000 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (7500 parts per full reel).
Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc. DCR measured on a micro-ohmmeter. SRF measured using Agilent/HP 4395A network analyzer or equivalent. DC current at which the inductance drops the specified amount from its value without current. 6. Current that causes the specified temperature rise from 25C ambient. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Specifications subject to change without notice. Please check our website for latest information.
Document 584-1
Revised 10/02/09
(c) Coilcraft, Inc. 2009
Document 584-2
SMT Power Inductors - EPL2010 Series
Typical L vs Frequency
100
Typical L vs Current
100
Inductance (H)
10
3.3 H
Inductance (H)
10 H
10 H
10
3.3 H
1.0 H
1.0 H
1
0.3 H
1
0.3 H
0.1 0.1 1 10 100
0.1 0.01 0.1 1 10
Frequency (MHz)
Current (A)
Part Marking
Multiplier 0.079 0.008 2,0 0,2 1st significant digit
Current Derating
120 110
2nd significant digit
Percent of rated current
100 90 80 70 60 50 40 20 10 0 -40 -20
0.079 0.008 2,0 0,2
Isat Irms 0 20
25C
30
0.041 max 1,05
Recommended Land Pattern
0.057 1,45
Start
Finish
40
60
80
100
120 140
0.087 2,2
Ambient temperature (C)
Part Marking (Parts manufactured prior to Oct. 20, 2009 may not be marked.)
Part number EPL2010-181 EPL2010-271 EPL2010-421 EPL2010-681 EPL2010-821 EPL2010-102 EPL2010-152 EPL2010-222 EPL2010-332 EPL2010-472 EPL2010-682 EPL2010-822 EPL2010-103 Value 0.18 H 0.27 H 0.42 H 0.68 H 0.82 H 1.0 H 1.5 H 2.2 H 3.3 H 4.7 H 6.8 H 8.2 H 10 H 1st digit Brown Red Yellow Blue Gray Brown Brown Red Orange Yellow Blue Gray Brown 2nd digit Gray Violet Red Gray Red Black Green Red Orange Violet Gray Red Black Multiplier Brown Brown Brown Brown Brown Red Red Red Red Red Red Red Orange
0.014 min 0,35 0.041 1,04
Dimensions are in
inches mm
Small surface blemishes are not unusual and do not adversely affect performance. Wire may be visible inside the voids. Acceptable void sizes: Top: 0.01 in / 0,254 mm x 0.01 in / 0,254 mm Sides: 0.02 in / 0,5 mm x 0.047 in / 1,2 mm
Note: All marked parts have three dots. Black dot, used only on -102 and -103 as the second significant digit, may be very difficult to see.
Specifications subject to change without notice. Please check our website for latest information.
Document 584-2
Revised 10/02/09
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of EPL2010-102ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X