Part Number Hot Search : 
IRF73 LA100L4 IRU3048 38000 IRF73 38000 N120C 7560K
Product Description
Full Text Search
 

To Download ELC-740-29-40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED - Chip
25.02.2008 Radiation Infrared Type Point Source Technology AlGaAs/AlGaAs
ELC-740-29-40
rev. 03 Electrodes N (cathode) up
typ. dimensions (m)
O100
+7 -3
typ. thickness 150 (25) m
360 - 10
+ 20
R 30
310
cathode gold alloy, 1.5 m anode gold alloy, 0.5 m
245 450
+ 20 -10
180 PS-14
Maximum Ratings
Tamb = 25 unless otherwise specified C, Test Parameter conditions Forward current (DC) Peak forward current
tP 50 s, tP/T = 1/2
180
R 15 5
Symbol IF IFM
Min
Typ
Max 75 150
Unit mA mA
Optical and Electrical Characteristics
Tamb = 25 unless otherwise specified C, Test Parameter conditions Forward voltage Forward voltage2 Reverse voltage Radiant power1 Radiant power1,2 Peak wavelength Spectral bandwidth at 50% Switching time
1) 2)
Symbol VF VF VR e e P 0.5 tr , tf
Min
Typ 1.75 1.9
Max 2.2
Unit V V V
IF = 20 mA IF = 50 mA IR = 100 A IF = 20 mA IF = 50 mA IF = 20 mA IF = 20 mA IF = 20 mA
5 0.8 1.2 2.8 730 740 30 40 750
mW mW nm nm ns
Measured on bare chip on TO-18 header with EPIGAP equipment for information only
Labeling
Type ELC-740-29-40
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications.All operating parameters must be validated for each customer application by the customer. EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 1 of 1 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
Lot N
e(typ) [mW]
VF(typ) [V]
Quantity


▲Up To Search▲   

 
Price & Availability of ELC-740-29-40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X