Part Number Hot Search : 
MB100 1N4752 74HC175 250FP D74LV1G 325012P M8978G F1750
Product Description
Full Text Search
 

To Download ELC-740-27-70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED - Chip
25.02.2008 Radiation Infrared Type Point Source Technology AlGaAs/GaAs
ELC-740-27-70
rev. 05 Electrodes N (cathode) up
typ. dimensions (m)
O250
+10 -5
typ. thickness 260 (20) m
emitting area
cathode gold alloy, 1.5 m
bonding area
PS-09
anode gold alloy, 0.5 m
O100
Maximum Ratings
Tamb = 25 unless otherwise specified C, Test Parameter conditions Forward current (DC) Symbol IF Min Typ Max 50 Unit mA
Optical and Electrical Characteristics
Tamb = 25 unless otherwise specified C, Test Parameter conditions Forward voltage Reverse voltage Radiant power* Peak wavelength Spectral bandwidth at 50% Switching time IF = 20 mA IR = 10 A IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA Symbol VF VR e P 0.5 tr, tf 5 0.3 730 0.6 740 45 50 750 Min Typ 1.7 Max 1.9 Unit V V mW nm nm ns
*Measured on bare chip on TO-18 header with EPIGAP equipment
Labeling
Type ELC-740-27-70 Lot N e(typ) [mW] VF(typ) [V] Quantity
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications.All operating parameters must be validated for each customer application by the customer. EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 1 of 1 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545


▲Up To Search▲   

 
Price & Availability of ELC-740-27-70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X