Part Number Hot Search : 
TA0245A 4707NT1 40000 5KE11A 3S4YR M204SD GC1512 DSR1AS1A
Product Description
Full Text Search
 

To Download DR1P5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 I s o l a t e d a n d R e gulated 1.5 WATT Modul ar DC/DC Converters
Low Ripple and Noise PI Input Filter Regulated Outputs 500V Isolation 5 Sided EMI Shielding
Unit measures 0.8"W x 1.25"L x 0.4"H
DR1P5
series
Standard 24 Pin DIP & SMD Packages
Model Number
SINGLE OUTPUT DR1P5-05S05(SMD) DR1P5-12S05(SMD) DR1P5-24S05(SMD) DR1P5-05S12(SMD) DR1P5-12S12(SMD) DR1P5-24S12(SMD) DR1P5-05S15(SMD) DR1P5-12S15(SMD) DR1P5-24S15(SMD) DUAL OUTPUT DR1P5-05D05(SMD) DR1P5-12D05(SMD) DR1P5-24D05(SMD) DR1P5-05D12(SMD) DR1P5-12D12(SMD) DR1P5-24D12(SMD) DR1P5-05D15(SMD) DR1P5-12D15(SMD) DR1P5-24D15(SMD)
Output Voltage Output mAmps Input Range
Input Current Efficiency
Max. Capacitive Load
5 VDC
12 VDC
15 VDC
300 300 300 125 125 125 100 100 100 +/-150 +/-150 +/-150 +/-60 +/-60 +/-60 +/-50 +/-50 +/-50
4.5-5.5 VDC 10.8-13.2 VDC 21.6-26.4 VDC 4.5-5.5 VDC 10.8-13.2 VDC 21.6-26.4 VDC 4.5-5.5 VDC 10.8-13.2 VDC 21.6-26.4 VDC 4.5-5.5 VDC 10.8-13.2 VDC 21.6-26.4 VDC 4.5-5.5 VDC 10.8-13.2 VDC 21.6-26.4 VDC 4.5-5.5 VDC 10.8-13.2 VDC 21.6-26.4 VDC
600mA 245mA 125mA 625mA 260mA 130mA 588mA 245mA 123mA 682mA 278mA 142mA 632mA 255mA 128mA 600mA 250mA 125mA
54% 55% 54% 52% 52% 52% 55% 55% 55% 48% 49% 48% 51% 51% 51% 54% 54% 54%
470uF 470uF 470uF 330uF 330uF 330uF 330uF 330uF 330uF 330uF 330uF 330uF 110uF 110uF 110uF 110uF 110UF 110UF
+/-5 VDC
+/-12 VDC
+/-15 VDC
Note - (SMD) Denotes that these products are available in a Surface Mount Technology Package. (Please see page 3) To order a DR1P5 product with the optional Surfae Mount Package, simply add "SMD" to the end of the standard Part Number. For example DR1P5-05S05SMD.
Order On-Line!
WWW.ASTRODYNE.COM
astrodyne.com
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d R e gulated 1.5 WATT Modul ar DC/DC Converters
INPUT SPECIFICATIONS
Input Voltage Ranges: 5 VDC Nominal 12 VDC Nominal 24 VDC Nominal 4.5-5.5 VDC 10.8-13.2 VDC 21.6-26.4 VDC PI Type
DR1P5
series
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature Relative Humidity Storage Temperature Maximum Case Temp Thermal Impedance Thermal Shock Vibration MTBF +/-1.5% +/- 0.5% +/-5% EMC +/- 0.3% +/-0.02%/DegC 50mV Pk-Pk, typ +/- 4%, max Short Term Conducted Emissions Radiated Emissions ESD Radiated Immunity Fast Transient Surge Conducted Immunity -25 to +71 DegC(FL) 5 to 95%, RH -55 to +105 DegC * 100 DegC * 20DegC/Watt MIL-STD-810D 10~55Hz, 10G, 30 Minutes along X, Y, and Z 5.53 MHrs BELLCORE TR NWT 000332 Case1: 50% Stress, Temp at 40DegC, Ground Fixed and controlled environment EN55022 Class A EN55022 Class A EN61000-4-2 Criteria B EN61000-4-3 Criteria A EN61000-4-4 Criteria B EN61000-4-5 Criteria B EN61000-4-6 Criteria A
Input Filter
OUTPUT SPECIFICATIONS
Voltage and Current Load Regulation 20% to FL D05 All Others Cross Regulation Asymmetrical Load 25/100% Line Regulation Temperature Coefficient Ripple/Noise(Single/Dual) Voltage Accuracy Short Circuit Protection See Selection Chart
GENERAL SPECIFICATIONS
Input-Out Isolation In/Out Capacitance Efficiency Switching Frequency Isolation Resistance 500VDC 30 pF 52%, typ 20Khz 10000 M Ohms
PHYSICAL SPECIFICATIONS
Dimensions Case Material Potting Material Construction Weight DIP 15.6g (0.55 oz) SMD 18g (0.62 oz) 1.25x0.80x0.40" Nickel-Coated Copper with Non-Conductive Base Epoxy (UL-94-V0) Fully Encapsulated
OUTPUT DERATING CURVE
OUTPUT POWER (%)
DR1P5-24S05 Derating Curve
100 75 50 25
0 -40 -25 -10 0 50 60 70 80 90 100
All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted
* These are stress ratings. Exposure of the devices to any of these conditions
Nature convection
may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
AMBIENT TEMPERATURE (C)
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d R e gulated 1.5 WATT Modul ar DC/DC Converters
MECHANICAL DIMENSIONS
0.01 x 0.02 (0.25 x 0.50)
0.08(2.0)
DR1P5
Dual Outputs
+ Input - Output Common Common + Output - Input - Input + Output Common Common - Output + Input
series
Rectangular Pin
Pin #
1 2 3 10 11 12 13 14 15 22 23 24
Single Outputs
+ Input NC NC - Output + Output - Input - Input + Output - Output NC NC + Input
24 23 22
1.25 (31.8)
1 2 3
0.90 (22.9) 0. 10 ( 2. 5)
15 14 13
10 11 12
0.15 (3.8)
0.60(15.2)
0.40 (10.2)
0.80(20.3)
SUFFIX - SMD
0.92(23.4)
0.02(0.5)
0.10 (2.54)
1.00(25.4)
0.44(11.2) 0.43(10.9)
Pin #
1 2 3 10 11 12 13 14 15 22 23 24 Others
Single Outputs
+ Input NC NC - Output + Output - Input - Input + Output - Output NC NC + Input NC
Dual Outputs
+ Input - Output Common Common + Output - Input - Input + Output Common Common - Output + Input NC
24
1
13
12
0.80(20.3)
0.25 (6.35)
Pin Area 0.04 x 0.02 (1.0 x 0.5)
BOTTOM VIEW
16
9
1.26 (32.0)
20
5
0.15 (3.81)
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181


▲Up To Search▲   

 
Price & Availability of DR1P5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X