Part Number Hot Search : 
12A01SS SMBJ100C C1411EPA LC104 N4732 W1206 1N540 DS21610
Product Description
Full Text Search
 

To Download D050505NS-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D_(N)S-1W & D_(N)D-1W Series
1W, FIXED INPUT ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
RoHS
FEATURES
High Efficiency up to 80% Small Footprint 1KVDC Isolation Temperature Range: -40C to +85C Internal SMD Construction No External Component Required Industry Standard Pinout RoHS Compliance
PRODUCT PROGRAM
Input Part number D050505(N)S-1W D050909(N)S-1W D051212(N)S-1W D051515(N)S-1W D050505(N)D-1W D050909(N)D-1W D051212(N)D-1W D051515(N)D-1W D120505(N)S-1W D120909(N)S-1W D121212(N)S-1W D121515(N)S-1W D120505(N)D-1W D120909(N)D-1W D121212(N)D-1W D121515(N)D-1W D240505(N)S-1W D240909(N)S-1W D241212(N)S-1W * D241515(N)S-1W * D240505(N)D-1W D240909(N)D-1W D241212(N)D-1W * D241515(N)D-1W *
* Designing. D_NS/ND-1W series: UL pending.
output Voltage (VDC) 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 Current (mA) Max 100 56 42 33 100 56 42 33 100 56 42 33 100 56 42 33 100 56 42 33 100 56 42 33 Min 10 6 4 3 10 6 4 3 10 6 4 3 10 6 4 3 10 6 4 3 10 6 4 3 70 76 77 78 70 76 77 78 72 78 78 80 72 78 78 80 71 74 76 76 71 74 76 76 UL UL UL UL UL UL UL UL UL UL UL UL UL UL UL UL UL UL UL UL UL UL UL UL Efficiency Certificate (%, Typ)
Voltage (VDC) Nominal Range
5
4.5-5.5
APPLICATIONS
The D_(N)S-1W & D_(N)D-1W Series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is fixed (voltage variation 10%); 2) Where isolation is necessary between input and output (isolation voltage 1000VDC); 3) Where the regulation of the output voltage and the output ripple noise are not demanding. Such as: purely digital circuits, ordinary low frequency analog circuits, and IGBT power device driving circuits.
12
10.8-13.2
24
21.6-26.4
MODEL SELECTION
D050505S-1W
Rated P ower Package Styl e The 2nd Output Voltage The 1st Output Voltage Input Voltage Product Series
COMMON SPECIFICATIONS
Item Storage humidity Operating temperature Storage temperature Lead temperature Temp. rise at full load Short circuit protection* 1.5mm from case for 10 seconds 15 -40 -55 Test conditions Min Typ Max 95 85 125 300 25 1 Free air convection Plastic (UL94-V0) 3500 2.3 K hours g s C Units %
MORNSUN Science & Technology co.,Ltd. Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850
Fax:86-20-38601272 Http://www.mornsun-power.com
Cooling Case material MTBF Weight
*Supply voltage must be discontinued at the end of short circuit duration.
MORNSUN reserves the copyright
Specifications subject to change without notice.
D_(N)S-1W&D_(N)D-1W A/1-2008
Page 1 of 2
ISOLATION SPECIFICATIONS
Item Isolation voltage Isolation resistance Isolation capacitance Test conditions Min Typ Max Units VDC M 130 130 pF Tested for 1 minute and 1mA max(Vin/Vout) 1000 Tested for 1 minute and 1mA max(Vo1/Vo2) 1000 Test at 500VDC (Vin/Vout) Test at 500VDC (Vo1/Vo2) (Vin/Vout) (Vo1/Vo2) 1000 1000
APPLICATION NOTE
Requirement on output load To ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of DC/DC converter in addition to a maximum load (namely full load). During operation, make sure the specified range of input voltage is not exceeded, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company's products with a lower rated output power. Recommended testing and application circuit If you want to further decrease the input/output ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure 1).
L L
OUTPUT SPECIFICATIONS
Item Output power Line regulation Load regulation Output voltage accuracy Temperature drift Ripple & Noise* Switching frequency 100% full load 20MHz Bandwidth Full load, nominal input 50 100 For Vin change of 1% 10% to 100% load 12.8 Test conditions Min 0.1 Typ Max 1 1.2 15 0.03 75 Units W %
See tolerance envelope graph %/C mVp-p KHz
*Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes.
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. See below recommended circuits for more details.
+Vo1
Cout
Vin
Cin
DC DC
L Cout
0V1 +Vo2 0V2
GND
TYPICAL CHARACTERISTICS
(Figure 1) It should also be noted that the inductance and the frequency of the "LC" filtering network should be staggered with the DC/DC frequency to avoid mutual interference. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (Table 1)
Vin (VDC) Cin (uF)
Operating Temp.( C)
o
Vout(VDC) Cout (uF) 5 9 12 15 4.7 2.2 1 0.47
OUTLINE DIMENSIONS & PIN CONNECTIONS
First Angle Projection
D_(N)S-1W SI P Package (0.035)
D241515S-1W 7.0 0 D241212S-1W (0.276 )
5 12 24 --
4.7 2.2 1 --
It's not recommend to connect any external capacitor in the application field with less than 0.5 watt output.
D_(N)D-1W DIP Pa ckage
(Bot tom View)
1 14 11 10
7 98
(0.079)
(0.100)
(0.772) (0.374)
Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat protection that is connected to the input or output end in series (Figure 2).
Vo1 Vin
4.10
Other models (0.236)
4.10
(Side Vie w)
REG
DC DC
GND REG Vin
0V1 Vo2 0V2 +Vout 0V
0. 50 (0. 020) RECOMMENDED FOOTPRINT Top view,grid:2.5 4mm (0. 1inch) diameter:1. 00mm(0 .039 in ch)
DC DC
14 12 4567 1
FOOTPRI NT DETAILS Pin 1 2 4 5 6 D_ S-1 W Vin G ND 0V1 +Vo1 0V2 D_NS-1 W Vin GND +Vo1 0V1 +Vo2 Pin 1 7 8 9 10 11 14 D_ D-1W GND NC +Vo2 0V2 +Vo1 0V1 Vin D_ ND-1W GND NC 0V2 +Vo2 0V1 +Vo1 Vin
REG
+Vout 0V
11 10 9 8 7
GND
(Figure 2) Overload Protection Under normal operating conditions, the output circuit of these products has no protection against over-current and short-circuits. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. No parallel connection or plug and play.
+Vo2 0V2 7 Note: Unit:m m(inch) Pin s ection:0. 50*0 .30m m(0.02 0*0.012inch ) Pin s ection tolerances: 0.10 mm( 0. 004inch ) Gen eral tolerances: 0.25 mm ( 0.01 0inch)
MORNSUN reserves the copyright
Specifications subject to change without notice.
D_(N)S-1W&D_(N)D-1W A/1-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of D050505NS-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X