Part Number Hot Search : 
HCMOS T5100650 MBR2045 CAT511 IDT72V RL1N1200 MC12026 0N1TR
Product Description
Full Text Search
 

To Download CT0603PSF-102M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Shielded Wire-wound Chip Inductors
ctparts.com
CT0603PSF Series
From .78 H to 47 H
Not shown at actual size.
SPECIFICATIONS
Parts are available 20% tolerance only. *Isat: DC current at which the inductance drops 10% Typ. from its value without current. **Irms: Average current for 40C temp. rise from 25C ambient.
Part Number CT0603PSF-781M CT0603PSF-102M CT0603PSF-182M CT0603PSF-222M CT0603PSF-272M CT0603PSF-332M CT0603PSF-392M CT0603PSF-472M CT0603PSF-562M CT0603PSF-682M CT0603PSF-822M CT0603PSF-103M CT0603PSF-153M CT0603PSF-223M CT0603PSF-333M CT0603PSF-473M
Inductance (H 20%) .78 1.0 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 15 22 33 47
L Test Freq. (kHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100
Q Fact. Min. 15 15 15 15 15 15 15 15 15 15 20 20 20 20 20 20
Q Test Freq. (MHz) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
SRF Typ. (MHz) 475 390 155 245 127 72 72 64 51 39 30 20 12 16 12 12
DCR Max. () 0.24 0.26 0.56 0.75 0.75 0.88 1.00 1.08 1.18 1.23 1.43 1.60 1.92 2.96 5.63 5.69
*Isat (A) 0.55 0.40 0.39 0.33 0.33 0.32 0.27 0.26 0.23 0.23 0.22 0.21 0.16 0.13 0.10 0.10
**Irms (A) 1.30 1.00 0.70 0.60 0.55 0.50 0.48 0.47 0.41 0.40 0.39 0.38 0.35 0.27 0.20 0.18
Compliant
RoHS
PHYSICAL DIMENSIONS
Size A
Max. 2.59 0.10
B
Max. 2.08 0.08
C
Max. 1.8 0.07
D
Ref. 0.33 0.013
E
Ref. 1.52 0.06
F
Ref. 0.76 0.03
CHARACTERISTICS
Description: SMD shielded wire-wound chip inductor Applications: LC resonant circuits such as oscillator and signal generators, impedance matching, circuit isolation, RF filters, disk drives and computer peripherals, audio and video equipment, TV, radio and telecommunication equipment Operating Temperature: -40C to +105C Inductance Tolerance: 20% Testing: Inductance and Q tested on an HP4285A at specified frequency. Packaging: Tape & Reel Miscellaneous: RoHS Compliant. Marking: Parts are marked with inductance code Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
mm inches
XXX
A
B
E D C
Marking: Inductance Code
F
PAD LAYOUT
mm (inch)
1.02 (0.040) 0.64 (0.025) 0.64 (0.025) 0.64 (0.025)
08.08.07
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2007 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CT0603PSF-102M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X