Part Number Hot Search : 
MICROS SF12LG 103SE SMCJ7 1N4082 LV5217GP 7N80C3 MB10S
Product Description
Full Text Search
 

To Download CPH-ETD34-1S-14P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ferroxcube
ETD cores and accessories
COIL FORMERS General data 14-pins ETD34 coil former PARAMETER Coil former material Pin material Maximum operating temperature Resistance to soldering heat Solderability SPECIFICATION polybutyleneterephtalate (PBT), glass-reinforced, flame retardant in accordance with "UL 94V-0"; UL file number E45329(R) copper-tin alloy (CuSn), tin-lead alloy (SnPb) plated 155 C, "IEC 60085", class F "IEC 60068-2-20", Part 2, Test Tb, method 1B, 350 C, 3.5 s "IEC 60068-2-20", Part 2, Test Ta, method 1
ETD34
Winding datafor 14-pins ETD34 coil former NUMBER OF SECTIONS 1 WINDING AREA (mm 2) 123 MINIMUM WINDING WIDTH (mm) 20.9 AVERAGE LENGTH OF TURN (mm) 60
TYPE NUMBER CPH-ETD34-1S-14P


▲Up To Search▲   

 
Price & Availability of CPH-ETD34-1S-14P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X