Part Number Hot Search : 
3P242L 20500 A155M 3362M253 050VF 3KP15CA UN5112 ICL71
Product Description
Full Text Search
 

To Download COREU1LL-SN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CoreU1LL UTOPIA Level 1 Link-Layer Interface
Product Summary
* IDE and Industry Standard Synthesis and Simulation Tools RTL Version - VHDL Source Code - Core Synthesis and Simulation Scripts Actel-Developed Testbench (VHDL) Fully Supported by Industry-Standard Simulation Tools
Intended Use
* Standard UTOPIA Level 1 Interface to any ATM PHY-Layer Device *
Key Features
* Standard 8-Bit, 25 MHz UTOPIA Level 1 Link-Layer (Master) Interface Complies with the ATM Forum UTOPIA Specification, Level 1 Version 2.01 (af-phy0017.000) Separate Tx and Rx Clocks and Interface Pins Supports Cell-Level Handshake for 53- or 54-byte ATM Cells with Automatic Add/Drop of the UDF2 Field in the ATM Header in 53-byte Mode 16-Bit (54-byte) User Interfaces can be Used Directly or Bolt-Up to One of Actel's ATM Cell Buffer Blocks: ATMBUFx
Design Tools Support
* * Simulation: VITAL-Compliant VHDL and OVICompliant Verilog Simulators Synthesis: LeonardoSpectrumTM, Synplify(R), Design Compiler(R), FPGA CompilerTM, and FPGA ExpressTM
* *
Contents
General Description ................................................... Device Requirements ................................................. UTOPIA Interface ....................................................... User Interface ............................................................. Ordering Information ................................................ List of Changes ........................................................... Datasheet Categories ................................................. 1 2 2 3 6 7 7
*
Supported Families
* * * * Fusion ProASIC3/E ProASICPLUS(R) Axcelerator(R)
Core Deliverables
* Netlist Version - Compiled RTL Simulation Model Fully Supported in the Actel Libero(R) Integrated Design Environment (IDE) - Structural VHDL and Verilog Netlists (with and without I/O Pads) Compatible with Actel Libero
General Description
CoreU1LL is a UTOPIA Level 1 Link-Layer (Master) interface core that connects directly to any ATM PHYLayer (Slave) device and user logic (or optional ATM cell buffer blocks) to provide an interface between the PHYLayer device and a non-standard Link-Layer device or user logic (Figure 1).
RX Utopia Level 1 PHY-Layer Device CoreATMBUF3 TX CoreU1LL CoreATMBUF3 User Logic Other Device
Figure 1 * Block Diagram
December 2005 (c) 2005 Actel Corporation
v 4 .0
1
CoreU1LL UTOPIA Level 1 Link-Layer Interface
Device Requirements
CoreU1LL can be implemented in either ProASICPLUS or Axcelerator device families. Table 1 indicates the number of core logic cells required in each technology.
Table 1 * Device Utilization and Performance Cells or Tiles Family Fusion ProASIC3/E ProASIC
PLUS
Total Utilization Device AFS060 A3P060 APA075 AX125 Percentage 7.8% 7.8% 4.2% 6.0% Performance >25 MHz >25 MHz >25 MHz >25 MHz
Sequential 51 51 51 53
Combinatorial 66 66 79 64
Axcelerator
UTOPIA Interface
CoreU1LL implements a standard 8-bit point-to-point PHY-Layer interface that supports cell lengths of either 53 or 54 bytes. If the cell_size bit is low, a 53-byte cell is transferred and the UDF2 byte is inserted on ingress to, and dropped on egress from, the user interface; otherwise, 54 bytes are transferred. The UTOPIA interface signals are summarized in Table 2.
Table 2 * UTOPIA Interface Signals Signal u1_tx_clk u1_tx_clav u1_tx_en u1_tx_soc u1_tx_data u1_rx_clk u1_rx_clav u1_rx_en u1_rx_soc u1_rx_data Type Description In In Out Out Out In In Out In In Tx interface clock Active high cell buffer space available Active low data transfer enable Active high start-of-cell indication 8-bit egress data Rx interface clock Active high cell buffer space available Active low data transfer enable Active high start-of-cell indication 8-bit ingress data
sends 53 bytes (or 54 bytes) and does not monitor u1_tx_clav during cell transfers.
u1_tx_clk u1_tx_clav u1_tx_en u1_tx_soc u1_tx_data
Figure 2 * Tx Start of Cell
H1 H2
If the user interface indicates that there are no more cells to send, or if polling during the current cell transfer indicates that the PHY-Layer device is not ready to accept another cell, the CoreU1LL deselects the physical interface by deasserting u1_tx_en after the last word of the transfer (Figure 3).
u1_tx_clk u1_tx_clav u1_tx_en u1_tx_soc
Tx Interface (Egress)
The process of transferring a cell on the UTOPIA level 1 Tx interface begins with r_avail. User logic asserts r_avail high whenever it has a cell available to send. The CoreU1LL waits until the PHY-Layer device indicates that it is ready to receive a cell by asserting u1-tx_clav high. To begin sending cells on the Tx interface, the CoreU1LL asserts u1_tx_en low (Figure 2). CoreU1LL simultaneously asserts u1_tx_soc and u1_tx_data (Figure 2). The core
u1_tx_data
P51 P52 P53 P54
XX
Figure 3 * Tx Transfer Complete
If the user interface has another cell to send to the PHYLayer device, and if polling during the current cell indicates that the PHY-Layer device can accept another
2
v4.0
CoreU1LL UTOPIA Level 1 Link-Layer Interface
cell, the CoreU1LL PHY-Layer device sends cells back-toback (Figure 4 on page 3).
U1_tx_clk U1_tx_clav U1_tx_en U1_tx_soc U1_tx_data
P51 P52 P53 P54 H1 H2 H3 H4 H5 H6
If the user interface continues to assert w_avail during the last two bytes of the current cell transfer, and one or more complete ATM cells are ready to be transferred (u1_rx_clav is high), the CoreU1LL accepts back-to-back cells, as shown in Figure 7.
U1_rx_clk U1_rx_clav U1_rx_en U1_rx_soc U1_rx_data
P51 P52 P53 P54 H1 H2 H3 H4 H5
Figure 4 * Tx Back-to-Back Transfer
Rx Interface (Ingress)
The Rx interface operates in a similar manner to the Tx interface. The PHY-Layer device indicates that it has a cell ready to transfer by asserting u1_rx_clav high. Then, the user interface is ready to accept a cell (w_avail high). The CoreU1LL will initiate a transfer on the Rx interface by asserting u1_rx_en low (Figure 5).
u1_rx_clk u1_rx_clav u1_rx_en u1_rx_soc u1_rx_data
Figure 5 * Rx Start of Cell Transfer
H1 H2
Figure 7 * Rx Back-to-Back Transfer
User Interface
The user interface can connect directly to Actel's CoreATMBUF3 cell buffer, an intellectual property core that provides buffering for up to three, 54-byte ATM cells in each direction (Figure 1 on page 1). Alternatively, the designer may connect his/her own cell buffer or user logic function directly to the user interface. The signals associated with the user interface are summarized in Table 3.
Table 3 * User Interface Signals Signal reset xlate w_avail w_phy_act w_enable w_adr w_data r_avail r_buf_en r_adr Type Description In In In Out Out Out Out In Out Out In Active high - resets all registers 53- / 54-byte cell size control Active high - user ready to receive Active high physical selected Active high data enable 5-bit word count 16-bit data bus Active high - user ready to send Active high read enable 5-bit word count 16-bit data bus
The PHY-Layer device then asserts u1_rx_soc high, indicating that the first word of the cell transfer is active on the bus. Once a transfer has begun, all 53 or 54 bytes of the cell are transferred without interruption. If polling during the current transfer indicates that there are no more cells available, or if the CoreU1LL is unable to accept another cell from the PHY-Layer device, the CoreU1LL deselects the physical interface by deasserting u1_rx_en after receiving the last byte of the current cell, as illustrated in Figure 6.
u1_rx_clk u1_rx_clav u1_rx_en u1_rx_soc u1_rx_data P51 P52 P53 P54 XX
r_data
When reset is asserted high, all registers in the CoreU1LL are cleared. They will remain in this state as long as reset is asserted. If the xlate input is low, the CoreU1LL transfers data to/ from the PHY-Layer device as 53-byte ATM cells. On ingress (Rx), the CoreU1LL will duplicate the fifth byte of the ATM header and insert it as the sixth byte (UDF2) in order to create a standard 54-byte ATM cell on the user
Figure 6 * Rx End of Transfer
v4.0
3
CoreU1LL UTOPIA Level 1 Link-Layer Interface
"write" interface. Conversely, the CoreU1LL accepts a standard 54-byte cell at the user "read" interface and drops the sixth byte during the transfer to the egress (Tx) interface. If xlate is high, no translation is performed; 54byte cells are transferred on all interfaces. The user interface is divided into write (Rx) and read (Tx) interfaces. The control signals and data for the write interface are associated with the u1_rx_clk, while control signals and data for the read interface are associated with the u1_tx_clk. Each interface is controlled from the user logic by the w_avail and r_avail signals, respectively. When the cell buffer or user logic is ready to receive or send a cell on either interface, the user must assert x_avail high. In turn, this causes the CoreU1LL to assert u1_x_en to the PHY-Layer device provided that u1_x_clav is asserted (high).
(u1_rx_clav is high) and user logic is able to accept another cell (w_avail remains high), the w_phy_act signal remains active (high), and the CoreU1LL block accepts a back-to-back cell from the PHY-Layer device. The CoreU1LL will wait for the PHY-Layer to assert u1_rx_soc and then begins asserting w_enable during each valid data word and incrementing w_adr (Figure 8).
Read Interface (Egress)
When r_avail is asserted high at the user interface and the u1_tx_en signal is asserted low by the CoreU1LL, the CoreU1LL begins accepting data on the user interface. Once a cell transfer has begun, the CoreU1LL transfers 27 words of data regardless of the state of r_avail. The CoreU1LL asserts r_buf_en high, expecting to accept data at the r_data inputs on the next rising-edge of u1_tx_clk, as illustrated in Figure 9 on page 4.
Write Interface
Whenever the CoreU1LL asserts u1_rx_en low, the w_phy_act signal is asserted high to indicate that the ingress user interface is active. The w_enable signal will remain low until the link-layer begins to transfer a cell. Since the CoreU1LL translates from 8-bit data at the UTOPIA interface to 16-bit data at the user interface, w_enable is asserted for one clock cycle while a data word is valid. W_adr is incremented on the next risingedge of u1_rx_clk, and then w_enable is deasserted for one clock cycle (except during insertion of the UDF2 byte, as shown in Figure 8). W_adr increments from 00 to 1B hex (27 words).
u1_tx_cl u1_tx_cla u1_tx_en u1_tx_soc u1_tx_data r_buf_en r_adr r_data
00 XX 01 H1H2 02 H3H4 03 H5H6 04 P1P2 XX H1 H2 H3 H4 H5 P1 P2
Figure 9 * Read Interface Cell Transfer
u1_rx_clk u1_rx_clav u1_rx_en u1_rx_soc u1_rx_data w_phy_act w_enable w_adr w_data
XX
XX
H1 H2
H3 H4
H5
P1
P2
P3
The CoreU1LL provides r_adr as a word count (00 to 1B hex) and increments whenever the core accepts data at the r_data pins. Since the CoreU1LL translates from 16bit data at the user interface to 8-bit data at the UTOPIA interface, r_buf_en is asserted for one clock cycle. Data is accepted on the following rising edge of u1_tx_clk, and the r_adr is incremented. Then r_buf_en is deasserted for one clock cycle, except after the third data word when xlate is low (53-byte mode), or when a back-to-back read operation is needed in order to get the first payload byte in time.
00
H1H2 XX
01
02
XX
03
P1P2
H3H4 H5H5
Figure 8 * Write Interface Cell Transfer
Once a complete 54-byte cell has been written to the user interface (w_adr = 1B hex and w_enable high), w_adr will reset to 00 hex, and w_enable will be deasserted. If either u1_rx_clav or w_avail are deasserted (low), then the CoreU1LL deselects the PHY-Layer device and w_phy_act returns low (inactive). On the other hand, if the PHY-Layer device is prepared to send another cell
The cycle is repeated until r_adr reaches 1B hex and the last two bytes of the ATM cell are sent. At this point r_adr is reset to 00 hex. If r_avail indicates that another cell is immediately available, and u1_tx_clav remains high, the CoreU1LL will immediately begin sending the next cell (Figure 10 on page 5). Otherwise r_buf_en remains low until the CoreU1LL begins to transmit another cell.
4
v4.0
CoreU1LL UTOPIA Level 1 Link-Layer Interface
U1_tx_cl U1_tx_clav U1_tx_en U1_tx_soc U1_tx_data R_avail r_buf_en r_adr r_data
1B 00 01 02 03 04 P47 P48 H1 H2 H3 H4 H5 P1 P2
XX
H1H2
H3H4
H5H6
P1P2
Figure 10 * Back-to-Back Read Cell Transfer
v4.0
5
CoreU1LL UTOPIA Level 1 Link-Layer Interface
Ordering Information
Order CoreU1LL through your local Actel sales representative. Use the following numbering convention when ordering: CoreU1LL-XX, where XX is listed in Table 4. All four options include both VHDL and Verilog netlists, testbench source files, and simulation models targeting both ProASICPLUS and Axcelerator device families. CoreU1LL-XX, where XX is:
Table 4 * Ordering Codes XX EV SN AN SR AR UR Description Evaluation Version Netlist for single-use on Actel Devices Netlist for unlimited use on Actel devices RTL for single-use on Actel Devices RTL for unlimited use on Actel devices RTL for unlimited use and not restricted to Actel devices
6
v4.0
CoreU1LL UTOPIA Level 1 Link-Layer Interface
List of Changes
The following table lists critical changes that were made in the current version of the document.
Previous Version Changes in Current Version (v 4. 0 ) v3.0 The "Supported Families" section was updated to include Fusion. Table 1 was updated to include Fusion data. v2.0 The "Supported Families" section was updated to include ProASIC3/E. Table 1 was updated to include ProASIC3/E data. Page 1 2 1 2
Datasheet Categories
In order to provide the latest information to designers, some datasheets are published before data has been fully characterized. Datasheets are designated as "Product Brief," "Advanced," and "Production." The definitions of these categories are as follows:
Product Brief
The product brief is a summarized version of an advanced or production datasheet containing general product information. This brief summarizes specific device and family information for unreleased products.
Advanced
This datasheet version contains initial estimated information based on simulation, other products, devices, or speed grades. This information can be used as estimates, but not for production.
Unmarked (production)
This datasheet version contains information that is considered to be final.
v4.0
7
Actel and the Actel logo are registered trademarks of Actel Corporation. All other trademarks are the property of their owners.
www.actel.com
Actel Corporation 2061 Stierlin Court Mountain View, CA 94043-4655 USA Phone 650.318.4200 Fax 650.318.4600 Actel Europe Ltd. Dunlop House, Riverside Way Camberley, Surrey GU15 3YL United Kingdom Phone +44 (0) 1276 401 450 Fax +44 (0) 1276 401 490 Actel Japan www.jp.actel.com EXOS Ebisu Bldg. 4F 1-24-14 Ebisu Shibuya-ku Tokyo 150 Japan Phone +81.03.3445.7671 Fax +81.03.3445.7668 Actel Hong Kong www.actel.com.cn Suite 2114, Two Pacific Place 88 Queensway, Admiralty Hong Kong Phone +852 2185 6460 Fax +852 2185 6488
5172176-2/12.05


▲Up To Search▲   

 
Price & Availability of COREU1LL-SN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X