Part Number Hot Search : 
22V10 OPI110 1344174 20611 64T12802 C2613E MT3S0 1626D
Product Description
Full Text Search
 

To Download CNY6405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CNY64/ CNY65/ CNY66
Vishay Semiconductors
Optocoupler, Phototransistor Output, Very High Isolation Voltage
Features
* Rated isolation voltage (RMS includes DC) VIOWM = 1000 VRMS (1450 V peak) * Rated recurring peak voltage (repetitive) VIORM = 1000 VRMS * Thickness through insulation 3 mm * Creepage current resistance according to VDE 0303/IEC 60112 Comparative Tracking Index: CTI 200 * Lead-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
64
65
Top View A C
66
V DE
Agency Approvals
* UL1577, File No. E76222 System Code H,J &K, Double Protection * DIN EN 60747-5-2 (VDE0884) DIN EN 60747-5-5 pending * VDE related features: * Rated impulse voltage (transient overvoltage) VIOTM = 8 kV peak * Isolation test voltage (partial discharge test voltage) Vpd = 2.8 kV peak
C
E
17187
e4
Pb
Pb-free
Order Information
Part CNY64 CNY65 CNY66 CNY64A CNY65A CNY64B CNY65B Remarks CTR 50 - 300 %, High Isolation Distance, 4 PIN CTR 50 - 300 %, High Isolation Distance, 4 PIN CTR 50 - 300 %, High Isolation Distance, 4 PIN CTR 63 - 125 %, High Isolation Distance, 4 PIN CTR 63 - 125 %, High Isolation Distance, 4 PIN CTR 100 - 200 %, High Isolation Distance, 4 PIN CTR 100 - 200 %, High Isolation Distance, 4 PIN
Applications
Circuits for safe protective separation against electrical shock according to safety class II (reinforced isolation): For appl. class I - IV at mains voltage 300 V For appl. class I - IV at mains voltage 600 V For appl. class I - III at mains voltage 1000 V according to DIN EN 60747-5-2(VDE0884)/ DIN EN 607475-5 pending, table 2, suitable for: Switch-mode power supplies, line receiver, computer peripheral interface, microprocessor system interface.
Description
The CNY64/ CNY65/ CNY66 consist of a phototransistor optically coupled to a gallium arsenide infraredemitting diode in a 4-pin plastic package. The single components are mounted opposite one another, providing a distance between input and output for highest safety requirements of > 3 mm.
VDE Standards
These couplers perform safety functions according to the following equipment standards:
DIN EN 60747-5-2(VDE0884)/ DIN EN 60747-5-5 pending
Optocoupler for electrical safety requirements
IEC 60950/EN 60950
Document Number 83540 Rev. 1.6, 26-Oct-04 www.vishay.com 1
CNY64/ CNY65/ CNY66
Vishay Semiconductors
Office machines (applied for reinforced isolation for mains voltage
VISHAY
VDE 0700/IEC 60335
Household equipment
400 VRMS) VDE 0804 IEC 60065
VDE 0160
Electronic equipment for electrical power installation
Telecommunication apparatus and data processing
VDE 0750/IEC 60601
Medical equipment
Safety for mains-operated electronic and related household apparatus
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Parameter Reverse voltage Forward current Forward surge current Power dissipation Junction temperature tp 10 s Test condition Symbol VR IF IFSM Pdiss Tj Value 5 75 1.5 120 100 Unit V mA A mW C
Output
Parameter Collector emitter voltage Emitter collector voltage Collector current Collector peak current Power dissipation Junction temperature tp/T = 0.5, tp 10 ms Test condition Symbol VCEO VECO IC ICM Pdiss Tj Value 32 7 50 100 130 100 Unit V V mA mA mW C
Coupler
Parameter AC isolation test voltage (RMS) Total power dissipation Ambient temperature range Storage temperature range Soldering temperature 2 mm from case, t 10 s t = 1 min Test condition Symbol VISO Ptot Tamb Tstg Tsld Value 8.2 250 - 55 to + 85 - 55 to + 100 260 Unit kV mW C C C
www.vishay.com 2
Document Number 83540 Rev. 1.6, 26-Oct-04
VISHAY
Electrical Characteristics
CNY64/ CNY65/ CNY66
Vishay Semiconductors
Tamb = 25 C, unless otherwise specified Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Parameter Forward voltage Junction capacitance Test condition IF = 50 mA VR = 0, f = 1 MHz Symbol VF Cj Min Typ. 1.25 50 Max 1.6 Unit V pF
Output
Parameter Collector emitter voltage Emitter collector voltage Collector-emitter leakage current Test condition IC = 1 mA IE = 100 A VCE = 20 V, If = 0 Symbol VCEO VECO ICEO Min 32 7 200 Typ. Max Unit V V nA
Coupler
Parameter Collector emitter saturation voltage Cut-off frequency Coupling capacitance Test condition IF = 10 mA, IC = 1 mA VCE = 5 V, IF = 10 mA, RL = 100 f = 1 MHz Symbol VCEsat fc Ck 110 0.3 Min Typ. Max 0.3 Unit V kHz pF
Current Transfer Ratio
Parameter IC/IF Test condition VCE = 5 V, IF = 10 mA CNY64A CNY65A CNY64B CNY65B Part Symbol CTR CTR CTR CTR CTR Min 50 63 63 100 100 Typ. Max 300 125 125 200 200 Unit % % % % %
Maximum Safety Ratings
(according to DIN EN 60747-5-2(VDE0884)/ DIN EN 60747-5-5 pending) see figure 1 This optocoupler is suitable for safe electrical isolation only within the safety ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Input
Parameter Forward current Test condition Symbol IF Min Typ. Max 120 Unit mA
Output
Parameter Power dissipation Test condition Symbol Pdiss Min Typ. Max 250 Unit mW
Document Number 83540 Rev. 1.6, 26-Oct-04
www.vishay.com 3
CNY64/ CNY65/ CNY66
Vishay Semiconductors Coupler
Parameter Rated impulse voltage Safety temperature Test condition Symbol VIOTM Tsi Min Typ. Max 8 150
VISHAY
Unit kV C
Insulation Rated Parameters
Parameter Partial discharge test voltage Routine test Partial discharge test voltage Lot test (sample test) Insulation resistance Test condition 100 %, ttest = 1 s tTr = 60 s, ttest = 10 s, (see figure 2) VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C VIO = 500 V, Tamb = 150 C
(construction test only)
Symbol Vpd VIOTM Vpd RIO RIO RIO
Min 2.8 8 2.2 1012 10
11 9
Typ.
Max
Unit kV kV kV
10
VIOTM
250 225 200 175 150 125 100 75 50 25 0 0
95 10922
Psi (mW)
t1, t2 = 1 to 10 s t3, t4 = 1 s ttest = 10 s tstres = 12 s VPd VIOWM VIORM
I si (mA)
0
13930
t3 ttest t4
t1
tTr = 60 s
t2
tstres
25
50
75
100 125 150 175 200 Tamb ( C )
t
Figure 1. Derating diagram
Figure 2. Test pulse diagram for sample test according to DIN EN 60747-5-2(VDE0884)/ DIN EN 60747-; IEC60747
www.vishay.com 4
Document Number 83540 Rev. 1.6, 26-Oct-04
VISHAY
Switching Characteristics
Parameter Delay time Rise time Fall time Storage time Turn-on time Turn-off time Turn-on time Turn-off time Test condition VS = 5 V, IC = 5 mA, RL = 100 (see figure 3) VS = 5 V, IC = 5 mA, RL = 100 (see figure 3) VS = 5 V, IC = 5 mA, RL = 100 (see figure 3) VS = 5 V, IC = 5 mA, RL = 100 (see figure 3) VS = 5 V, IC = 5 mA, RL = 100 (see figure 3) VS = 5 V, IC = 5 mA, RL = 100 (see figure 3) VS = 5 V, IF = 10 mA, RL = 1 k (see figure 4) VS = 5 V, IF = 10 mA, RL = 1 k (see figure 4)
CNY64/ CNY65/ CNY66
Vishay Semiconductors
Symbol td tr tf ts ton toff ton toff
Min
Typ. 2.6 2.4 2.7 0.3 5.0 3.0 25.0 42.5
Max
Unit s s s s s s s s
IF
0 IF IF +5V IC = 5 mA; adjusted through input amplitude
96 11698
0 IC 100% 90%
tp
t
RG = 50 W tp = 0.01 T tp = 50 s
Channel I Channel II 50 W 100 W Oscilloscope RL 1 MW CL 20 pF
10% 0
tr td ton
pulse duration delay time rise time turn-on time
ts
tf toff
t
storage time fall time turn-off time
95 10900
tp td tr ton (= td + tr)
ts tf toff (= ts + tf)
Figure 3. Test circuit, non-saturated operation
Figure 5. Switching Times
0
IF
IF = 10 mA
+5V IC
RG = 50 tp = 0.01 T tp = 50 s
Channel I Channel II 50 1 k Oscilloscope RL 1M CL 20 pF
95 10843
Figure 4. Test circuit, saturated operation
Document Number 83540 Rev. 1.6, 26-Oct-04
www.vishay.com 5
CNY64/ CNY65/ CNY66
Vishay Semiconductors Typical Characteristics (Tamb = 25 C unless otherwise specified)
Ptot -Total Power Dissipation ( mW )
VISHAY
200
1000
ICEO- Collector Dark Current, with open Base ( nA)
160
V CE=20V I F=0 100
120 Coupled Device 80 Phototransistor IR-Diode
10
40 0 0
1
25
50
75
100
96 12000
0
10 20 30 40 50 60 70 80 90 100 Tamb - Ambient Temperature (C )
95 11003
Tamb - Ambient Temperature (C )
Figure 6. Total Power Dissipation vs. Ambient Temperature
Figure 9. Collector Dark Current vs. Ambient Temperature
100
IC - Collector Current ( mA)
1000
I F - Forward Current ( mA )
V CE=5V 10
100
10
1
1
0.1
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
96 11862
0.01 0.1
95 11012
1
10
100
V F - Forward Voltage ( V )
I F - Forward Current ( mA )
Figure 7. Forward Current vs. Forward Voltage
Figure 10. Collector Current vs. Forward Current
100
CTR rel Relative Current Transfer Ratio -
1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6
V CE=5V I F=10mA
IC - Collector Current ( mA )
1.5
I F=50mA 10mA 10 5mA
2mA 1 1mA
0.5 -30 -20 -10 0 10 20 30 40 50 60 70 80 Tamb - Ambient T emperature ( C )
0.1 0.1
95 11013
1
10
100
96 11911
V CE - Collector Emitter Voltage ( V )
Figure 8. Relative Current Transfer Ratio vs. Ambient Temperature
Figure 11. Collector Current vs. Collector Emitter Voltage
www.vishay.com 6
Document Number 83540 Rev. 1.6, 26-Oct-04
VISHAY
CNY64/ CNY65/ CNY66
Vishay Semiconductors
20 ton 15 Non Saturated Operation VS = 5 V R L = 100
V - CEsat Collector Emitter Saturation Voltage (V)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 1 10% 10 I C - Collector Current ( mA ) 100 20% CTR=50%
ton / toff - Turn on / Turn off Time ( s )
10
toff
5
0 0 2 4 6 8 10 I C - Collector Current ( mA )
96 11912
95 11016
Figure 12. Collector Emitter Saturation Voltage vs. Collector Current
1000 V CE=5V 100
Figure 15. Turn on / off Time vs. Collector Current
CTR - CurrentTransfer Ratio ( % )
10
1 0.1
95 11015
1
10
100
I F - Forward Current ( mA )
Figure 13. Current Transfer Ratio vs. Forward Current
ton / toff - Turn on / Turn off Time ( s )
50 toff 40
30 ton Saturated Operation VS = 5 V RL = 1 k 20
20 10 0 0 5 10
15
95 11017
I F - Forward Current ( mA )
Figure 14. Turn on / off Time vs. Forward Current
Document Number 83540 Rev. 1.6, 26-Oct-04
www.vishay.com 7
CNY64/ CNY65/ CNY66
Vishay Semiconductors Package Dimensions in mm
VISHAY
14765
Package Dimensions in mm
14763
www.vishay.com 8
Document Number 83540 Rev. 1.6, 26-Oct-04
VISHAY
Package Dimensions in mm
CNY64/ CNY65/ CNY66
Vishay Semiconductors
14764
Document Number 83540 Rev. 1.6, 26-Oct-04
www.vishay.com 9
CNY64/ CNY65/ CNY66
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
VISHAY
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 10
Document Number 83540 Rev. 1.6, 26-Oct-04
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of CNY6405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X