Part Number Hot Search : 
C5132A 1N4737 TB2905HQ KP30A U5222S0 EL2270CN 1CZ11V 34701
Product Description
Full Text Search
 

To Download CHDTC144VKPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT NPN Digital Silicon Transistor
VOLTAGE 50 Volts
APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.
CHDTC144VKPT
CURRENT 30 mAmpere
FEATURE
* Small surface mounting type. (SC-59/SOT346) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. Internal isolated NPN transistors in one package. Built in bias resistor(R1=47k, Typ. )
SC-59/SOT-346
(2) (3)
0.95 2.7~3.1 0.95
(1)
1.7~2.1
CONSTRUCTION
* One NPN transistors and bias of thin-film resistors in one package.
0.3~0.51 1.2~1.9
MARKING
VKA
Gnd In 1
0.89~1.3 0.085~0.2 0.3~0.6 2.1~2.95 0~0.1
CIRCUIT
2
R2 TR R1
3 Out
Dimensions in millimeters
SC-59/SOT-346
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCC VIN IO DC Output current IC(Max.) PTOT TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board.
2004-01
PARAMETER Supply voltage Input voltage
CONDITIONS -
MIN.
MAX. 50 +40 30 V V
UNIT
-15 - - Tamb 25 OC, Note 1 - -55 - junction - soldering point -
mA 100 200 +150 150 140 mW
O
Total power dissipation Storage temperature Junction temperature Thermal resistance
C C C/W
O
O
RATING CHARACTERISTIC ( CHDTC144VKPT )
CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL VIoff) VI(on) VO(on) II IC(off) hFE R1 R2/R1 fT PARAMETER Input off voltage Input on voltage Output voltage Input current Output current DC current gain Input resistor Resistor ratio Transition frequency IE=-5mA, VCE=10.0V f=100MHz = CONDITIONS IO=100uA; VCC=5.0V IO=2mA; VO=0.3V IO=10mA; II=0.5mA VI=5V VI=0V; VCC=50V IO=5mA; VO=5.0V - - - - 33 32.9 0.17 - MIN. 1.0 - - 0.1 - - - 47 0.21 250 TYP. MAX. - 6.0 0.3 0.16 0.5 - 61.1 0.26 - K MHz V V V mA uA UNIT
Note 1.Pulse test: tp300uS; 0.02.


▲Up To Search▲   

 
Price & Availability of CHDTC144VKPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X