Part Number Hot Search : 
NTR4502 1N4771A MM1510 2FWJ42M C9014 APE34024 D6562 R3003
Product Description
Full Text Search
 

To Download CHDTC144GMPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT NPN Digital Silicon Transistor
VOL TA GE 50 Vo l t s
APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.
CHDTC144GMPT
CURRENT 100 m A m p er e
FEATURE
* Small surface mounting type. (SOT-723) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. Internal isolated NPN transistors in one package. Built in bias resistor(R1=47k, Typ. )
0.17~0.27 0.4 1.15~1.25 0.4
(1)
SOT-723
(3)
(2)
0.75~0.85 0.27~0.37
CONSTRUCTION
* One NPN transistors and bias of thin-film resistors in one package.
0.17~0.27 0.75~0.85
0.11~0.14
0.45~0.55
Emitter
Base 1
CIRCUIT
2
1.15~1.25
R1 TR
3 Collector
Dimensions in millimeters
SOT-723
LIMITING VALUES In accordance with the Absolute Maximum Rating System . SYMBOL VCBO VCEO VEBO IC(Max.) PD TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board.
2004-06
PARAMETER Coll ector -Base voltage Collector-Emitter voltage Emitter-Base voltage Coll ector current Power dissipation Storage temperature Junction temperature Thermal resistance , Note 1
CONDITIONS 50 50 5 100 Tamb 25 OC, Note 1 150
VALUE V V V
UNIT
mA mW
O
-55 +150 -55 +150 junction - soldering point 140
C
O
C C/W
O
RATING CHARACTERISTIC ( CHDTC144GMPT )
CHARA CTERISTICS Tamb = 25 C unless otherwise specied. SY MBOL BVCBO BVCEO BVEBO VCE(sat) ICBO IEBO hFE R1 fT PARAMETER Collector-Base breakdown voltage Emitter-Base breakdown voltage Collector-Emitter Saturation voltage Collector-Base current Emitter-Base current DC current gain Input resistor Transition frequency CONDITIONS IC=50uA IE=160uA IC=10mA; IB=0.5mA VCB=50V VEB=4V IC=5mA; VCE=5.0V IE=-5mA, VCE=10.0V f=100MHz = MIN. 50.0 50.0 5.0 - - 65 68 32.9 - - - - - - - - 47 250 TY P . - - - 0.3 0.5 130 - 61.1 - MAX. V V V V uA uA K MHz UNIT
Collector-Emitter breakdown voltage IC=1mA
Not e 1.Pulse test: tp300uS; 0.02.


▲Up To Search▲   

 
Price & Availability of CHDTC144GMPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X