Part Number Hot Search : 
1X392K 54FCT MC74HC 5ETTTS TEVAL 16N50C 1570E5 SMCJ30
Product Description
Full Text Search
 

To Download C-15-155-FDFB-SLC8A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLCx
Features * Duplex LC Single Mode Transceiver * Small Form Factor Multi-sourced 2 x 5 Pin Package * Long reach SONET OC-3 / SDH STM-1 LR2 Compliant * Single+3.3V Power Supply * LVPECL Differential Inputs and Outputs * Class 1 Laser International Safety Standard IEC 825 Compliant * Solderability to MIL-STD-883, Method 2003 * Pin coating is Sn/Pb with minimum 2% Pb content * Flammability to UL94V0 * Humidity RH 5-85% (5-95% short term) to IEC 68-2-3 * Complies with Bellcore GR-468-CORE * Uncooled laser diode with MQW structure * ATM 155Mb/s Links * RoHS compliance available
Absolute Maximum Rating Parameter Power Supply Voltage Output Current Soldering Temperature Storage Temperature Symbol Vcc Iout Tstg Min. 0 0 -40 Max. 3.6 30 260 85 Unit V mA C C 10 seconds on leads only Note
Recommended Operating Condition Parameter Power Supply Voltage Operating Temperature (Case) Data Rate
1
Symbol Vcc Topr Topr -
Min. 3.1 -40 0 -
Typ. 3.3 155
Max. 3.5 85 70 -
Unit V C C Mbps
Operating Temperature (Case)1
Note 1 : Please refer to ordering information Transmitter Specifications Parameter Optical Optical Transmit Power Optical Transmit Power Output center Wavelength Output Spectrum Width Side Mode Suppression Ratio Extinction Ratio Output Eye Optical Rise Time Optical Fall Time Relative Intensity Noise Total Jitter tr tf RIN TJ Po Po Sr ER -5 -3 1480 30 10 1550 35 0 +3 1580 1 2 2 -116 1.2 dBm dBm nm nm dBm dB ns ns dB/Hz ns Measured with 223-1 PRBS 10% to 90% Values 10% to 90% Values Output power is coupled into a 9/125m single mode fiber. C-15-155-FDFB-SLC8(10) Output power is coupled into a 9/125m single mode fiber. C-15-155-FDFB-SLC10 +25C -20 dB width Symbol Min Typical Max Unit Notes
Compliant with ITU recommendation G.957
LUMINENTOIC.COM
20550 Nordhoff St. * Chatsworth, CA 91311 * tel: 818.773.9044 * fax: 818.576.9486 9F, No 81, Shui Lee Rd. * Hsinchu, Taiwan, R.O.C. * tel: 886.3.5169222 * fax: 886.3.5169213
1
LUMNDS1504-Jun2307 Rev A.3
155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLCx
Transmitter Specifications Parameter Electrical Power Supply Current Transmit Enable Voltage Transmit Disable Voltage Data Input Current-Low Data Input Current-High Data Input Voltage-Low Data Input Voltage-High ICC
VEN VD
Symbol
Min
Typical
Max
Unit
Notes Maximum current is specified at Vcc= Maximum @ maximum temperature
0 2.0 -200 -2.0 -1.1
-
180 0.8 Vcc 200 -1.58 -0.74
mA V V A A V V
IIL IIH VIL-VCC VIH-VCC
These inputs are compatible with 10K, 10KH and 100K ECL and PECL inputs
Receiver Specifications Parameter Optical Sensitivity Maximum Input Power Signal Detect-Asserted Signal Detect-Deasserted Signal Detect-Hysteresis Wavelength of Operation Pin Pa Pd 0 -48 1.0 1100 -37 -37 4.0 1600 dBm dBm dBm dBm dB nm Measured on transition: low to high Measured on transition: high to low Measured with 223-1 PRBS with 72 ones and 72 zeros.(ITU-T recommendation G.958) Symbol Min Typical Max Unit Notes
Receiver Specifications Parameter Electrical Power Supply Current Data Output Voltage-Low Data Output Voltage-High Signal Detect Output Voltage-Low Signal Detect Output Voltage-High ICC VOL -Vcc VOH- Vcc VSDL-Vcc VSDH- Vcc -1.98 -1.1 -1.98 -1.1 100 -1.71 -0.91 -0.71 -0.91 mA V V V V These outputs are compatible with 10K, 10KH and 100K ECL and LVPECL outputs The current excludes the output load current Symbol Min Typical Max Unit Note
LUMINENTOIC.COM
20550 Nordhoff St. * Chatsworth, CA 91311 * tel: 818.773.9044 * fax: 818.576.9486 9F, No 81, Shui Lee Rd. * Hsinchu, Taiwan, R.O.C. * tel: 886.3.5169222 * fax: 886.3.5169213
2
LUMNDS1504-Jun2307 Rev A.3
155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLCx
Connection Diagram
Legal Notice PIN 1 2 3 4 5 6 7 8 9 10
Symbol RxGND TxVcc SD RDRD+ TxVcc TxGND TxDIS TD+ TD-
Notes Directly connect this pin to the receiver ground plane +3.3 V dc power for the receiver section Active high on this indicates a received optical signal(LVPECL) Receiver Data Out Bar (LVPECL) Receiver Dat Out (LVPECL) +3.3 V dc power for the transmitter section Directly connect this pin to the transmitter ground plane Transmitter disable (LVTTL) Transmitter Data In (LVPECL) Transmitter Data In Bar (LVPECL) The attaching posts are at case potential and may be connected to chassis ground. They are isolated from circuit ground.
Attaching Posts
LUMINENTOIC.COM
20550 Nordhoff St. * Chatsworth, CA 91311 * tel: 818.773.9044 * fax: 818.576.9486 9F, No 81, Shui Lee Rd. * Hsinchu, Taiwan, R.O.C. * tel: 886.3.5169222 * fax: 886.3.5169213
3
LUMNDS1504-Jun2307 Rev A.3
155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLCx
Recommended Circuit Schematic
PHY DEVICE
TERMINATE AT TRANSCEIVER INPUTS
Vcc(+3.3V)
Z=50
TD-
100
LVPECL
Z=50
TD+
130
130
10
TD-
9
TD+
8
TxDIS
7
TxGND
6
1H
Tx Disable
LVTTL
Vcc(+3.3V)
C3
TxVcc
Tx Rx
C2
10F
RxGND
RxVcc
RD+
RD-
SD
1H C1
RD+
Vcc(+3.3V)
1
2
3
4
5
Z=50 100
RD-
LVPECL
Z=50 130 130 Z=50
Vcc(+3.3V) 130
SD
LVPECL
82
NOTE:C1=C2=C3=100nF TERMINATE AT DEVICE INPUTS
The split-loaded terminations for ECL signals need to be located at the input of devices receiving those ECL signals. The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc. A GND plane under the module is required for good EMI and sensitivity performance.
LUMINENTOIC.COM
20550 Nordhoff St. * Chatsworth, CA 91311 * tel: 818.773.9044 * fax: 818.576.9486 9F, No 81, Shui Lee Rd. * Hsinchu, Taiwan, R.O.C. * tel: 886.3.5169222 * fax: 886.3.5169213
4
LUMNDS1504-Jun2307 Rev A.3
155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLCx
Printed Circuit Board Layout Consideration A fiber-optic receiver employs a very high gain, wide bandwidth transimpedance amplifier. This amplifier detects and amplifies signals that are only tens of nA in amplitude when the receiver is operating near it's limit. Any unwanted signal current that couples into the receiver circuitry causes a decrease in the receiver's sensitivity and can also degrade the performance of the receiver's signal detect (SD) circuit. To minimize the coupling of unwanted noise into the receiver, careful attention must be given to the printed circuit board. At a minimum, a double-sided printed circuit board(PCB) with a large component side ground plane beneath the transceiver must be used. In applications that include many other high speed devices, a multi-layer PCB is highly recommended. This permits the placement of power and ground on separate layers, wich allows them to be isolated from the signal lines. Multilayer construction also permits the routing of signal traces away from high level, high speed sinal lines. To minimize the possibility of coupling noise into the receiver section, high level, high speed signals such as transmitter inputs and clock lines should be routed as far away as possible from the receiver pins. Noise that couples into the receiver through the power supply pins can also degrade performance. It is recommended that a pi filter be used in both transmitter and receiver power supplies. EMI and ESC Consideration LuminentOIC transceivers offer a metalized plastic case and a special chassis grounding clip. As shown in the drawing, this clip connects the module case to chassis ground then installs flush through the panel cutout. This way, the grounding clip brushes the edge of the cutout in order to make a proper contact. The use of a grounding clip also provides increased electrostatic protection and helps reduce radiated emission from the module or the host circuit board through the chassis faceplate. The attaching posts are at case potential and may be connected to chassis ground. They should not be connected to circuit ground. Plastic optical subassemblies are used to further reduce the possibility of radiated emission by eliminating the metal from the transmitter and receiver diode housings, which extend into connector space. By providing a non-metal receptacle for the optical cable ferrule, the gigabit speed RF electrical signal is isolated from the connector area thus preventing radiated energy leakage from these surfaces to the outside of the panel.
LUMINENTOIC.COM
20550 Nordhoff St. * Chatsworth, CA 91311 * tel: 818.773.9044 * fax: 818.576.9486 9F, No 81, Shui Lee Rd. * Hsinchu, Taiwan, R.O.C. * tel: 886.3.5169222 * fax: 886.3.5169213
5
LUMNDS1504-Jun2307 Rev A.3
155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLCx
Recommended Board Layout Hole Pattern
DIMENSION IN MILLIMETER (INCHES) NOTES: 1.THIS FIGURE DESCRIBE THE RECOMMAND CIRCUIT BOARD LAYOUT FOR THE SFF TRANSCEIVER. 2.THE HATCHED AREAS ARE KEEP-OUT AREAS RESERVED FOR HOUSING STANDOFF. NO METAL TRACES OR GROUND CONNECTION IN KEEP-OUT AREAS. 3.THE MOUNTING STUDS SHOULD BE SOLDERED TO CHASSIS GROUND FOR MECHANICAL INTEGRITY.
Recommended Panel mounting
DIMENSION IN MILLIMETER (INCHES)
LUMINENTOIC.COM
20550 Nordhoff St. * Chatsworth, CA 91311 * tel: 818.773.9044 * fax: 818.576.9486 9F, No 81, Shui Lee Rd. * Hsinchu, Taiwan, R.O.C. * tel: 886.3.5169222 * fax: 886.3.5169213
6
LUMNDS1504-Jun2307 Rev A.3
155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLCx
Package Diagram
C-15-155-FDFB-SLCx(A)S

(1.921) +() -(0.008)
Units: mm (inches)

(0.535) +() -(0.004)
(0.)
(0.520)
(0.)
(0.)
(0.386) +() -(0.004)

(0.374)
(0.)
(0.086)
(0.)
(0.400)
(0.150)
(0.020) (0.070)
(0.413) (0.039)(0.002) (0.700)

(0.280)
(0.200)
(0.246)
Case with EMI Shielding Finger
Package Diagram
C-15-155-FDFB-SLCx(A)

(1.921) +() -(0.008)
(0.535) +() -(0.004)
Units: mm (inches)

(0.520)
(0.386)
(0.0390.002)
(0.020) (0.070) (0.700)
(0.413)
(0.150)
(0.386) +() -(0.004)
(0.374)

(0.280)
(0.200)
(0.246)
LUMINENTOIC.COM
20550 Nordhoff St. * Chatsworth, CA 91311 * tel: 818.773.9044 * fax: 818.576.9486 9F, No 81, Shui Lee Rd. * Hsinchu, Taiwan, R.O.C. * tel: 886.3.5169222 * fax: 886.3.5169213
(0.400)
7
LUMNDS1504-Jun2307 Rev A.3
155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLCx
Ordering Information R Available Options:
C-15-155-FDFB-SLC8(10) C-15-155-FDFB-SLC8(10)A C-15-155-FDFB-SLC8(10)S C-15-155-FDFB-SLC8(10)AS
Part numbering Definition:
C-15-155-FDFB-SLC8(10)-G5 C-15-155-FDFB-SLC8(10)A-G5 C-15-155-FDFB-SLC8(10)S-G5 C-15-155-FDFB-SLC8(10)AS-G5
C - 15 - 155 - FDFB - S LC Tx Power Temperature Packge -RoHS
* 15 = Wavelength 1550 nm
* Communication protocol 155 Mbps LVPEVL SD Output
* +3.3V Transceiver, DFB * Single mode fiber * Connector options * Tx Power Range 8 = Tx Power -5 to 0 dBm 10 = Tx Power -3 to +3 dBm * Temperature Blank = Commercial temperature (0 to 70) A = Industrial Temperature (-40 to 85) * Shielding finger option Blank = Standard Packge S = Case with EMI Shielding Finger * Ordering Information Blank = RoHS non-compliant product G5 = RoHS 5/6-compliant product (lead exemption)
LUMINENTOIC.COM
20550 Nordhoff St. * Chatsworth, CA 91311 * tel: 818.773.9044 * fax: 818.576.9486 9F, No 81, Shui Lee Rd. * Hsinchu, Taiwan, R.O.C. * tel: 886.3.5169222 * fax: 886.3.5169213
8
LUMNDS1504-Jun2307 Rev A.3
155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLCx
Warnings:
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow guidelines according to proper ESD procedures. Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Legal Notes:
IMPORTANT NOTICE! All information contained in this document is subject to change without notice, at LuminentOIC's sole and absolute discretion. LuminentOIC warrants performance of its products to current specifications only in accordance with the company's standard one-year warranty; however, specifications designated as "preliminary" are given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warranties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company's Terms and Conditions of Sale for further warranty information. LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from such use or sale. THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN "AS IS" BASIS. Customer agrees that LuminentOIC is not liable for any actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current. (c) LuminentOIC, Inc. 2003 All rights reserved
LUMINENTOIC.COM
20550 Nordhoff St. * Chatsworth, CA 91311 * tel: 818.773.9044 * fax: 818.576.9486 9F, No 81, Shui Lee Rd. * Hsinchu, Taiwan, R.O.C. * tel: 886.3.5169222 * fax: 886.3.5169213
9
LUMNDS1504-Jun2307 Rev A.3


▲Up To Search▲   

 
Price & Availability of C-15-155-FDFB-SLC8A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X