Part Number Hot Search : 
CD4025AF 328RPDP D4093 MAJ160A F2001 FM101 2SD19 MCR10
Product Description
Full Text Search
 

To Download BZX55C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX55C
SILICON PLANAR ZENER DIODES
The Zener voltages are graded according to the international E24 standard. Other tolerances and higher Zener voltages are upon request.
Max. 0.5
Max. 0.45
Max. 1.9
Min. 27.5
Max. 1.9
Min. 27.5
Black Cathode Band Black Part No. Black "ST" Brand
Black Cathode Band
XXX
ST
Max. 3.9
Black Part No.
XXX
Max. 2.9
Min. 27.5
Min. 27.5
Glass Case DO-35 Dimensions in mm
Glass Case DO-34 Dimensions in mm
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Power Dissipation Junction Temperature Storage Temperature Range
1)
Symbol Ptot Tj TS
Value 500
1)
Unit mW
O
175 - 55 to + 175
C C
O
Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case
Characteristics at Ta = 25 OC
Parameter Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 100 mA
1)
Symbol RthA VF
Max. 0.3 1
1)
Unit K/mW V
Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 12/06/2007
BZX55C
Zener Voltage Range 1) Type
BZX55C0V8 BZX55C2V0 BZX55C2V2 BZX55C2V4 BZX55C2V7 BZX55C3V0 BZX55C3V3 BZX55C3V6 BZX55C3V9 BZX55C4V3 BZX55C4V7 BZX55C5V1 BZX55C5V6 BZX55C6V2 BZX55C6V8 BZX55C7V5 BZX55C8V2 BZX55C9V1 BZX55C10 BZX55C11 BZX55C12 BZX55C13 BZX55C15 BZX55C16 BZX55C18 BZX55C20 BZX55C22 BZX55C24 BZX55C27 BZX55C30 BZX55C33 BZX55C36 BZX55C39 BZX55C43 BZX55C47 BZX55C51 BZX55C56 BZX55C62 BZX55C68 BZX55C75 BZX55C82 BZX55C91 BZX55C100 BZX55C110 BZX55C120 BZX55C130 BZX55C150 BZX55C160 BZX55C180 BZX55C200
1) 2) 2)
Dynamic Resistance rZJT Max.()
8 85 85 85 85 85 85 85 85 75 60 35 25 10 8 7 7 10 15 20 20 26 30 40 50 55 55 80 80 80 80 80 90 90 110 125 135 150 200 250 300 450 450 600 800 950 1250 1400 1700 2000
Reverse Leakage Current Ta =25OC Ta=125OC IR at VR Max.(A) Max.(A) V
-100 75 50 10 4 2 2 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 -200 160 100 50 40 40 40 40 20 10 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 5 5 5 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 -1 1 1 1 1 1 1 1 1 1 1 1 2 3 5 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150
Vznom V
0.8 2 2.2 2.4 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200
lZT mA
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 1 1 1 1 1 1 1 1 1
for
VZT V
rZJK at Max.()
50 600 600 600 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 220 220 220 220 500 500 600 700 700 1000 1000 1000 1500 2000 5000 5000 5500 6000 6500 7000 8500 10000
IZK mA
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.25 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
Temp. Coefficient of Zener Voltage TKvz %/K
-0.26...-0.23 -0.09...-0.06 -0.09...-0.06 -0.09...-0.06 -0.09...-0.06 -0.08...-0.05 -0.08...-0.05 -0.08...-0.05 -0.08...-0.05 -0.06...-0.03 -0.05...+0.02 -0.02...+0.02 -0.05...+0.05 0.03...0.06 0.03...0.07 0.03...0.07 0.03...0.08 0.03...0.09 0.03...0.1 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12
0.73...0.83 1.8...2.15 2.08...2.33 2.28...2.56 2.5...2.9 2.8...3.2 3.1...3.5 3.4...3.8 3.7...4.1 4...4.6 4.4...5 4.8...5.4 5.2...6 5.8...6.6 6.4...7.2 7...7.9 7.7...8.7 8.5...9.6 9.4...10.6 10.4...11.6 11.4...12.7 12.4...14.1 13.8...15.6 15.3...17.1 16.8...19.1 18.8...21.2 20.8...23.3 22.8...25.6 25.1...28.9 28...32 31...35 34...38 37...41 40...46 44...50 48...54 52...60 58...66 64...72 70...79 77...87 85...96 94...106 104...116 114...127 124...141 138...156 153...171 168...191 188...212
Tested with pulses tp = 20 ms. The BZX55C0V8 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z". Connect the cathode lead to the negative pole.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 12/06/2007
BZX55C
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 12/06/2007


▲Up To Search▲   

 
Price & Availability of BZX55C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X