Part Number Hot Search : 
C1510 G2306 SI442 5M0280 BR600 CJ7806 KBPC3504 C2520
Product Description
Full Text Search
 

To Download BYVB32-200-E345 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV(F,B)32-50 thru BYV(F,B)32-200
Vishay General Semiconductor
Dual Common-Cathode Ultrafast Rectifier
TO-220AB ITO-220AB
2 BYV32 Series
PIN 1 PIN 3 PIN 2 CASE
3 1 BYVF32 Series
PIN 1 PIN 3 PIN 2
2
3
1
TO-263AB K
FEATURES * Glass passivated chip junction * Ultrafast recovery time * Low switching losses, high efficiency * Low forward voltage drop * High forward surge capability * Meets MSL level 1, per J-STD-020, LF maximum peak of 245 C (for TO-263AB package) * Solder dip 260 C, 40 s (for TO-220AB and ITO-220AB package) * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in high frequency rectifier of switching mode power supplies, inverters, freewheeling diodes, dc-to-dc converters, and other power switching application. MECHANICAL DATA Case: TO-220AB, ITO-220AB, TO-263AB Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test, HE3 suffix for high reliability grade (AEC Q101 qualified), meets JESD 201 class 2 whisker test Polarity: As marked Mounting Torque: 10 in-lbs maximum
2 1 BYVB32 Series
PIN 1 PIN 2 K HEATSINK
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM trr VF TJ max. 18 A 50 V to 200 V 150 A 25 ns 0.85 V 150 C
MAXIMUM RATINGS (TC = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC = 125 C Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode Operating storage and temperature range Isolation voltage (ITO-220AB only) from terminal to heatsink t = 1 min SYMBOL VRRM VRMS VDC IF(AV) IFSM TJ, TSTG VAC BYV32-50 50 35 50 BYV32-100 100 70 100 18 150 - 65 to + 150 1500 BYV32-150 150 105 150 BYV32-200 200 140 200 UNIT V V V A A C V
Document Number: 88558 Revision: 05-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
BYV(F,B)32-50 thru BYV(F,B)32-200
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage per diode (1) Maximum DC reverse current per diode at rated DC blocking voltage Maximum reverse recovery time per diode Typical junction capacitance per diode Note: (1) Pulse test: 300 s pulse width, 1 % duty cycle TEST CONDITIONS IF = 20 A IF = 5.0 A TJ = 25 C TJ = 100 C TJ = 25 C TJ = 100 C IF = 1 A, VR = 30 V, dI/dt = 100 A/s, Irr = 10 % IRM 4.0 V, 1 MHz SYMBOL VF BYV32-50 BYV32-100 BYV32-150 BYV32-200 UNIT V 1.15 0.85 10 600 25 45
IR
A
trr CJ
ns pF
THERMAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance from junction to case per diode SYMBOL RJC BYV 1.6 BYVF 5.0 BYVB 1.6 UNIT C/W
ORDERING INFORMATION (Example)
PACKAGE TO-220AB ITO-220AB TO-263AB TO-263AB TO-220AB ITO-220AB TO-263AB TO-263AB Note: (1) Automotive grade AEC Q101 qualified PREFERRED P/N BYV32-200-E3/45 BYVF32-200-E3/45 BYVB32-200-E3/45 BYVB32-200-E3/81 BYV32-200HE3/45 (1) BYVF32-200HE3/45 (1) BYVB32-200HE3/45 (1) BYVB32-200HE3/81 (1) UNIT WEIGHT (g) 1.85 1.97 1.35 1.35 1.85 1.97 1.35 1.35 PACKAGE CODE 45 45 45 81 45 45 45 81 BASE QUANTITY 50/tube 50/tube 50/tube 800/reel 50/tube 50/tube 50/tube 800/reel DELIVERY MODE Tube Tube Tube Tape and reel Tube Tube Tube Tape and reel
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88558 Revision: 05-May-08
BYV(F,B)32-50 thru BYV(F,B)32-200
Vishay General Semiconductor
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
20 1000 Resistive or Inductive Load 16
Average Forward Rectified Current (A)
Instantaneous Reverse Leakage Current (A)
18
100
TC = 100 C
12
10
8
1
4
TC = 25 C 0 0 25 50 75 100 125 150 0.1 0 20 40 60 80 100
Case Ambient Temperature (C)
Percent of Rated Peak Reverse Voltage (%)
Figure 1. Forward Current Derating Curve
Figure 4. Typical Reverse Leakage Characteristics Per Diode
150
60 TJ = 150 C 10 ms Single Half Sine-Wave TJ = 25 C f = 1.0 MHz Vsig = 5 mVp-p
Peak Forward Surge Current (A)
100
Junction Capacitance (pF)
125
50
40
75
30
50
20
25
10
0 1 10 100
0 1 10 100
Number of Cycles at 50 Hz
Reverse Voltage (V)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Diode
Figure 5. Typical Junction Capacitance Per Diode
100
Instantaneous Forward Current (A)
10
TJ = 125 C
1
TJ = 25 C
0.1
Pulse Width = 300 s 1 % Duty Cycle
0.01 0.1
0.3
0.5
0.7
0.9
1.1
1.3
Instantaneous Forward Voltage (V)
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Document Number: 88558 Revision: 05-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
BYV(F,B)32-50 thru BYV(F,B)32-200
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.635 (16.13) 0.625 (15.87) 3 0.603 (15.32) 0.573 (14.55) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46) 0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95) 0.022 (0.56) 0.014 (0.36) 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14)
45 REF. 0.404 (10.26) 0.384 (9.75) 0.076 (1.93) REF. 0.076 (1.93) REF.
7 REF. 0.140 (3.56) DIA. 0.125 (3.17) DIA. 0.135 (3.43) DIA. 0.122 (3.08) DIA.
ITO-220AB
0.190 (4.83) 0.170 (4.32) 0.110 (2.79) 0.100 (2.54)
0.600 (15.24) 0.580 (14.73)
PIN
0.671 (17.04) 0.651 (16.54)
7 REF. 0.350 (8.89) 0.330 (8.38)
1 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45)
PIN 2
1
2
3
7 REF.
0.560 (14.22) 0.530 (13.46) 0.057 (1.45) 0.045 (1.14) 0.025 (0.64) 0.015 (0.38) 0.105 (2.67) 0.095 (2.41)
0.191 (4.85) 0.171 (4.35)
0.110 (2.79) 0.100 (2.54)
0.057 (1.45) 0.045 (1.14)
0.035 (0.89) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95)
0.028 (0.71) 0.020 (0.51)
TO-263AB
0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN. K 0.360 (9.14) 0.320 (8.13) 1 K 2 0.055 (1.40) 0.047 (1.19) 0.670 (17.02) 0.591 (15.00) 0.15 (3.81) MIN. 0.08 (2.032) MIN. 0.105 (2.67) 0.095 (2.41) 0.33 (8.38) MIN. 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout
0.42 (10.66) MIN.
0.624 (15.85) 0.591 (15.00)
0.037 (0.940) 0.027 (0.686) 0.105 (2.67) 0.095 (2.41)
0 to 0.01 (0 to 0.254) 0.110 (2.79) 0.090 (2.29) 0.021 (0.53) 0.014 (0.36) 0.205 (5.20) 0.195 (4.95) 0.140 (3.56) 0.110 (2.79)
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88558 Revision: 05-May-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BYVB32-200-E345

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X