Part Number Hot Search : 
DB106 MP3205 SA1276 00506 PU4310 HCT138 MAX103 4AC24
Product Description
Full Text Search
 

To Download BFC233920682 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKP 339 X2
Vishay BCcomponents
Interference Suppression Film Capacitors MKP Radial Potted Type
FEATURES
l 168x12(halfpage) h lt P O dt F' F 10 15 w l h h' (1) H O dt w
7.5 mm to 27.5 mm lead pitch. Supplied loose in box, taped on ammopack or reel RoHS compliant product
RATED VOLTAGE
AC 310 V; 50 Hz to 60 Hz
Dimensions in mm
(1) F - F' < 0.3 mm F = 7.5 mm + 0.6 mm/- 0.1 mm
PERMISSIBLE DC VOLTAGE
DC 630 V
APPLICATIONS
For standard across the line X2 applications. See also application note: www.vishay.com/docs/28153/anaccaps.pdf
ENCAPSULATION
Plastic case, epoxy resin sealed, flame retardant UL-class 94 V-0
CLIMATIC TESTING CLASS ACC. TO IEC 60068-1 REFERENCE STANDARDS
"IEC 60384-14 ed-3 and EN 60384-14 "IEC 60065, pass. flamm. class B" CSA-C22.2 No. 1; UL1414 CSA-E384-14; UL1283; CQC 55/110/56/B
CAPACITANCE RANGE (E12 SERIES)
E12 series 0.001 to 4.7 F Preferred values acc. to E6
MARKING
C-value; tolerance; rated voltage; sub-class; manufacturer's type designation; code for dielectric material, manufacturer location; manufacturer's logo; year and week; safety approvals
CAPACITANCE TOLERANCE
20 %; 10 %; 5 %
LEADS
Tinned wire
DIELECTRIC
Polypropylene film
MAXIMUM APPLICATION TEMPERATURE
C 470 nF: 110 C (125 C for less than 1000 h) C > 470 nF: 110 C
ELECTRODES
Metallized film
DETAIL SPECIFICATION
For more detailed data and test requirements contact: RFI@vishay.com
CONSTRUCTION
Mono construction
www.vishay.com 304
For technical questions, contact: RFI@vishay.com
Document Number: 28138 Revision: 31-Aug-09
MKP 339 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
COMPOSITION OF CATALOG NUMBER
Vishay BCcomponents
TYPE AND PITCHES 7.5 mm 7.5 mm (bent back) 339 X2 10.0 mm 15.0 mm 22.5 mm 27.5 mm Example: CAPACITANCE (numerically)
MULTIPLIER (nF) 0.1 1 10 100 2 3 4 5
104 = 10 x 10 = 100 nF
BFC2 2222 (*)
TYPE PACKAGING Loose in box
339 339
XX XX X XX XX X
C-TOL CODE NUMBER BFC2 339 20... BFC2 339 22... BFC2 339 24... BFC2 339 26... BFC2 339 28... BFC2 339 56... BFC2 339 58... BFC2 339 10... BFC2 339 12... BFC2 339 14... BFC2 339 16... BFC2 339 18... BFC2 339 66... BFC2 339 68... BFC2 339 50... BFC2 339 52... BFC2 339 54... BFC2 339 36... BFC2 339 38... BFC2 339 76... BFC2 339 78... CODE NUMBER BFC2 339 21... BFC2 339 23... BFC2 339 25... BFC2 339 27... BFC2 339 11... BFC2 339 13... BFC2 339 15... BFC2 339 17... BFC2 339 51... BFC2 339 53... BFC2 339 55... BFC2 339 46... BFC2 339 48...
(*) old ordering code STANDARD DIMENSIONS Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm 0.3 mm Lead length 5.0 mm 1.0 mm Lead length 25.0 mm 2.0 mm Reel: H = 18.5 mm; P0 = 12.7 mm or 15.0 mm Ammopack: H = 18.5 mm; P0 = 12.7 mm Reel: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm Ammopack: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm 0.3 mm Lead length 5.0 mm 1.0 mm Lead length 25.0 mm 2.0 mm Reel: H = 18.5 mm; P0 = 12.7 mm or 15.0 mm Ammopack: H = 18.5 mm; P0 = 12.7 mm Reel: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm Ammopack: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm 0.3 mm Lead length 5.0 mm 1.0 mm Llead length 25.0 mm 2.0 mm Reel: H = 18.5 mm; P0 = 12.7 mm or 15.0 mm Ammopack: H = 18.5 mm; P0 = 12.7 mm Reel: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm Ammopack: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm ALTERNATIVE LARGER PITCH SIZES Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm 0.3 mm Lead length 5.0 mm 1.0 mm Lead length 25.0 mm 2.0 mm Reel or ammopack: H = 18.5 mm; P0 = 12.7 mm Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm 0.3 mm Lead length 5.0 mm 1.0 mm Lead length 25.0 mm 2.0 mm Reel or ammopack: H = 18.5 mm; P0 = 12.7 mm Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm 0.3 mm Lead length 5.0 mm 1.0 mm Lead length 25.0 mm 2.0 mm Reel: H = 18.5 mm; P0 = 12.7 mm or 15.0 mm Ammopack: H = 18.5 mm; P0 = 12.7 mm
20 %
Taped (1)
Loose in box
10 %
Taped
(1)
Loose in box 339 X2 Taped (1) PACKAGING Loose in box Taped (1) Loose in box Taped
(1)
5%
C-TOL 20 %
10 %
Loose in box Taped (1)
5%
Note (1) For detailed tape specification refer to Packaging Information: www.vishay.com/doc?28139 or end of catalog
Document Number: 28138 Revision: 31-Aug-09
For technical questions, contact: RFI@vishay.com
www.vishay.com 305
MKP 339 X2
Vishay BCcomponents
SPECIFIC REFERENCE DATA
DESCRIPTION Rated AC voltage (URac) Permissible DC voltage (URdc) Tangent of loss angle: C < 470 nF 470 nF C 1 F C > 1 F Rated voltage pulse slope (dU/dt)R at 435 Vdc Pitch = 7.5 mm Pitch = 10 mm Pitch = 15 mm and 7.5 mm (bent back) Pitch = 22.5 mm Pitch = 27.5 mm R between leads, for C 0.33 F at 100 V; 1 min RC between leads, for C > 0.33 F at 100 V; 1 min R between leads and case; 100 V; 1 min Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s: C 1 F C > 1 F Withstanding (AC) voltage between leads and case Max. application temperature for 0.001 F C 0.47 F Max. application temperature for C > 0.47 F 2200 V; 1 min 1800 V; 1 min 2120 V; 1 min 110 C (125 C for less than 1000 h) 110 C 600 V/s 600 V/s 400 V/s 150 V/s 100 V/s > 15 000 M > 5000 s > 30 000 M at 1 kHz 10 x 10-4 20 x 10-4 30 x 10-4 VALUE 310 V 630 V at 10 kHz 20 x 10-4 70 x 10-4 -
Interference Suppression Film Capacitors MKP Radial Potted Type
Pitch: 7.5 mm; C-tol. = 20 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wxhxl (mm) MASS (g) (2) Short leads It = 3.5 mm + 1 mm/- 0.5 mm Pitch = 7.5 mm 0.4 mm; dt = 0.50 mm 0.05 mm 0.001 0.0015 0.0022 0.0033 0.0047 0.0068 0.01 0.015 0.022 0.033 0.047 0.068 5.0 x 10.5 x 10.0 6.0 x 11.5 x 10.0 0.4 0.8 4.0 x 9.0 x 10.0 0.4 20102 20152 20222 20332 20472 20682 20103 20153 20223 20333 20473 20683 22102 22152 22222 22332 22472 22682 22103 22153 22223 22333 22473 22683 1000 750 1500 24102 24152 24222 24332 24472 24682 24103 24153 24223 24333 24473 24683 1250 1000 1000 28102 28152 28222 28332 28472 28682 28103 28153 28223 28333 28473 28683 1000 750 1250 It = 5.0 mm 1.0 mm SPQ Long leads It = 25.0 mm 2.0 mm SPQ AMMOPACK (1) H = 18.5 mm P0 = 12.7 mm SPQ
Notes (1) H = In-tape height; P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Weight for short lead product only * SPQ = Standard Packing Quantity
www.vishay.com 306
For technical questions, contact: RFI@vishay.com
Document Number: 28138 Revision: 31-Aug-09
MKP 339 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
Pitch: 7.5 mm bent back (only taped); C-tol. = 20 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING C (F) DIMENSIONS w x h' x l (mm) LOOSE IN BOX MASS (g) (2) AMMOPACK H = 16.0 mm P0 = 15.0 mm 1.1 1.4 1.8 2.4 3.0 58104 SPQ REEL (500 mm) (1) H = 16.0 mm P0 = 15.0 mm 56104 56154 56224 56334 56474 SPQ
Vishay BCcomponents
Bent back pitch = 7.5 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.1 0.15 0.22 0.33 0.47 6.0 x 14.0 x 12.5 6.0 x 14.0 x 17.5 7.0 x 15.5 x 17.5 8.5 x 17.0 x 17.5 10.0 x 18.5 x 17.5 1000 1500 800 700 550 500 Bent back pitch = 7.5 mm 0.4 mm; dt = 0.60 mm 0.06 mm Bent back pitch = 7.5 mm 0.4 mm; dt = 0.80 mm 0.08 mm
Notes (1) H = In-tape height; P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Weight for short lead product only * SPQ = Standard Packing Quantity
Pitch: 7.5 mm; C-tol. = 10 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wxhxl (mm) MASS (g) (2) Short leads It = 3.5 mm + 1 mm/- 0.5 mm It = 5.0 mm 1.0 mm Long leads It = 25.0 mm 2.0 mm AMMOPACK (1) H = 18.5 mm P0 = 12.7 mm SPQ SPQ
SPQ
Pitch = 7.5 mm 0.4 mm; dt = 0.50 mm 0.05 mm 0.001 10102 12102 14102 0.0012 10122 12122 14122 0.0015 10152 12152 14152 0.0018 10182 12182 14182 0.0022 10222 12222 14222 0.0027 10272 12272 14272 0.0033 10332 12332 14332 0.0039 10392 12392 14392 0.0047 10472 12472 14472 0.0056 4.0 x 9.0 x 10.0 0.45 10562 12562 1500 14562 0.0068 10682 12682 14682 0.0082 10822 12822 14822 0.01 10103 12103 14103 0.012 10123 12123 14123 0.015 10153 12153 14153 0.018 10183 12183 14183 0.022 10223 12223 14223 0.027 10273 12273 14273 0.033 10333 12333 14333 0.039 5.0 x 10.5 x 10.0 0.6 10393 12393 1000 14393 0.047 10473 12473 14473 0.056 6.0 x 11.5 x 10.0 0.8 10563 12563 750 14563 Notes (1) H = In-tape height; P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Weight for short lead product only * SPQ = Standard Packing Quantity Document Number: 28138 Revision: 31-Aug-09 For technical questions, contact: RFI@vishay.com
1000
1250 1000
18102 18122 18152 18182 18222 18272 18332 18392 18472 18562 18682 18822 18103 18123 18153 18183 18223 18273 18333 18393 18473 18563
1250
1000 750
www.vishay.com 307
MKP 339 X2
Vishay BCcomponents
Interference Suppression Film Capacitors MKP Radial Potted Type
Bent back pitch: 7.5 mm (only taped); C-tol. = 10 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING LOOSE IN BOX MASS C AMMOPACK REEL (500 mm) (1) (F) (g) (2) H = 16.0 mm H = 16.0 mm SPQ SPQ P0 = 15.0 mm P0 = 15.0 mm Bent back pitch = 7.5 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.068 5.0 x 13.0 x 12.5 0.9 68683 1300 66683 1900 0.082 68823 66823 6.0 x 14.0 x 12.5 1.1 1000 1500 0.1 68104 66104 Bent back pitch = 7.5 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.12 66124 6.0 x 14.0 x 17.5 1.4 800 66154 0.15 Bent back pitch = 7.5 mm 0.4 mm; dt = 0.80 mm 0.08 mm 0.18 66184 7.0 x 15.5 x 17.5 1.8 700 66224 0.22 0.27 66274 8.5 x 17.0 x 17.5 2.4 550 66334 0.33 0.39 66394 10.0 x 18.5 x 17.5 3.0 66474 500 0.47 Notes (1) H = In-tape height; P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Weight for short lead product only * SPQ = Standard Packing Quantity DIMENSIONS wxhxl (mm)
Pitch: 7.5 mm; C-tol. = 5 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING LOOSE IN BOX AMMOPACK (1) DIMENSIONS MASS C H = 18.5 mm wxhxl Short leads Long leads (F) (g) (2) P0 = 12.7 mm (mm) It = 25.0 mm It = 5.0 mm It = 3.5 mm SPQ SPQ SPQ 1.0 mm 2.0 mm + 1 mm/- 0.5 mm Pitch = 7.5 mm 0.4 mm; dt = 0.50 mm 0.05 mm 0.001 50102 52102 54102 38102 0.0012 50122 52122 54122 38122 0.0015 50152 52152 54152 38152 0.0018 50182 52182 54182 38182 0.0022 50222 52222 54222 38222 0.0027 50272 52272 54272 38272 0.0033 50332 52332 54332 38332 0.0039 50392 52392 54392 38392 0.0047 4.0 x 9.0 x 10.0 0.45 50472 52472 1500 54472 1000 38472 1250 0.0056 50562 52562 54562 38562 0.0068 50682 52682 54682 38682 0.0082 50822 52822 54822 38822 0.01 50103 52103 54103 38103 0.012 50123 52123 54123 38123 0.015 50153 52153 54153 38153 0.018 50183 52183 54183 38183 0.022 50223 52223 54223 38223 0.027 50273 52273 54273 38273 0.033 50333 52333 54333 38333 5.0 x 10.5 x 10.0 0.6 1000 1250 1000 0.039 50393 52393 54393 38393 0.047 50473 52473 54473 38473 6.0 x 11.5 x 10.0 0.8 750 1000 750 0.056 50563 52563 54563 38563 Notes (1) H = In-tape height; P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Weight for short lead product only * SPQ = Standard Packing Quantity www.vishay.com 308 For technical questions, contact: RFI@vishay.com Document Number: 28138 Revision: 31-Aug-09
MKP 339 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
Bent back pitch: 7.5 mm (only taped); C-tol. = 5 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING C (F) DIMENSIONS wxhxl (mm) MASS (g) (2) LOOSE IN BOX AMMOPACK H = 16.0 mm P0 = 15.0 mm 0.9 1.1 1.0 1.4 78683 78823 78104 SPQ REEL (500 mm) (1) H = 16.0 mm SPQ P0 = 15.0 mm 76683 76823 76104 76124 76154 76184 76224 8.5 x 17.0 x 17.5 10.0 x 18.5 x 17.5 2.4 3.0 76274 76334 76394 500 550 800 700 1900 1500 1100
Vishay BCcomponents
Bent back pitch = 7.5 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.068 0.082 0.1 0.12 0.15 0.18 0.22 0.27 0.33 0.39 Notes (1) Reel diameter = 356 mm, is available on request (2) Weight for short lead product only * SPQ = Standard Packing Quantity 5.0 x 13.0 x 12.5 6.0 x 14.0 x 12.5 5.0 x 13.0 x 17.5 6.0 x 14.0 x 17.5 1300 1000 1250
Bent back pitch = 7.5 mm 0.4 mm; dt = 0.60 mm 0.06 mm
Bent back pitch = 7.5 mm 0.4 mm; dt = 0.80 mm 0.08 mm 7.0 x 15.5 x 17.5 1.8
Pitch: 10.0 mm; C-tol. = 20 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wxhxl (mm) MASS (g) (3) AMMOPACK (1) H = 18.5 mm P0 = 12.7 mm SPQ LARGE REEL (500 mm) (1) (2) H = 18.5.mm P0 = 15.0 mm SPQ
Short leads It = 3.5 mm + 1 mm/- 0.5 mm It = 5.0 mm 1.0 mm
Long leads It = 25.0 mm 2.0 mm
SPQ
SPQ
Pitch = 10.0 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.001 0.0015 0.0022 0.0033 0.0047 0.0068 0.01 0.015 0.022 0.033 0.047 0.068 0.1 Notes
(1) H
21102 21152 21222 21332 21472 4.0 x 10.0 x 12.5 0.6 21682 21103 21153 21223 21333 21473 5.0 x 11.0 x 12.5 6.0 x 12.0 x 12.5 0.82 1.1 21683 20104
23102 23152 23222 23332 23472 23682 23103 23153 23223 23333 23473 23683 22104 1000 750 1000
25102 25152 25222 25332 25472 25682 25103 25153 25223 25333 25473 25683 24104 1000 750 1250
27102 27152 27222 27332 27472 27682 27103 27153 27223 27333 27473 27683 28104 750 600 26104 1500 950 -
= In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information diameter = 356 mm is available on request (3) Weight for short lead product only * SPQ = Standard Packing Quantity
(2) Reel
Document Number: 28138 Revision: 31-Aug-09
For technical questions, contact: RFI@vishay.com
www.vishay.com 309
MKP 339 X2
Vishay BCcomponents
Pitch: 10.0 mm; C-tol. = 10 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wxhxl (mm) MASS (g) (3) AMMOPACK (1) H = 18.5 mm P0 = 12.7 mm LARGE REEL (500 mm) (1) (2) H = 18.5 mm P0 = 15.0 mm
Interference Suppression Film Capacitors MKP Radial Potted Type
Short leads
Long leads
It = 5.0 mm It = 3.5 mm + 1 mm/- 0.5 mm 1.0 mm Pitch = 10.0 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.001 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 Notes
(1) H
SPQ
It = 25.0 mm 2.0 mm
SPQ
SPQ
SPQ
11102 11122 11152 11182 11222 11272 11332 11392 11472 11562 4.0 x 10.0 x 12.5 0.6 11682 11822 11103 11123 11153 11183 11223 11273 11333 11393 11473 5.0 x 11.0 x 12.5 0.82 11563 10683 10823 10104
13102 13122 13152 13182 13222 13272 13332 13392 13472 13562 13682 13822 13103 13123 13153 13183 13223 13273 13333 13393 13473 13563 12683 12823 12104 1000 1000
15102 15122 15152 15182 15222 15272 15332 15392 15472 15562 15682 15822 15103 15123 15153 15183 15223 15273 15333 15393 15473 15563 14683 14823 14104 1000 1250
17102 17122 17152 17182 17222 17272 17332 17392 17472 17562 17682 17822 17103 17123 17153 17183 17223 17273 17333 17393 17473 17563 18683 18823 18104 750 950 -
16683 16823 16104
1900 1500
6.0 x 12.0 x 12.5
1.1
750
750
600
= In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information diameter = 356 mm is available on request (3) Weight for short lead product only * SPQ = Standard Packing Quantity
(2) Reel
www.vishay.com 310
For technical questions, contact: RFI@vishay.com
Document Number: 28138 Revision: 31-Aug-09
MKP 339 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
Pitch: 10.0 mm; C-tol. = 5 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wxhxl (mm) MASS (g) (3) Short leads It = 3.5 mm + 1 mm/- 0.5 mm Pitch = 10.0 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.001 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 5.0 x 11.0 x 12.5 6.0 x 12.0 x 12.5 0.82 1.1 4.0 x 10.0 x 12.5 0.6 51102 51122 51152 51182 51222 51272 51332 51392 51472 51562 51682 51822 51103 51123 51153 51183 51223 51273 51333 51393 51473 51563 50683 50823 53102 53122 53152 53182 53222 53272 53332 53392 53472 53562 53682 53822 53103 53123 53153 53183 53223 53273 53333 53393 53473 53563 52683 52823 1000 750 1000 55102 55122 55152 55182 55222 55272 55332 55392 55472 55562 55682 55822 55103 55123 55153 55183 55223 55273 55333 55393 55473 55563 54683 54823 1000 750 1250 48102 48122 48152 48182 48222 48272 48332 48392 48472 48562 48682 48822 48103 48123 48153 48183 48223 48273 48333 48393 48473 48563 38683 38823 750 600 46563 36683 36823 1900 1500 950 It = 5.0 mm 1.0 mm Long leads It = 25.0 mm 2.0 mm AMMOPACK (1) H = 18.5 mm P0 = 12.7 mm SPQ LARGE REEL (500 mm) (1) (2) H = 18.5.mm P0 = 15.0 mm SPQ
Vishay BCcomponents
SPQ
SPQ
Notes (1) H = In-tape height; P = Sprocket hole distance; for detailed specifications refer to packaging information 0 (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only * SPQ = Standard Packing Quantity
Document Number: 28138 Revision: 31-Aug-09
For technical questions, contact: RFI@vishay.com
www.vishay.com 311
MKP 339 X2
Vishay BCcomponents
Pitch: 15.0 mm; C-tol. = 20 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wxhxl (mm) MASS (g) (3) It = 3.5 mm 0.3 mm Pitch = 15 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.01 0.015 0.022 0.033 0.047 0.068 0.1 0.15 6.0 x 12.0 x 17.5 1.4 5.0 x 11.0 x 17.5 1 90001 90002 90003 90004 90005 90006 21104 20154 90007 90008 90009 90011 90012 90013 23104 22154 1000 1250 90014 90015 90016 90017 90018 90019 25104 24154 1000 1000 90021 90022 90023 90024 90025 90026 27104 26154 900 1100 Short leads It = 5.0 mm 1.0 mm SPQ Long leads It = 25.0 mm 2.0 mm SPQ REEL (500 mm) (1) (2) H = 18.5.mm P0 = 12.7 mm SPQ
Interference Suppression Film Capacitors MKP Radial Potted Type
Pitch = 15 mm 0.4 mm; dt= 0.80 mm 0.08 mm 0.22 0.33 0.47 0.47 0.56 0.68 Notes = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information diameter = 356 mm is available on request (3) Weight for short lead product only * SPQ = Standard Packing Quantity
(2) Reel (1) H
7.0 x 13.5 x 17.5 8.5 x 15.0 x 17.5 10.0 x16.5 x 17.5 8.5 x 17.5 x 18.0 11.0 x 18.5 x 18.0 11.0 x 18.5 x 18.0
1.8 2.4 3 3.1 4.3 5.5
20224 20334 20474 90165 90174 90168
22224 22334 22474 90166 90175 90169
750 750 500 300 225 225
24224 24334 24474 90143 90176 90145
500 500 450 500 350 350
26224 26334 26474 -
800 650 600 -
www.vishay.com 312
For technical questions, contact: RFI@vishay.com
Document Number: 28138 Revision: 31-Aug-09
MKP 339 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
Pitch: 15.0 mm; C-tol. = 10 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wxhxl (mm) MASS (g) (3) It = 3.5 mm 0.3 mm Pitch = 15 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 0.12 0.15 6.0 x 12.0 x 17.5 1.4 5.0 x 11.0 x 17.5 1.0 90027 90028 90029 90031 90032 90033 90034 90035 90036 90037 11683 11823 11104 10124 10154 90039 90041 90042 90043 90044 90045 90046 90047 90048 90049 13683 13823 13104 12124 12154 1000 1250 90052 90053 90054 90055 90056 90057 90058 90059 90061 90062 15683 15823 15104 14124 14154 1000 1000 90064 90065 90066 90067 90068 90069 90071 90072 90073 90074 17683 17823 17104 16124 16154 900 1100 Short leads It = 5.0 mm 1.0 mm SPQ Long leads It = 25.0 mm 2.0 mm SPQ REEL (500 mm) (1) (2) H = 18.5 mm P0 = 12.7 mm SPQ
Vishay BCcomponents
Pitch = 15 mm 0.4 mm; dt = 0.80 mm 0.08 mm 0.18 0.22 0.27 0.33 0.33 0.39 0.47 0.56 Notes
(1) H
7.0 x 13.5 x 17.5
1.8
10184 10224 10274 10334 10394 10474 90167
12184 12224 12274 12334 12394 12474 90157
750
14184 14224 14274 14334 74334 14394 14474 90144
500
16184 16224 16274 16334 16394 16474 -
800
8.5 x 15.0 x 17.5 9.3 x 14.0 x 18.5 10.0 x 16.5 x 17.5 11.0 x 18.5 x 18.0
2.4 2.9 3.0 4.3
750 500 225
500 500 450 400
650 600 -
= In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information diameter = 356 mm is available on request (3) Weight for short lead product only * SPQ = Standard Packing Quantity
(2) Reel
Document Number: 28138 Revision: 31-Aug-09
For technical questions, contact: RFI@vishay.com
www.vishay.com 313
MKP 339 X2
Vishay BCcomponents
Pitch: 15.0 mm; C-tol. = 5 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING C (F) DIMENSIONS wxhxl (mm) LOOSE IN BOX MASS (g) (3) Short leads It = 5.0 mm 1.0 mm 90232 90233 90234 90235 90236 90237 90238 90239 90241 90242 53683 53823 52104 52124 52154 52184 52224 52274 52334 52394 SPQ Long leads It = 25.0 mm 2.0 mm 90243 90244 90245 90246 90247 90248 90249 90251 90252 90253 55683 55823 54104 54124 54154 54184 54224 54274 54334 54394 SPQ 90254 90255 90256 90257 90258 90259 90261 90262 90263 90264 46683 46823 36104 36124 36154 36184 36224 36274 36334 36394 REEL (500 mm) (1) (2) H = 18.5 mm P0 = 12.7 mm SPQ
Interference Suppression Film Capacitors MKP Radial Potted Type
It = 3.5 mm 0.3 mm Pitch = 15 mm 0.4 mm; dt = 0.60 mm 0.06 mm 0.01 90221 0.012 90222 0.015 90223 0.018 90224 0.022 90225 0.027 90226 5.0 x 11.0 x 17.5 1.0 0.033 90227 0.039 90228 0.047 90229 0.056 90231 0.068 51683 0.082 51823 0.1 50104 0.12 50124 6.0 x 12.0 x 17.5 1.4 0.15 50154 Pitch = 15 mm 0.4 mm; dt = 0.80 mm 0.08 mm 0.18 7.0 x 13.5 x 17.5 1.8 50184 0.22 50224 8.5 x 15.0 x 17.5 2.4 0.27 50274 0.33 50334 0.39 10.0 x 16.5 x 17.5 3.0 50394 Notes
(1) H
1250
1000
1100
1000
1000
900
750 750 500
500 500 450
800 650 600
= In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information diameter = 356 mm is available on request (3) Weight for short lead product only * SPQ = Standard Packing Quantity
(2) Reel
Pitch: 22.5 mm; C-tol. = 20 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING C (F) DIMENSIONS wxhxl (mm) LOOSE IN BOX MASS (g) (3) It = 3.5 mm 0.3 mm Pitch = 22.5 mm 0.4 mm; dt = 0.80 mm 0.08 mm 0.15 21154 6.0 x 15.5 x 26.0 2.4 0.22 21224 0.33 21334 0.47 7.0 x 16.5 x 26.0 2.9 21474 0.68 8.5 x 18.0 x 26.0 3.8 20684 1.0 10.0 x 19.5 x 26.0 6.8 20105 1.5 12.5 x 22.5 x 26.5 10 90103 Notes
(1) H (2) Reel
Short leads It = 5.0 mm 1.0 mm 23154 23224 23334 23474 22684 22105 90138 SPQ
Long leads It = 25.0 mm 2.0 mm 25154 25224 25334 25474 24684 24105 90139 SPQ
REEL (500 mm) (1) (2) H = 18.5 mm P0 = 12.7 mm SPQ
300 200 200 200 140
250 250 250 200 400
27154 27224 27334 27474 26684 26105 90141
600 500 450 350 300
= In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information diameter = 356 mm is available on request (3) Weight for short lead product only * SPQ = Standard Packing Quantity
www.vishay.com 314
For technical questions, contact: RFI@vishay.com
Document Number: 28138 Revision: 31-Aug-09
MKP 339 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
Pitch: 22.5 mm; C-tol. = 10 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING C (F) DIMENSIONS wxhxl (mm) LOOSE IN BOX MASS (g) (3) It = 3.5 mm 0.3 mm Pitch = 22.5 mm 0.4 mm; dt = 0.80 mm 0.08 mm 0.12 0.15 0.18 0.22 0.27 0.33 0.33 0.39 0.47 0.47 0.56 0.68 0.82 1.0 Notes
(1) H
Vishay BCcomponents
Short leads It = 5.0 mm 1.0 mm 13124 13154 13184 13224 13274 13334 13394 13474 12564 12684 12824 12105 200 200 200 150 300 SPQ
Long leads It = 25.0 mm 2.0 mm 15124 15154 15184 15224 15274 15334 75334 15394 15474 75474 14564 14684 14824 14105 800 250 800 250 200 200 250 SPQ
REEL (500 mm) (1) (2) H = 18.5 mm P0 = 12.7 mm SPQ
11124 11154 6.0 x 15.5 x 26.0 2.4 11184 11224 11274 11334 8.5 x 14.0 x 26.5 7.0 x 16.5 x 26.0 8.5 x 14.0 x 26.5 8.5 x 18.0 x 26.0 10.0 x 19.5 x 26.0 12.0 x 22.0 x 26.0 3.6 2.9 3.6 3.8 6.8 7.8 11394 11474 10564 10684 10824 10105
17124 17154 17184 17224 17274 17334 17394 17474 16564 16684 16824 16105 500 450 350 300 600
= In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information diameter = 356 mm is available on request (3) Weight for short lead product only * SPQ = Standard Packing Quantity
(2) Reel
Pitch: 22.5 mm; C-tol. = 5 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING C (F) DIMENSIONS wxhxl (mm) LOOSE IN BOX MASS (g) (3) It = 3.5 mm 0.3 mm Pitch = 22.5 mm 0.4 mm; dt = 0.80 mm 0.08 mm 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 Notes
(1) H
Short leads It = 5.0 mm 1.0 mm 53124 53154 53184 53224 53274 53334 53394 53474 52564 52684 52824 52105 200 200 200 150 300 SPQ
Long leads It = 25.0 mm 2.0 mm 55124 55154 55184 55224 55274 55334 55394 55474 54564 54684 54824 54105 250 250 200 200 250 SPQ
REEL (500 mm) (1) (2) H = 18.5 mm P0 = 12.7 mm SPQ
51124 51154 6.0 x 15.5 x 26.0 2.4 51184 51224 51274 7.0 x 16.5 x 26.0 8.5 x 18.0 x 26.0 10.0 x 19.5 x 26.0 12.0 x 22.0 x 26.0 2.9 3.8 6.8 7.8 51334 51394 51474 50564 50684 50824 50105
46124 46154 46184 46224 46274 46334 46394 46474 36564 36684 36824 36105 500 450 350 300 600
= In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information diameter = 356 mm is available on request (3) Weight for short lead product only * SPQ = Standard Packing Quantity
(2) Reel
Document Number: 28138 Revision: 31-Aug-09
For technical questions, contact: RFI@vishay.com
www.vishay.com 315
MKP 339 X2
Vishay BCcomponents
Pitch: 27.5 mm; C-tol = 20 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING LOOSE IN BOX MASS C Short leads Long leads (1) (F) (g) It = 5.0 mm It = 25.0 mm It = 3.5 mm SPQ 0.3 mm 1.0 mm 2.0 mm Pitch = 27.5 mm 0.4 mm; dt= 0.80 mm 0.08 mm 0.47 90076 90078 90081 9.0 x 19.0 x 31.5 5.5 100 0.68 21684 23684 25684 1.0 11.0 x 21.0 x 31.0 7.4 21105 23105 100 25105 1.5 13.0 x 23.0 x 31.0 9.2 20155 22155 100 24155 2.2 15.0 x 25.0 x 31.5 12.3 20225 22225 100 24225 3.3 18.0 x 28.0 x 31.5 16.1 20335 22335 100 24335 4.7 21.0 x 31.0 x 31.0 20.3 20475 22475 50 24475 Notes DIMENSIONS wxhxl (mm)
(1) Weight
Interference Suppression Film Capacitors MKP Radial Potted Type
SPQ
150 125 125 125 100 75
for short lead product only * SPQ = Standard Packing Quantity
Pitch: 27.5 mm; C-tol = 10 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING LOOSE IN BOX C Short leads Long leads (F) It = 5.0 mm It = 25.0 mm It = 3.5 mm SPQ 0.3 mm 1.0 mm 2.0 mm Pitch = 27.5 mm 0.4 mm; dt = 0.80 mm 0.08 mm 0.68 9.0 x 19.0 x 31.5 5.5 11684 13684 100 15684 0.82 11824 13824 15824 11.0 x 21.0 x 31.0 7.4 100 1.0 11105 13105 15105 1.2 10125 12125 14125 1.5 13.0 x 23.0 x 31.0 9.2 10155 12155 100 14155 1.8 10185 12185 14185 15.0 x 25.0 x 31.5 12.3 100 2.2 10225 12225 14225 2.7 18.0 x 28.0 x 31.5 16.1 10275 12275 100 14275 3.3 10335 12335 14335 21.0 x 31.0 x 31.0 20.3 50 3.9 10395 12395 14395 Notes DIMENSIONS wxhxl (mm) MASS (g) (1)
(1) Weight
SPQ 150 125 125 125 100 75
for short lead product only * SPQ = Standard Packing Quantity
Pitch: 27.5 mm; C-tol = 5 %
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING LOOSE IN BOX MASS C Short leads Long leads (1) (F) (g) It = 5.0 mm It = 25.0 mm It = 3.5 mm SPQ 0.3 mm 1.0 mm 2.0 mm Pitch = 27.5 mm 0.4 mm; dt = 0.80 mm 0.08 mm 0.68 9.0 x 19.0 x 31.5 5.5 51684 53684 100 55684 0.82 51824 53824 55824 11.0 x 21.0 x 31.0 7.4 100 1.0 51105 53105 55105 1.2 50125 52125 54125 13.0 x 23.0 x 31.0 9.2 100 1.5 50155 52155 54155 1.8 15.0 x 25.0 x 31.5 12.3 50185 52185 100 54185 2.2 50225 52225 54225 18.0 x 28.0 x 31.5 16.1 100 2.7 50275 52275 54275 3.3 21.0 x 31.0 x 31.0 20.3 50335 52335 50 54335 DIMENSIONS wxhxl (mm) Notes
(1) Weight
SPQ 150 125 125 125 100 75
for short lead product only * SPQ = Standard Packing Quantity
www.vishay.com 316
For technical questions, contact: RFI@vishay.com
Document Number: 28138 Revision: 31-Aug-09
MKP 339 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
APPROVALS
SAFETY APPROVALS X2 EN 60384-14 (ENEC) (= IEC 60384-14 ed-3) UL1414 and CSA-C22.2 No. 1 UL1283 CSA-E384-14 VOLTAGE 310 Vac 250 Vac 305 Vac 310 Vac VALUE 1 nF to 4.7 F 1 nF to 1 F 1 nF to 4.7 F 1 nF to 4.7 F FILE NUMBERS FI 2008038
Vishay BCcomponents
E112471 E109565 2123580 CQC 07001021281 (L) CQC 310Vac 1 nF to 4.7 F CQC03001006960 (s) CQC 06001018290 (F) CB Test Certificate 310 Vac 1 nF to 4.7 F FI 5123 The ENEC-approval together with the CB-Certificate replace all national marks of the following countries (they have already signed the ENEC-Agreement): Austria; Belgium; Czech.Republic; Denmark; Finland; France; Germany; Greece; Hungary; Ireland; Italy; Luxembourg; Netherlands; Norway; Portugal; Slovenian; Spain; Sweden; Switzerland and United Kingdom.
(R)
16
MOUNTING
CQC
Normal Use The capacitors are designed for mounting on printed circuit boards. The capacitors packed in bandoliers are designed for mounting in printed-circuit boards by means of automatic insertion machines. For detailed tape specifications refer to "Packaging Information". www.vishay.com/doc?28139 or end of catalog Specific Method of Mounting to Withstand Vibration and Shock In order to withstand vibration and shock tests, it must be insured that the stand-off pips are in good contact with the printed-circuit board: * For pitches 15 mm capacitors shall be mechanically fixed by the leads * For larger pitches the capacitors shall be mounted in the same way and the body clamped. Space Requirements on Printed-Circuit Board The maximum length and width of film capacitors is shown in the drawing: * Eccentricity as in drawing. The maximum eccentricity is smaller than or equal to the lead diameter of the product concerned * Product height with seating plane as given by "IEC 60717" as reference: hmax. h + 0.3 mm or hmax. h' + 0.3 mm.
Eccentricity
bmax. = b + 0.3 mm
lmax. = l + 0.3 mm
Storage Temperature * Storage temperature: Tstg = - 25 C to + 40 C with RH maximum 80 % without condensation Ratings and Characteristics Reference Conditions Unless otherwise specified, all electrical values apply to an ambient temperature of 23 C 1 C, an atmospheric pressure of 86 to 106 kPa and a relative humidity of 50 % 2 %. For reference testing, a conditioning period shall be applied over 96 h 4 h by heating the products in a circulating air oven at the rated temperature and a relative humidity not exceeding 20 %.
Document Number: 28138 Revision: 31-Aug-09
For technical questions, contact: RFI@vishay.com
www.vishay.com 317
MKP 339 X2
Vishay BCcomponents
CHARACTERISTICS
Capacitance as a function of ambient temperature (typical curve)
4
Interference Suppression Film Capacitors MKP Radial Potted Type
Impedance as a function of frequency (typical curve)
10
3
C/C (%)
1n
Impedance (%)
2
typical
10
2
4.7
F
0
max.
101
-2
100
47 10 nF 0n F 47 0n 10 00 F nF 47 00 nF
nF 10
nF
-4
min.
10-1
-6 - 50 0 50 Tamb (C) 100
10-2 104
105
106
107
f (Hz)
108
Tangent of loss angle as a function of frequency (typical curve)
103 Dissipation factor (x 10-4)
Resonant frequency as a function of capacitance (typical curve)
102 f (MHz)
102
101
F > 1 F C 1 C nF F < 220 0n 22 < C nF 47 nF 47 nF < C 10 nF 10 C
101
100
X2
100 101 102 103 104 f (Hz) 105
10-1 1
10
100
1000 C (nF) 10 000
Max. RMS voltage as a function of frequency (typical curve)
10
AC voltage (V)
3
Max. RMS current as a function of frequency (typical curve)
104 4700 nF
AC current (mA)
10
3
1000 nF 470 nF 100 nF 47 nF
102
10
2
101
10 nF 4.7 nF
100 Tamb 110 C 101 101 10
2
1nF Tamb 110 C 10
2
10
3
10
4
f (Hz)
10
5
10-1 101
10
3
104
f (Hz)
105
www.vishay.com 318
For technical questions, contact: RFI@vishay.com
Document Number: 28138 Revision: 31-Aug-09
MKP 339 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
Insulation resistance as a function of ambient temperature (typical curve)
106
Vishay BCcomponents
105
104 0 20 40 60 80 100 Tamb (C)
APPLICATION NOTES
* For X2 electromagnetic interference suppression in standard across the line applications (50/60 Hz) with a maximum mains voltage of 310 Vac. * For series impedance applications we refer to application note www.vishay.com/doc?28153 * These capacitors are not intended for continuous pulse application. For these situations capacitors of the AC and pulse programs must be used. * The maximum ambient temperature must not exceed 110 C (125 C for less than 1000 h) for C 470 nF and 110 C for C > 470 nF. * Rated voltage pulse slope: If the pulse voltage is lower than the rated voltage, the values of the specific reference data can be multiplied by 435 Vdc and divided by the applied voltage.
INSPECTION REQUIREMENTS
General Notes: 1. Sub-clause numbers of tests and performance requirements refer to the "Sectional Specification, IEC Publication IEC 60384-14 ed-3 and Specific Reference Data. Group C Inspection Requirements
SUB-CLAUSE NUMBER AND TEST CONDITIONS PERFORMANCE REQUIREMENTS
RC (s)
SUB-GROUP C1A PART OF SAMPLE OF SUB-GROUP C1 4.1 Dimensions (detail) Initial measurements Capacitance Tangent of loss angle: For C 1 F at 10 kHz For C > 1 F at 1 kHz 4.3 Robustness of terminations Tensile: load 10 N; 10 s Bending: load 5 N; 4 x 90 No visible damage As specified in section "General data" of this specification
Document Number: 28138 Revision: 31-Aug-09
For technical questions, contact: RFI@vishay.com
www.vishay.com 319
MKP 339 X2
Vishay BCcomponents
Interference Suppression Film Capacitors MKP Radial Potted Type
CONDITIONS No pre-drying Method: 1A Solder bath: 280 C 5 C Duration: 10 s 4.19 Component solvent resistance Isopropylalcohol at room temperature Method: 2 Immersion time: 5 min 0.5 min Recovery time: Min. 1 h, max. 2 h 4.4.2 Final measurements Visual examination Capacitance Tangent of loss angle No visible damage Legible marking |C/C| 5 % of the value measured initially. Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured initially Insulation resistance SUB-GROUP C1B PART OF SAMPLE OF SUB-GROUP C1 Initial measurements Capacitance Tangent of loss angle: For C 1 F at 10 kHz For C > 1 F at 1 kHz 4.20 Solvent resistance of the marking Isopropylalcohol at room temperature Method: 1 Rubbing material: cotton wool Immersion time: 5 min 0.5 min 4.6 Rapid change of temperature A = - 55 C B = + 110 C 5 cycles Duration t = 30 min 4.6.1 Inspection 4.7 Vibration Visual examination Mounting: see section "Mounting" of this specification Procedure B4 Frequency range: 10 Hz to 55 Hz Amplitude: 0.75 mm or Acceleration 98 m/s (whichever is less severe) Total duration 6 h 4.7.2 Final inspection 4.9 Shock Visual examination Mounting: see section "Mounting" for more information Pulse shape: half sine Acceleration: 490 m/s Duration of pulse: 11 ms No visible damage No visible damage No visible damage Legible marking As specified in section "Insulation Resistance" of this specification PERFORMANCE REQUIREMENTS
SUB-CLAUSE NUMBER AND TEST 4.4 Resistance to soldering heat
www.vishay.com 320
For technical questions, contact: RFI@vishay.com
Document Number: 28138 Revision: 31-Aug-09
MKP 339 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
SUB-CLAUSE NUMBER AND TEST 4.9.2 Final measurements CONDITIONS Visual examination Capacitance Tangent of loss angle
Vishay BCcomponents
PERFORMANCE REQUIREMENTS No visible damage |C/C| 5 % of the value measured initially. Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured initially
Insulation resistance SUB-GROUP C1 COMBINED SAMPLE OF SPECIMENS OF SUB-GROUPS C1A AND C1B 4.11 4.11.1 Climatic sequence Initial measurements Capacitance Measured in 4.4.2 and 4.9.2 Tangent of loss angle: Measured initially in C1A and C1B 4.11.2 4.11.3 Dry heat Damp heat cyclic Test Db First cycle 4.11.4 4.11.5 Cold Damp heat cyclic Test Db remaining cycles 4.11.6 Final measurements Visual examination Temperature: - 55 C Duration: 2 h Temperature: 110 C Duration: 16 h
As specified in section "Insulation Resistance" of this specification
No visible damage Legible marking |C/C| 5 % of the value measured in 4.11.1. Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured in 4.11.1.
Capacitance Tangent of loss angle
Voltage proof 1350 Vdc; 1 min between terminations Insulation resistance SUB GROUP C2 4.12 Damp heat steady state 4.12.1 Initial measurements 56 days; 40 C; 90 % to 95 % RH no load Capacitance Tangent of loss angle: at 1 kHz
No permanent breakdown or flash-over
50 % of values specified in section "Insulation Resistance" of this specification
Document Number: 28138 Revision: 31-Aug-09
For technical questions, contact: RFI@vishay.com
www.vishay.com 321
MKP 339 X2
Vishay BCcomponents
Interference Suppression Film Capacitors MKP Radial Potted Type
CONDITIONS Visual examination Capacitance Tangent of loss angle PERFORMANCE REQUIREMENTS No visible damage Legible marking |C/C| 5 % of the value measured in 4.12.1. Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured in 4.12.1. Voltage proof 1350 Vdc; 1 min between terminations Insulation resistance SUB-GROUP C3 4.13.1 Initial measurements Capacitance Tangent of loss angle: For C 1 F at 10 kHz For C > 1 F at 1 kHz 4.13 Impulse voltage 3 successive impulses, full wave, peak voltage: X2: 2.5 kV for C 1 F X2: 2.5 kV/C for C > 1 F 4.14 Endurance Max. 24 pulses Duration: 1000 h 1.25 x URac at 110 C Once in every hour the voltage is increased to 1000 Vrms for 0.1 s via resistor of 47 5 % 4.14.7 Final measurements Visual examination Capacitance Tangent of loss angle No visible damage Legible marking |C/C| 10 % compared to values measured in 4.13.1. Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured in 4.13.1. No self healing breakdowns or flash-over 50 % of values specified in section "Insulation Resistance" of this specification No permanent breakdown or flash-over
SUB-CLAUSE NUMBER AND TEST 4.12.3 Final measurements
Voltage proof 1350 Vdc; 1 min between terminations. 2120 Vac; 1 min between terminations and case. Insulation resistance
No permanent breakdown or flash-over
50 % of values specified in section "Insulation Resistance" of this specification
www.vishay.com 322
For technical questions, contact: RFI@vishay.com
Document Number: 28138 Revision: 31-Aug-09
MKP 339 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
Vishay BCcomponents
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
SUB-GROUP C4 4.15 Charge and discharge 10 000 cycles charged to 435 Vdc Discharge resistance: 435 Vdc R = ---------------------------------------------1.25 x C ( dU dt )
4.15.1
Initial measurements
Capacitance Tangent of loss angle: For C 1 F at 10 kHz For C > 1 F at 1 kHz
4.15.3
Final measurements
Capacitance
|C/C| 10 % compared to values measured in 4.15.1. Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured in 4.15.1.
Tangent of loss angle
Insulation resistance SUB-GROUP C5 4.16 Radio frequency characteristic Resonance frequency
50 % of values specified in section "Insulation Resistance" of this specification 0.9 times the value as specified in section "Resonant Frequency" of this specification.
SUB-GROUP C6 4.17 Passive flammability Class B Bore of gas jet: O 0.5 mm Fuel: butane Test duration for actual volume V in mm: V 250: 10 s 250 < V 500: 20 s 500 < V 1750: 30 s V > 1750: 60 s One flame application After removing test flame from capacitor, the capacitor must not continue to burn for more than 10 s. No burning particle must drop from the sample.
12 mm ~ 8 mm
45.0
SUB-GROUP C7 4.18 Active flammability 20 cycles of 2.5 kV discharges on the test capacitor connected to URac The cheese cloth around the capacitors shall not burn with a flame. No electrical measurements are required.
Document Number: 28138 Revision: 31-Aug-09
For technical questions, contact: RFI@vishay.com
www.vishay.com 323
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BFC233920682

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X