Part Number Hot Search : 
CY14B MFP100 4D44ADR STTS7508 PS2601 NME0312D E4689 M51524L
Product Description
Full Text Search
 

To Download BAV21-TAP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAV17 / 18 / 19 / 20 / 21
Vishay Semiconductors
Small Signal Switching Diodes, High Voltage
Features
* Silicon Epitaxial Planar Diodes * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
e2
Applications
* General purposes
94 9367
Mechanical Data
Case: DO35 Glass case Weight: approx. 125 mg Packaging Codes/Options: TR / 10 k per 13 " reel (52 mm tape), 50 k/box TAP / 10 k per Ammopack (52 mm tape), 50 k/box
Parts Table
Part BAV17 BAV18 BAV19 BAV20 BAV21 Type differentiation VRRM = 25 V, Single Diodes VRRM = 60 V, Single Diodes VRRM = 120 V, Single Diodes VRRM = 200 V, Single Diodes VRRM = 250 V, Single Diodes Ordering code BAV17-TAP or BAV17-TR BAV18-TAP or BAV18-TR BAV19-TAP or BAV19-TR BAV20-TAP or BAV20-TR BAV21-TAP or BAV21-TR Remarks Ammopack / Tape and Reel Ammopack / Tape and Reel Ammopack / Tape and Reel Ammopack / Tape and Reel Ammopack / Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Peak reverse voltage Test condition Part BAV17 BAV18 BAV19 BAV20 BAV21 Reverse voltage BAV17 BAV18 BAV19 BAV20 BAV21 Forward continuous current Peak forward surge current Forward peak current Power dissipation tp = 1 s, Tj = 25 C f = 50 Hz Symbol VRRM VRRM VRRM VRRM VRRM VR VR VR VR VR IF IFSM IFRM Ptot Value 25 60 120 200 250 20 50 100 150 200 250 1 625 500 Unit V V V V V V V V V V mA A mA mW
Document Number 85543 Rev. 1.6, 20-Apr-06
www.vishay.com 1
BAV17 / 18 / 19 / 20 / 21
Vishay Semiconductors Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Junction to ambient air Junction temperature Storage temperature range Test condition l = 4 mm, TL = constant Symbol RthJA Tj Tstg Value 300 175 - 65 to + 175 Unit K/W C C
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Forward voltage Reverse current Test condition IF = 100 mA VR = 20 V VR = 50 V VR = 100 V VR = 150 V VR = 200 V Tj = 100 C, VR = 20 V Tj = 100 C, VR = 50 V Tj = 100 C, VR = 100V Tj = 100 C, VR = 150 V Tj = 100 C, VR = 200 V Breakdown voltage IR = 100 A, tp/T = 0.01, tp = 0.3 ms BAV17 BAV18 BAV19 BAV20 BAV21 BAV17 BAV18 BAV19 BAV20 BAV21 BAV17 BAV18 BAV19 BAV20 BAV21 Diode capacitance Differential forward resistance Reverse recovery time VR = 0, f = 1 MHz IF = 10 mA IF = IR = 30 mA, iR = 3 mA, RL = 100 Part Symbol VF IR IR IR IR IR IR IR IR IR IR V(BR) V(BR) V(BR) V(BR) V(BR) CD rf trr 25 60 120 200 250 1.5 5 50 Min Typ. Max 1000 100 100 100 100 100 15 15 15 15 15 Unit mV nA nA nA nA nA A A A A A V V V V V pF ns
www.vishay.com 2
Document Number 85543 Rev. 1.6, 20-Apr-06
BAV17 / 18 / 19 / 20 / 21
Vishay Semiconductors Typical Characteristics
Tamb = 25 C unless otherwise specified
1000 100 Scattering Limit 10 1000
rf - Differential Forward Resistance ()
I R - Reverse Current (A)
100
1 VR = VRRM
Tj = 25 C 10
0.1 0.01 0 40 80 120
160
200
1 0.1
1
10
100
94 9084
Tj - Junction Temperature (C)
94 9089
I F - Forward Current (mA)
Figure 1. Reverse Current vs. Junction Temperature
Figure 3. Differential Forward Resistance vs. Forward Current
1000 Tj = 25 C
I F - Forward Current (mA)
100
Scattering Limit 10
1
0.1 0
94 9085
0.4
0.8
1.2
1.6
2.0
V F - Forward Voltage (V)
Figure 2. Forward Current vs. Forward Voltage
Package Dimensions in mm (Inches): DO35
Cathode Identification
0.55 max. [0.022]
26 min. [1.024]
3.9 max. [0.154]
26 min. [1.024]
94 9366
Document Number 85543 Rev. 1.6, 20-Apr-06
2 max. [0.079]
www.vishay.com 3
BAV17 / 18 / 19 / 20 / 21
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 85543 Rev. 1.6, 20-Apr-06
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BAV21-TAP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X