Part Number Hot Search : 
8128A 05ZXPF 1N3040 HV830 G1565 MC96406 ZMM5253 HT68F
Product Description
Full Text Search
 

To Download ATFC-0402-0N8-BT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THIN FILM CHIP INDUCTOR
ATFC-0402
FEATURES: * A photo-lithographic single layer ceramic chip * High SRF; Excellent Q * Superior Temperature Stability * Tight Tolerance of 1% or 0.1nH * Self Resonant Frequency Control * Stable Inductance in High Frequency Circuit * Highly Stable Design for Critical Needs
Pb RoHS Compliant
1.0 x 0.5 x 0.32mm
|||||||||||||||
APPLICATIONS: * Cellular Telephones * Communication Appliances * Pagers and GPS Products * Bluetooth Module * Wireless LAN * VCO,TCXO Circuit and RF Transceiver Modules
STANDARD SPECIFICATIONS:
PARAMETERS ABRACON P/N: Operating temperature: Storage temperature:
Quality Factor (Q) min 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz
ATFC-0402-xxx Series -25C to + 85C 253C; Humidity <80%RH
Resistance DC/Max () 0.1 0.1 0.15 0.15 0.15 0.15 0.25 0.25 0.25 0.25 0.25 0.25 0.35 0.35 0.35 0.35 0.35 0.35 0.45 0.45 0.45 0.45 0.45 0.45 0.55 0.55 0.55 0.65 0.85 0.85 1.05 1.05 1.25 1.25 1.25 1.35 1.55 1.75 1.75 1.95 2.15 2.55 2.65 3.25 4.5 Current DC/Max (mA) 800 800 700 700 700 700 700 700 700 560 560 560 560 560 440 440 440 440 380 380 380 380 380 380 380 340 340 320 280 280 260 260 220 220 220 200 180 1 80 130 100 100 90 90 75 75 Self Resonant Frequency /min (GHz) 14 14 14 12 12 12 10 10 10 10 10 10 8 8 8 8 8 8 8 6 6 6 6 6 6 6 6 6 6 6 6 6 5.5 5.5 5.5 4.5 3.7 3.7 3.3 3.1 3.1 2.8 2.8 2.5 2.5
ABRACON p/n ATFC-0402-0N2-X ATFC-0402-0N4-X ATFC-0402-0N8-X ATFC-0402-1N0-X ATFC-0402-1N1-X ATFC-0402-1N2-X ATFC-0402-1N3-X ATFC-0402-1N4-X ATFC-0402-1N5-X ATFC-0402-1N6-X ATFC-0402-1N7-X ATFC-0402-1N8-X ATFC-0402-1N9-X ATFC-0402-2N0-X ATFC-0402-2N2-X ATFC-0402-2N4-X ATFC-0402-2N5-X ATFC-0402-2N7-X ATFC-0402-2N8-X ATFC-0402-2N9-X ATFC-0402-3N0-X ATFC-0402-3N1-X ATFC-0402-3N2-X ATFC-0402-3N3-X ATFC-0402-3N5-X ATFC-0402-3N7-X ATFC-0402-3N9-X ATFC-0402-4N7-X ATFC-0402-5N6-X ATFC-0402-5N9-X ATFC-0402-6N8-X ATFC-0402-7N2-X ATFC-0402-8N0-X ATFC-0402-8N2-X ATFC-0402-9N1-X ATFC-0402-10N-X ATFC-0402-12N-X ATFC-0402-13N8-X ATFC-0402-15N-X ATFC-0402-17N-X ATFC-0402-18N-X ATFC-0402-20N8-X ATFC-0402-22N-X ATFC-0402-27N-X ATFC-0402-33N-X
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Inductance (nH) 0.2 0.4 0.8 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.2 2.4 2.5 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.5 3.7 3.9 4.7 5.6 5.9 6.8 7.2 8.0 8.2 9.1 10.0 12.0 13.8 15.0 17.0 18.0 20.8 22.0 27.0 33
X: Tolerance Code Standard Other Options B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S C,S B (0.1nH) B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S C,S B (0.1nH) B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S C,S B (0.1nH) B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S C,S B (0.1nH) B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S B (0.1nH) C,S F (1%) C,S,G,J F (1%) C,S,G,J F (1%) C,S,G,J F (1%) C,S,G,J F (1%) C,S,G,J C,S,G,J F (1%) F (1%) C,S,G,J F (1%) C,S,G,J F (1%) C,S,G,J J (5%) C,S,G
Visit www.abracon.com for Terms & Conditions of Sale Revised: 08.24.07 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
THIN FILM CHIP INDUCTOR
ATFC-0402
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
Pb RoHS Compliant
ATFC - 0402 Packaging T
Tape & Reel
1.0 x 0.5 x 0.32mm
|||||||||||||||
Inductance Code Please refer to the Table above.
OUTLINE DRAWING:
C
Inductance Tolerance
J G F S C B
5% 2% 1% 0.3 nH 0.2 nH 0.1 nH
D
D
B
Series
ATFC-0402
A
0.0390.002
B
0.0200.002
C
0.0130.002 (0.320.05)
D
0.0080.004 (0.20.10)
(1.00.05)
(0.50.05)
A
Dimensions: Inches (mm)
TAPE & REEL:
W
C A B
ABRACON P/N
A 1781
B 60.20.5
C 13.00.50
W 9.000.5
T 12.00.15
Paper Tape (EA) 10,000
T
ATFC-0402
B o tto m T a p e
Top Tape
D0
A B E F W
T P1
P aper T ape
Codes ATFC-0402 Codes ATFC-0402 A 0.700.05 P0 4.000.10
P2
P0
Abracon Part
B 1.160.05 P1 4.000.05 W 8.000.10 P2 2.000.05 E 1.750.05 D0 1.550.05 F 3.50.05 T 0.400.03
d ire c tio n o f u n re e lin g
Dimensions: mm
Visit www.abracon.com for Terms & Conditions of Sale Revised: 08.24.07 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
ABRACON IS ISO 9001 / QS 9000 CERTIFIED


▲Up To Search▲   

 
Price & Availability of ATFC-0402-0N8-BT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X