Part Number Hot Search : 
DS2415 105M2 660CT BZG4733 SR800 660CT 2SK304 105M2
Product Description
Full Text Search
 

To Download 969K610301E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCI/ISA Backplanes
1U Butterfly Backplanes
PCA-6103P2V-0A2E
Segment: 1 Slots: 2 PCI, 1 CPU PCI bus: 32-bit/33 MHz Size: 40 x 400 mm (1.57" x 15.75") Ordering Information: 969K610301E
RoHS
COMPLIANT
2002/95/EC
Compatible with IPC Chassis: ACP-1000 (Only Sold with Advantech's 1U Chassis)
PCA-6103P2VX-B2E
Segment: 1 Slots: 2 PCI, 1 CPU PCI bus: 64-bit/66 MHz Size: 40 x 400 mm (1.57" x 15.75") Ordering Information: 9692610334E
2U Butterfly Backplanes
PCA-6105P4V-0B3E
Segment: 1 Slots: 4 PCI, 1 PICMG PCI bus: 32-bit/33 MHz Size: 80 x 260 mm (3.15" x 10.23") Ordering Information: 969K610510E
RoHS
COMPLIANT
2002/95/EC
Compatible with IPC Chassis: ACP-2000 / IPC-602 (Only Sold with Advantech's 2U Chassis)
PCA-6106P5V-0A2E
Segment: 1 Slots: 5 PCI, 1 PICMG PCI bus: 32-bit/33 MHz Size: 80 x 260 mm (3.15" x 10.23") PCI bridge: Pericom PI7C8150MA Ordering Information: 969K610600E
PCA-6106P3V-0B2E
Segment: 1 Slots: 1 ISA, 3 PCI, 2 PICMG PCI bus: 32-bit/33 MHz Size: 80 x 260 mm (3.15" x 10.23") Ordering Information: 969K610621E
PCA-6106P3VX-A1E
Segment: 1 Slots: 1 ISA, 3 PCI, 2 PICMG PCI bus: 64-bit/66 MHz Size: 80 x 303 mm (3.15" x 11.93") Ordering Information: 9692610691E
All product specifications are subject to change without notice
Last updated : 1-Mar-2007


▲Up To Search▲   

 
Price & Availability of 969K610301E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X