Part Number Hot Search : 
X9317WS8 MT48L L78L20AB 6J1913 E472M BUK95 T2222 MAD23051
Product Description
Full Text Search
 

To Download 82DA102M200KE2D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 82DA
Vishay Sprague
Aluminum Capacitors + 85 C, Snap-in, General Purpose
FEATURES
* Maximum CV * General purpose design * Wide voltage range * Molded cover available in 2 or 3 terminal design with standoffs
Fig.1 Component Outlines. * Replaces Type 82D
Pb-free Available
QUICK REFERENCE DATA
DESCRIPTION Nominal case size OD x L in mm Operating temperature Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Termination Life validation test at 85 C VALUE 0.87" x 1.00" [22.0 x 25.0] to 1.57" x 3.18" [40.0 x 80.0] - 40 C to + 85 C 33 F to 270 000 F
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE AMBIENT TEMPERATURE + 55 C + 65 C MULTIPLIERS 2.0 1.7 1.4 1.0 FREQUENCY (Hz) WVDC 16 - 49 50 - 199 200 - 400 50-60 0.85 0.83 0.80 300 - 1000 1.10 1.15 1.30 1000 AND UP 1.15 1.20 1.40
20 % 6.3 WVDC to 500 WVDC Snap in 2000 hours: CAP 15 % from initial measurement. ESR 1.5 x initial specified limit. DCL initial specified limit 500 hours: CAP 15 % from initial measurement. ESR 1.3 x initial specified limit. DCL 2 x initial specified limit I = K CV K = 4.0 at + 25 C I in A, C in F, V in Volts
+ 75 C + 85 C
Shelf life at 85 C
DC leakage current 5 minute charge time
DIMENSIONS in inches [millimeters]
CASE CODE HA HB HD JA JB JC JD JE KA KB KC KD KE DIAMETER D + 0.04 - 0 [+ 1.0 - 0] 0.87 [22.0] 0.87 [22.0] 0.87 [22.0] 1.00 [25.0] 1.00 [25.0] 1.00 [25.0] 1.00 [25.0] 1.00 [25.0] 1.18 [30.0] 1.18 [30.0] 1.18 [30.0] 1.18 [30.0] 1.18 [30.0] LENGTH L 0.08 [2.0] 1.00 [25.0] 1.18 [30.0] 1.57 [40.0] 1.00 [25.0] 1.18 [30.0] 1.38 [35.0] 1.57 [40.0] 2.00 [50.0] 1.00 [25.0] 1.18 [30.0] 1.38 [35.0] 1.57 [40.0] 2.00 [50.0] STYLE 2 TYPICAL WEIGHT
(Grams)
CASE CODE MB MC MD ME MF MG NA NB NC ND NE NF NG
DIAMETER D + 0.04 - 0 [+ 1.0 - 0] 1.38 [35.0] 1.38 [35.0] 1.38 [35.0] 1.38 [35.0] 1.38 [35.0] 1.38 [35.0] 1.58 [40.0] 1.58 [40.0] 1.58 [40.0] 1.58 [40.0] 1.58 [40.0] 1.58 [40.0] 1.58 [40.0]
LENGTH L 0.08 [2.0] 1.18 [30.0] 1.38 [35.0] 1.57 [40.0] 2.00 [50.0] 2.50 [63.0] 3.18 [80.0] 1.00 [25.0] 1.18 [30.0] 1.38 [35.0] 1.57 [40.0] 2.00 [50.0] 2.50 [63.0] 3.18 [80.0]
STYLE 2 TYPICAL WEIGHT
(Grams)
16.0 19.0 24.0 20.0 24.0 27.0 31.0 38.0 30.0 35.0 39.0 44.0 53.0
48.0 54.0 61.0 74.0 91.0 113.0 48.0 58.0 66.0 81.0 103.0 128.0 183.0 www.vishay.com 227
Document Number: 42064 Revision: 23-May-05
For technical questions contact: aluminumcaps4@vishay.com
82DA
Vishay Sprague
Aluminum Capacitors + 85 C, Snap-in, General Purpose
DIMENSIONS in inches [millimeters]
CIRCUIT BOARD MOUNT TERMINAL DIMENSIONS* DIAMETER D 1.00 [25.0] 1.18 [30.0] 1.38 [35.0] CASE CODE J K M B 0.093 [2.4] 0.125 [3.2] 0.125 [3.2] STYLE A R 0.301 [7.6] 0.363 [9.2] 0.458 [11.6] C 140 120 120 STYLE B R N/A 0.391 [9.9] 0.458 [11.6]
*Style A and B not available in 0.87" [22.0mm] diameter units.
DIMENSIONS AND AVAILABLE FORMS
Style A
C + C
Style B
R (Radius)
0.500 [12.7] 0.250 [6.3]
0.394 [10.0] 0.394 [10.0] 0.051 [1.3] Dia. B 0.025 [0.6] Min. 0.250 [6.3] R (Radius)
3 Holes 0.079 [2.0] Dia.
0.203 [5.2] Min.
+ 115 115
0.347 [8.8]
0.347 [8.8]
0.051 [1.3] Dia. 0.125 [3.2] 0.203 [5.2] 0.510 [12.7] 0.250 [6.3] 0.025 [0.6] Min.
2 Holes 0.079 [2.0] Dia.
0.250 [6.3]
L PVC Sleeve
L PVC Sleeve Insulating Disc
D
Insulating Disc
D
Style D
0.394 [10.0]
2 Holes 0.079 [2.0] Dia.
0.250 [6.3] 0.394 [10.0] PVC Sleeve D
L
Insulating Disc
www.vishay.com 228
For technical questions contact: aluminumcaps4@vishay.com
Document Number: 42064 Revision: 23-May-05
82DA
Aluminum Capacitors + 85 C, Snap-in, General Purpose
TERMINAL CONFIGURATION [numbers in brackets indicate millimeters]
LEAD CODE DESCRIPTION OUTLINE DRAWINGS MOUNTING TERMINAL CONFIGURATION CONFIGURATION AVAILABLE DIAMETERS 0.87 [22.0] - H 0.98 [25.0] - J 1.18 [30.0] - K 1.38 [35.0] - M 0.98 [25.0] - J 1.18 [30.0] - K 1.38 [35.0] - M AVAILABLE VOLTAGES AND TYPES All voltages 81D, 81DA 82D, 82DA All voltages 82D, 82DA V < = 250 VDC 81D, 81DA All voltages 82D, 82DA V < = 250 VDC 81D, 81DA
Vishay Sprague
D
Standard 2 pin snap in
A
2 straight wire lead molded cover with standoffs
+
B
3 straight wire lead molded cover with standoffs
+
1.18 [30.0] - K 1.38 [35.0] - M
ELECTRICAL DATA
SYMBOL F % DC HA 2 D M = 20 % voltage rating at 85 C see dimensions in millimeters table PVC insulating sleeve 2 pin snap-in DESCRIPTION rated capacitance
ORDERING EXAMPLE*
Electrolytic capacitor 82DA series 82DA 123 M 6R3 HA 2 D *Note: For lead (Pb)-free, add suffix E3 to part number. Example: 82DAM6R3HA2DE3
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (F) 15000.0 6800.0 6800.0 10000.0 2700.0 4700.0 6800.0 10000.0 2200.0 3300.0 6800.0 330.0 820.0 1000.0 1200.0 220.0 PART NUMBER MAX. ESR at 25 C (m) 120 HZ 20 k - 40 kHZ 16 WVDC at + 85 C, SURGE = 20 V 1.181 x 0.984 [30.0 x 25.0] 67.7 54.0 25 WVDC at + 85 C, SURGE = 30 V 0.866 x 1.181 [22.0 x 30.0] 73.5 56.1 0.984 x 0.984 [25.0 x 25.0] 83.8 60.0 1.181 x 0.984 [30.0 x 25.0] 71.0 54.0 35 WVDC at + 85 C, SURGE = 40 V 0.866 x 0.984 [22.0 x 25.0] 120.0 87.4 0.984 x 0.984 [25.0 x 25.0] 89.0 62.0 1.181 x 0.984 [30.0 x 25.0] 75.0 540.0 1.181 x 1.181 [30.0 x 30.0] 57.0 41.0 50 WVDC at + 85 C, SURGE = 63 V 0.866 x 0.984 [22.0 x 25.0] 115.0 76.0 0.866 x 1.181 [22.0 x 30.0] 86.0 57.0 0.984 x 1.575 [25.0 x 40.0] 47.0 31.0 200 WVDC at + 85 C, SURGE = 250V 0.984 x 1.181 [25.0 x 30.0] 401.0 191.0 1.181 x 1.575 [30.0 x 40.0] 180.0 87.0 1.181 x 1.969 [30.0 x 50.0] 142.0 67.0 1.378 x 1.575 [35.0 x 40.0] 147.0 74.0 250 WVDC at + 85 C, SURGE = 300V 0.866 x 1.575 [22.0 x 40.0] 558.0 166.0 NOMINAL CASE SIZE DXL MAX. RIPPLE at + 85 C (A) 120 HZ 20 k - 40 kHZ 3.07 2.57 2.48 3.00 1.91 2.42 2.92 3.60 1.94 2.38 3.91 1.28 2.36 2.89 2.89 1.12 3.47 2.94 2.93 3.47 2.24 2.86 3.42 4.20 2.39 2.92 4.96 1.86 3.41 4.22 4.06 2.12
82DA153M016KA2D 82DA682M025HB2D 82DA682M025JA2D 82DA103M025KA2D 82DA272M035HA2D 82DA472M035JA2D 82DA682M035KA2D 82DA103M035KB2D 82DA222M050HA2D 82DA332M050HB2D 82DA682M050JD2D 82DA331M200JB2D 82DA821M200KD2D 82DA102M200KE2D 82DA122M200MD2D 82DA221M250HD2D
Note: Other ratings and voltages available on special order. Document Number: 42064 Revision: 23-May-05 For technical questions contact: aluminumcaps4@vishay.com www.vishay.com 229


▲Up To Search▲   

 
Price & Availability of 82DA102M200KE2D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X