Part Number Hot Search : 
29400 SPD24060 29400 47100 IRF5305L X5168 CA506 47100
Product Description
Full Text Search
 

To Download 6ESRF-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CORCOM Product Guide AC Connectors
SR Series
6ESRM-3
UL Recognized CSA Certified VDE Approved
6ESRM-P
6ESRMC2
SR Series
The SR series includes a full line of popular AC receptacles. These male and female power line connectors include snap-in and flange mounted models.
Specifications
Operating voltages: Materials: Insulator Prongs Terminals Temperature Rating: 120/250 VAC Thermoplastic (UL V-2 flame class) Solid brass, nickel plated Brass, tin plated For "cold" connections, 65C
AC Connectors
Part Number Current Current Input Rating Rating Configuration @UL/CSA @VDE 15 15 15 15* 15* 10 10 10 10 10 Male Male Male Output Terminals Terminal Style Dimensions (in./mm) PC Terminals Quick Disconnect . Quick Disconnect Fit .063/1.6 Hole 25 x .032/ 6.3 x 0.8 .187 x .032/ 4.8 x 0.8 .25 x .032/ 6.3 x 0.8 .25 x .032/ 6.3 x 0.8 Mounting Style Panel Thickness (in./mm)L - _ .059/1.5 .059/1.5 _
6ESRM-P 6ESRM-3 6ESRMC2 6ESRFC3 6ESRF-3
Flange Flange Snap-in Snap-in Flange
Female Quick Disconnect Female Quick Disconnect
* UL recognized and CSA certified for 15 amps at 125V. VDE approved for 10 amps at 250V. L Panel thickness tolerance is .004 [.10]
6ESRF-3
6ESRFC3
140
Catalog 1654001 Revised 05-07 Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA Cust. Svc.: 1-800-468-2023 CORCOM Prods: 1-847-680-7400 Germany: 49-89-6089-0 www.corcom.com www.tycoelectronics.com
CORCOM Product Guide AC Connectors (Continued)
SR Series
Case Styles
Flange Mount 6ESRF-3
.142 Dia. (2) 3.6
Snap-in 6ESRFC3
AB
D
A
.110 2.8
D
1.272* 32.2
Mounting Cutout
C
E
.142 Dia. (2) 3.6
Mounting Cutout
.110 2.8
.157 R 4.0
Power Entry Modules
C
E
.976* 24.8
Front Mount
* +.008, -.00 +.200, -.00
1.272* 32.3
6ESRMC2
.256 R 6.5 .976* 24.8 * +.008, -.00 +.200, -.00
A
.122 3.1
D
1.079* 27.4
Mounting Cutout
Front Mount
6ESRM-3
.134 Dia. (2) 3.4
.197 R 5.0
C
1.059 26.9 .016 .40
E
.780* 19.6
Front Mount
* +.008, -.00 +.200, -.00
ABD
C
.142 Dia. (2) 3.6
Mounting Cutout
E
.142 Dia. (2) 3.6
Case Dimensions
1.189* 30.2 1.079* 27.4 .232 R 5.9 .894* 22.7 .780* 19.6
Mounting Cutout
Part No.
.197 R 5.0 * +.008, -.00 +.200, -.00
A (max) 1.969 50.0 1.977 50.2 1.969 50.0 1.39 35.3 1.197 30.4
B
+.017- .006 +.43 -.15
C D E F (max) (max) (max) (max) -- --
6ESRF-3 6ESRM-3
Rear Mount
Front Mount
1.575 1.154 1.258 1.406 40.0 29.3 31.95 35.6 1.575 0.896 1.187 1.224 40.0 22.8 30.1 31.09 1.575 40.0 -- -- 1.11 28.2
6ESRM-P
.626 15.9 .134 Dia. (2) 3.4 .134 Dia. (2) 3.4
6ESRM-P
ABF B
0.88 1.051 1.192 22.4 26.7 30.28 -- --
6ESRFC3
.142 3.6 .382 9.7 .063 Dia. (3) 1.6 .787 20 1.575 40.0 1.193* 30.3 .232 R Max. 5.9
1.11 1.258 1.406 28.2 31.95 35.7 0.892 1.078 1.205 22.7 27.4 30.6
D C
.126 3.2
E
.142 Dia. (2) 3.6
6ESRMC2
.358 9.1 .142 Dia. (2) 3.6
.886* 22.5
* +.008, -.00 +.200, -.00
Rear Mount
141
Dimensions are shown for reference purposes only. Specifications subject to change. USA Cust. Svc.: 1-800-468-2023 CORCOM Prods: 1-847-680-7400 Germany: 49-89-6089-0 www.corcom.com www.tycoelectronics.com
Catalog 1654001 Revised 05-07
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents.


▲Up To Search▲   

 
Price & Availability of 6ESRF-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X