Part Number Hot Search : 
FC940L UF5406GP MC74AC 4AC17 OV7675 BD2425N 1206R RA139
Product Description
Full Text Search
 

To Download 5V50015DCG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATASHEET
LOW EMI CLOCK GENERATOR Description
The IDT5V50015 generates a low EMI output clock from a clock or crystal input. The part is designed to dither the LCD interface clock for PDAs, printers, scanners, modems, copiers, and others. Using IDT's proprietary mix of analog and digital Phase-Locked Loop (PLL) technology, the device spreads the frequency spectrum of the output, reducing the frequency amplitude peaks by several dB. IDT offers many other clocks for computers and computer peripherals. Consult IDT when you need to remove crystals and oscillators from your board.
IDT5V50015 Features
* * * *
Packaged in 8-pin SOIC/TSSOP Provides a spread spectrum output clock 135 MHz to 200 MHz operation Accepts a clock input (provides same frequency dithered output)
* Center spread modulation * Peak reduction by 8 dB to 16 dB typical on 3rd through
19th odd harmonics
* Low EMI feature can be disabled * Operating voltage of 3.3 V * Advanced, low-power CMOS process
Block Diagram
VDD
S1:0 SSCC
2 PLL Clock Synthesis and Spread Spectrum Circuitry
SSCLK
ICLK
GND
IDTTM LOW EMI CLOCK GENERATOR
1
IDT5V50015
REV F 031109
IDT5V50015 LOW EMI CLOCK GENERATOR
SSCG
Pin Assignment
ICLK VDD GND SSCLK 1 2 3 4 8 7 6 5 VDD S0 S1 SSCC
Spread Direction and Percentage Select Table
S1 Pin 6 S0 Pin 7 Spread Direction Spread Percentage
0 0 1 1
0 1 0 1
Center Center Center Center
0.5 1.0 1.5 2.0
8 pin (150 mil) SOIC/TSSOP
0 = connect to GND 1 = connect directly to VDD
Pin Descriptions
Pin Number Pin Name Pin Type Pin Description
1 2 3 4 5 6 7 8
ICLK VDD GND SSCLK SSCC S1 S0 VDD
Input Power Power Output Input Input Input Power
Connect to a 130-200 MHz clock input. Connect to +3.3 V. Connect to ground. Clock output with spread spectrum. Spread spectrum enable/disable function. SSCC function is enabled when input is high and disabled when input is low. This pin is pulled high internally. Function select 1 input. Selects spread amount and direction per table above. Internal pull-down. Function select 0 input. Selects spread amount and direction per table above. Internal pull-down. Connect to +3.3 V.
IDTTM LOW EMI CLOCK GENERATOR
2
IDT5V50015
REV F 031109
IDT5V50015 LOW EMI CLOCK GENERATOR
SSCG
External Components
The IDT5V50015 requires a minimum number of external components for proper operation.
Spread Spectrum Profile
The IDT5V50015 low EMI clock generator uses an optimized frequency slew rate algorithm to facilitate down stream tracking of zero delay buffers and other PLL devices. The frequency modulation amplitude is constant with variations of the input frequency.
Decoupling Capacitor
A decoupling capacitor of 0.01F must be connected between VDD and GND on pins 2 and 3, as close to these pins as possible. For optimum device performance, the decoupling capacitor should be mounted on the component side of the PCB. Avoid the use of vias in the decoupling circuit.
Modulation Rate
Series Termination Resistor
When the PCB trace between the clock output and the load is over 1 inch, series termination should be used. To series terminate a 50 trace (a commonly used trace impedance) place a 33 resistor in series with the clock line, as close to the clock output pin as possible. The nominal impedance of the clock output is 20 .
Frequency
Time
PCB Layout Recommendations
For optimum device performance and lowest output phase noise, the following guidelines should be observed. 1) The 0.01F decoupling capacitor should be mounted on the component side of the board as close to the VDD pin as possible. No vias should be used between the decoupling capacitor and VDD pin. The PCB trace to VDD pin should be kept as short as possible, as should the PCB trace to the ground via. 2) To minimize EMI, the 33 series termination resistor (if needed) should be placed close to the clock output. 3) An optimum layout is one with all components on the same side of the board, minimizing vias through other signal layers. Other signal traces should be routed away from the IDT5V50015. This includes signal traces just underneath the device, or on layers adjacent to the ground plane layer used by the device.
IDTTM LOW EMI CLOCK GENERATOR
3
IDT5V50015
REV F 031109
IDT5V50015 LOW EMI CLOCK GENERATOR
SSCG
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the IDT5V50015. These ratings, which are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating temperature range.
Item
Supply Voltage, VDD All Inputs and Outputs Ambient Operating Temperature Storage Temperature Junction Temperature Soldering Temperature 7V
Rating
-0.5 V to VDD+0.5 V 0 to +70 C -65 to +150 C 125 C 260 C
Recommended Operation Conditions
Parameter
Ambient Operating Temperature Power Supply Voltage (measured in respect to GND)
Min.
0 +3.0
Typ.
Max.
+70 3.6
Units
C V
Thermal Characteristics for 8TSSOP
Parameter
Thermal Resistance Junction to Ambient
Symbol
JA JA JA JC
Conditions
Still air 1 m/s air flow 3 m/s air flow
Min.
Typ.
110 100 80 35
Max. Units
C/W C/W C/W C/W
Thermal Resistance Junction to Case
Thermal Characteristics for 8SOIC
Parameter
Thermal Resistance Junction to Ambient
Symbol
JA JA JA JC JT
Conditions
Still air 1 m/s air flow 3 m/s air flow Still air
Min.
Typ.
150 140 120 40 20
Max. Units
C/W C/W C/W C/W C/W
Thermal Resistance Junction to Case Thermal Resistance Junction to Top of Case
IDTTM LOW EMI CLOCK GENERATOR
4
IDT5V50015
REV F 031109
IDT5V50015 LOW EMI CLOCK GENERATOR
SSCG
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +70 C
Parameter
Operating Voltage Supply Current Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Input Capacitance Pull-down Resistance Pull-up Resistance Note 1: CL = 15 pF.
Symbol
VDD IDD VIH VIL VOH VOL CIN1 RPD RPU
Conditions
ICLK=150 MHz, Note 1 ICLK=200 MHz, Note 1 S1: S0 S1: S0 IOH = -6 mA IOH =- 20 mA IOL = 6 mA IOL = 20 mA All inputs S1, S0 SSCC
Min.
3.0
Typ.
3.3 40 50
Max.
3.6
Units
V mA mA V
2.0 0.8 2.4 2.0 0.4 1.2 3 4 240 240 5
V V V V V pF k k
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +70 C
Parameter
Input Clock Frequency Output Clock Frequency Output Clock Duty Cycle Cycle to cycle Jitter Output Rise Time Output Fall Time Modulation Frequency
Symbol
Conditions
Min.
135 135
Typ.
Max. Units
200 200 MHz MHz % ps ps ns ns kHz
All outputs ICLK=150 MHz, SS on ICLK=200 MHz, SS on tR tF 20% to 80%, CL=15 pF, 150 MHz 80% to 20%, CL=15 pF, 150 MHz ICLK=200 MHz ICLK=150 MHz ICLK=130 MHz
47
50 50 75 0.9 0.9 51.2 38.4 32
53 100 100
IDTTM LOW EMI CLOCK GENERATOR
5
IDT5V50015
REV F 031109
IDT5V50015 LOW EMI CLOCK GENERATOR
SSCG
Package Outline and Package Dimensions (8-pin TSSOP)
Package dimensions are kept current with JEDEC Publication No. 95
8
Millimeters Symbol Min Max
Inches Min Max
E1 IN D E X AREA
E
1
2
D
A A1 A2 b C D E E1 e L aaa
-1.20 0.05 0.15 0.80 1.05 0.19 0.30 0.09 0.20 2.90 3.10 6.40 BASIC 4.30 4.50 0.65 Basic 0.45 0.75 0 8 0.10
-0.047 0.002 0.006 0.032 0.041 0.007 0.012 0.0035 0.008 0.114 0.122 0.252 BASIC 0.169 0.177 0.0256 Basic 0.018 0.030 0 8 0.004
A 2 A 1
A
c
-Ce
b S E A T IN G P LA N E L
aaa
C
IDTTM LOW EMI CLOCK GENERATOR
6
IDT5V50015
REV F 031109
IDT5V50015 LOW EMI CLOCK GENERATOR
SSCG
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
Millimeters Symbol Min Max Inches Min Max
8
E INDEX AREA
H
12 D
A A1 B C D E e H h L
1.35 1.75 0.10 0.25 0.33 0.51 0.19 0.25 4.80 5.00 3.80 4.00 1.27 BASIC 5.80 6.20 0.25 0.50 0.40 1.27 0 8
.0532 .0688 .0040 .0098 .013 .020 .0075 .0098 .1890 .1968 .1497 .1574 0.050 BASIC .2284 .2440 .010 .020 .016 .050 0 8
A A1
h x 45 C
-Ce
B SEATING PLANE L
.10 (.004)
C
Ordering Information
Part / Order Number
5V50015PGG 5V50015PGG8 5V50015DCG 5V50015DCG8
Marking
TBD
Shipping Packaging
Tubes Tape and Reel Tubes Tape and Reel
Package
8-pin TSSOP 8-pin TSSOP 8-pin SOIC 8-pin SOIC
Temperature
0 to +70 0 to +70 0 to +70 0 to +70 C C C C
Parts that are ordered with a "G" after the two-letter package code are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
IDTTM LOW EMI CLOCK GENERATOR
7
IDT5V50015
REV F 031109
IDT5V50015 LOW EMI CLOCK GENERATOR
SSCG
Revision History
Rev.
E F
Originator
Date
01/28/09 03/11/09
Description of Change
Release to final. Changed minimum input frequency from 130 to 135 MHz.
IDTTM LOW EMI CLOCK GENERATOR
8
IDT5V50015
REV F 031109
IDT5V50015 LOW EMI CLOCK GENERATOR
SSCG
Innovate with IDT and accelerate your future networks. Contact:
www.IDT.com
For Sales
800-345-7015 408-284-8200 Fax: 408-284-2775
For Tech Support
www.idt.com/go/clockhelp
Corporate Headquarters
Integrated Device Technology, Inc. www.idt.com
(c) 2006 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. IDT and the IDT logo are trademarks of Integrated Device Technology, Inc. Accelerated Thinking is a service mark of Integrated Device Technology, Inc. All other brands, product names and marks are or may be trademarks or registered trademarks used to identify products or services of their respective owners. Printed in USA


▲Up To Search▲   

 
Price & Availability of 5V50015DCG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X