Part Number Hot Search : 
HGTP1 F54709 1005C S101N11 19N20C WRB240 LTC1594L TA8246
Product Description
Full Text Search
 

To Download 3ESK1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CORCOM Product Guide 3 to 40 Amp High Performance K Series RFI Power Line Filters for SMPS Emission Control
SK Series
SK7
UL Recognized CSA Certified VDE Approved
SK1 SK3
SK Series
This series of RFI filters was designed to reduce conducted noise to acceptable limits for equipment that must comply with the FCC specifications in the USA and CISPR specifications in Europe. The SK (Super K) series filters use significantly higher element values than the general purpose K series, which makes them better suited for equipment with line-to-ground and line-to-line conducted emissions, including switch mode power supplies. The ESK models meet the very low leakage current requirements of VDE portable equipment and (120 Volt) UL 544 non-patient medical equipment. Models ESK6C and VSK6C additionally incorporate a separate ground-circuit inductor to isolate the equipment chassis from power line ground at RF frequencies.
Specifications
Maximum leakage current,each line-to-ground VSK Models 3, 6 & 10 Amps @ 120 VAC 60 Hz: .4 mA @ 250 VAC 50 Hz: .7 mA 20, 30 & 40 Amps @120 VAC 60 Hz: .75 mA @250 VAC 50 Hz: 1.25 mA Hipot rating (one minute): line-to-ground line-to-line Operating frequency: Rated voltage (max.): Rated current: 3VSK/3ESK 6VSK/6ESK 10VSK/10ESK 20VSK/20ESK 30VSK/30ESK 40VSK ESK Models .21 mA .36 mA .3 mA .5 mA 2250 VDC 1450 VDC 50/60 Hz 250 VAC 3A 6A 10A 20A 30A 40A
Electrical Schematic
LINE
6C models only
LOAD
Resistor location for reference only.
88
Catalog 1654001 Revised 05-07 Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA Cust. Svc.: 1-800-468-2023 CORCOM Prods: 1-847-680-7400 Germany: 49-89-6089-0 www.corcom.com www.tycoelectronics.com
CORCOM Product Guide 3 to 40 Amp High Performance K Series RFI Power Line Filters for SMPS Emission Control (Continued)
SK Series
RFI Power Line Filters
Specifications (continued)
Minimum insertion loss in dB: Line-to-ground in 50 ohm circuit Current Rating .01 .08 23 23 13 15 22 22 13 Frequency - MHz .1 .15 .5 1 25 25 14 18 24 24 15 29 29 15 22 28 28 15 43 43 27 40 42 35 27 44 44 31 43 40 38 31 5 42 48 46 45 36 45 40 10 42 48 51 50 36 45 41 30 30 48 39 30 27 45 36
Case Styles
SK1
B D E A
Typical dimensions: Terminals: .250 [6.35] (5) Slot: .07 x .16 [1.8 x 4.1]
VSK Models 3A, 6A, 10A 4 20A 7 30A 2 40A 2 ESK Models 3A, 6A, 10A 4 20A 7 30A 2
C
Holes: .07 [1.8] Dia.(4) Mounting holes: .188 [4.78] Dia. (2)
Line-to-line in 50 ohm circuit Current Rating .01 .08 3 3 10 13 14 3 3 10 12 Frequency - MHz .1 .15 .5 1 10 3 8 13 16 10 3 8 12 25 10 8 13 30 25 10 8 13 59 55 45 60 65 59 55 45 60 65 65 60 60 65 65 65 60 60 5 62 65 65 51 65 62 65 65 51 10 40 50 60 43 57 40 65 60 43 30 40 50 60 43 50 40 45 60 43
3A-SK3
Blue Brown Blue Brown
VSK Models 3A, 6A 1 10A 1 20A 1 30A 5 40A 7 ESK Models 3A, 6A 1 10A 1 20A 1 30A 5
B
A D E
Typical dimensions: Wire leads: 4.0 [101.6] Min.
Green/ Yellow
C
Mounting holes: .188 [4.78] Dia. (2)
6A & 10A-SK3
Blue Brown Blue
Grn/Yel Brown
B C
A D E
Typical dimensions: Wire leads: 4.0 [101.6] Min. Mounting holes: .188 [4.78] Dia. (2)
89
Catalog 1654001 Revised 05-07 Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA Cust. Svc.: 1-800-468-2023 CORCOM Prods: 1-847-680-7400 Germany: 49-89-6089-0 www.corcom.com www.tycoelectronics.com
CORCOM Product Guide 3 to 40 Amp High Performance K Series RFI Power Line Filters for SMPS Emission Control (Continued)
SK Series
Case Styles
20ESK6 & 20VSK6
D B
EDB
30ESK6C & 30VSK6C
E A
Typical dimensions: Holes: .188 [4.78] Terminals No. 8-32
C
Torque: 18 2 in.lb
1.50 38.1
A
C
Typical dimensions: Mounting slots: .250 x .156 [6.35 x 3.96] Terminals No. 10-32 Torque: 27 3 in.lb
30ESK6 & 30VSK6
40VSK6
EDB
EDB
1.50 38.1
A
C
2.00 50.5
A
C
Torque: 27 3 in.lb
Typical dimensions: Mounting slots: .203 x .156 [5.16x 3.96]
Terminals (5): 10-32
90
Catalog 1654001 Revised 05-07 Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA Cust. Svc.: 1-800-468-2023 CORCOM Prods: 1-847-680-7400 Germany: 49-89-6089-0 www.corcom.com www.tycoelectronics.com
CORCOM Product Guide 3 to 40 Amp High Performance K Series RFI Power Line Filters for SMPS Emission Control (Continued)
SK Series
RFI Power Line Filters
Case Dimensions
Part No. 3VSK1, 3ESK1 A (max) B C (max) (max) 2.07 52.6 2.07 52.6 2.25 57.2 2.25 57.2 2.25 57.2 2.25 57.2 2.25 57.2 2.25 57.2 2.25 57.2 2.25 57.2 1.16 29.5 1.16 29.5 1.53 38.9 1.28 32.5 1.28 32.5 1.78 45.2 1.78 45.2 1.78 45.2 1.78 45.2 1.78 45.2 D
.015 .38
E (max)
ESK6/VSK6
SK7 & SK7M (with metric insert)
Tapped insert:
No. 6-32 x 1/4 (2)-SK7 No. M-3 x .5 (2)-SK7M
DB A
.235 R 6.0
3.85 97.8 2.56 3VSK3, 3ESK3 65.0 3VSK7, 3VSK7M, 3.21 3ESK7, 3ESK7M 81.5 4.34 6VSK1, 6ESK1 110.2 3.05 6VSK3, 6ESK3 77.5 6VSK7, 6VSK7M, 3.21 6ESK7, 6ESK7M 81.5 4.97 10VSK1, 10ESK1 126.2 3.69 10VSK3, 10ESK3 93.7 10VSK7, 10VSK7M, 4.34 10ESK7, 10ESK7M 110.0 20ESK6, 20VSK6 5.09 127.3
2.938 3.35 74.63 85.1 2.938 3.35 74.63 85.1 1.575 0.63 40.01 16.0 3.427 3.83 87.05 97.3 3.427 3.83 87.05 97.3 1.575 0.63 40.01 16.0 4.063 4.46 103.2 113.3 4.063 4.46 103.2 113.3 1.575 0.63 40.01 16.0 4.063 4.46 103.2 129.3 D
.020 .51
C
E
.157 Dia. (2) 4.0
Part No. 30ESK6, 30ESK6C 30VSK6, 30VSK6C 40VSK6
A B C (max) (max) (max) 4.92 125.0 6.00 152.4
E (max)
Tapped insert:
Typical dimensions: Terminals: .250 [6.35] (3) Slot: .07 x .16 [1.8 x 4.1]
No. 6-32 x 1/4 (2)-SK7 No. M-3 x .5 (2)-SK7M
1.295 32.9 1.575 40.0
.910 23.1
3.12 2.75 3.437 4.00 79.25 69.85 87.3 101.6 3.12 79.25 2.18 55.4 3.50 88.9 3.96 100.6
Holes: .07 [1.8] Dia.(2)
.02 [.5]
DB
Part Numbers
0
3VSK1
03VSK3 03VSK7 03VSK7M 06VSK1 06VSK3 06VSK7 06VSK7M
A
Recommended Panel Cutout
.235 R 6.0
C
E
1.295 32.9 1.575 40.0
.910 23.1
.157 Dia. (2) 4.0
03ESK1 03ESK3 03ESK7 03ESK7M 06ESK1 06ESK3 06ESK7 06ESK7M
Panel Cutout (back mount) Tolerance .005 [0.13]
10VSK1 10VSK3 10VSK7 10VSK7M 20ESK6 20VSK6 30ESK6 30ESK6C Line Cord No. (K7/K7M)
Dimensions are shown for reference purposes only. Specifications subject to change. USA Cust. Svc.: 1-800-468-2023 CORCOM Prods: 1-847-680-7400 Germany: 49-89-6089-0
10ESK1 10ESK3 10ESK7 10ESK7M 30VSK6 30VSK6C 40VSK6 GA400
91
www.corcom.com www.tycoelectronics.com
Catalog 1654001 Revised 05-07
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents.


▲Up To Search▲   

 
Price & Availability of 3ESK1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X