Part Number Hot Search : 
33N10 48D05 74ALVC1 0V10X BCT05CV PC910 70M10V6 48D05
Product Description
Full Text Search
 

To Download 2SD1781KPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT NPN Switching Transistor
VOLTAGE 32 Volts
APPLICATION
* Telephone and proferssional communction equipment. * Other switching applications.
2SD1781KPT
CURRENT 0.8 Ampere
FEATURE
* Small surface mounting type. (SOT-23) * Corrector peak current (Max.=1500mA). * Suitable for high packing density. * Low voltage (Max.=32V) . * High saturation current capability. * Voltage controlled small signal switch.
SOT-23
.041 (1.05) .033 (0.85)
(1)
.110 (2.80) .082 (2.10)
.066 (1.70)
.119 (3.04)
(3)
CONSTRUCTION
* NPN Switching Transistor
(2)
MARKING
* HFE(Q):D9C* HFE(R):NU
.055 (1.40) .047 (1.20)
.103 (2.64) .086 (2.20)
.028 (0.70) .020 (0.50)
.007 (0.177)
.018 (0.30) .002 (0.05)
CIRCUIT
(1) B
C (3)
.045 (1.15) .033 (0.85)
E (2)
.019 (0.50)
Dimensions in inches and (millimeters)
SOT-23
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCBO VCEO VEBO IC ICM Ptot Tstg Tj Note 1. Transistor mounted on an FR4 printed-circuit board.
2004-3
PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current DC peak collector current total power dissipation storage temperature junction temperature
CONDITIONS open emitter open base open collector - - - - - Tamb 25 C; note 1 -
MIN.
MAX. 40 32 5 0.8 1.5 200 +150 150 V V V A A
UNIT
mW C C
-55 -
RATING CHARACTERISTIC CURVES ( 2SD1781KPT )
CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL BVCBO BVCEO BV EBO ICBO IEBO hFE VCEsat Cc fT PARAMETER CONDITIONS MIN. 40 32 5 - - 120 - - - - - - 500 500 390 400 10 Typ. 150 Typ. MAX. V V V nA nA UNIT
collector-base breakdown voltage IE = 0; IC =-50 uA collector-emitter breakdown voltage IB = 0; IC =-1 mA emitter-base breakdown voltage collector cut-off current emitter cut-off current DC current gain collector-emitter saturation voltage collector capacitance transition frequency IC = 0; IE =-50 uA IE = 0; VCB = 20 V IC = 0; VEB = 4 V VCE = 3V; note 1 IC = 100 mA IC = 0 mA, IB=50 mA -500 IE = ie = 0; VCB =10 V ; f = 1 MHz IC = 50 mA; VCE = 5 V ; f = 100 MHz
mV pF MHz
Note 1. Pulse test: tp 300 s; 0.02. 2. hFE: Q Grade: 120~270 R Grade: 180~390
RATING CHARACTERISTIC CURVES ( 2SD1781KPT )
Fig.1 Grounded emittterpropgation characteristics
1000 500 COLLOCTOR CURRENT : IC (mA)
Ta=25 C VCE =6V
O
Fig.2 Grounded emitter output characteristics
400
O
T Ta=25 C 1mA
100 50 20 10 5 2 1 0.5 0.2 1
COLLECTOR CURRENT: IC (mA)
900uA
300
800uA 700uA 600uA
200
500uA 400uA 300uA
100
200uA 100uA
0 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 0.2 BASE TO EMITTER VOLTAGE: VBE (V) 4 2 6 8 10 0 COLLECTOR TO EMITTER VOLTAGE: VCE (V)
Fig.3 DC Current gain vs. collector current
1000 COLLECTOR SATURATION VOLTAGE: VCE (sat) mV
VCE =5V
Fig.4 Collector-emitter saturation voltage vs. collector current (1)
-1000
Ta=25 C
O
500
Ta=100 C
O
DC CURRENT GAIN: hFE
200
25 C -55 C
O
O
-100
IC/IB=50 20 10
100
50
-10
20
10 1 2 5 10 20 50 100 200 500 1000 COLLECTOR CURRENT: IC (mA) C
-1 -1m
-10m
-100m
-1
COLLECTOR CURRENT: IC (A)
RATING CHARACTERISTIC CURVES ( 2SD1781KPT )
Fig.5 Collector-emitter saturation voltage vs. collector current (2)
COLLECTOR SATURATION VOLTAGE: VCE (sat) mV 1000
IC/IB=10
Fig.6 Gain bandwidthproduct vs. emitter current
1000 500 TRANSITION FREQUENCY: fT (MHz)
Ta=25 C VCE =5V
O
500
200
Ta=100 C O 25 C -55OC
O
200 100 50
100
50
20 10
20
10 1 2 5 10 20 50 100 200 500 1000 -1 -2 -5 -10 -20 -50 -100 -200 COLLECTOR CURRENT: IC (A) EMITTER CURRENT: IE (mA)
Fig.7 Collector output capacitance vs. collector-base voltage
100 COLLECTOR OUTPUT CAPACITANCE:Cob (pF)
Ta =25 C f=1MHZ IE=0A
O
Fig.8 Emitter input capacitance vs. emitter-base voltage
Ta =25 C f=1MHZ IC=0A
O
200 EMITTER OUTPUT CAPACITANCE:Cib (pF)
50
100 50
20 10
20
10
5 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50
5 0.1 0.2 0.5 1.0 2.0 5.0 10
COLLECTOR TO BASE VOLTAGE : VCS (V)
EMITTER TO BASE VOLTAGE : VEB (V)


▲Up To Search▲   

 
Price & Availability of 2SD1781KPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X