Part Number Hot Search : 
KE180 ADG774 STTA506D A723CD TMR2421 AUR60A MAX038 0ANCY
Product Description
Full Text Search
 

To Download 2SC4468 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2SC4468
DESCRIPTION With TO-3PN package Complement to type 2SA1695 APPLICATIONS Audio and general purpose
PINNING PIN 1 2 3 Base Collector;connected to mounting base Fig.1 simplified outline (TO-3PN) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 200 140 6 10 4 100 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=50mA ;IB=0 IC=5A; IB=0.5A VCB=200V; IE=0 VEB=6V; IC=0 IC=3A ; VCE=4V IE=0 ; VCB=10V,f=1MHz IC=0.5A ; VCE=12V 50 250 20 MIN 140 TYP.
2SC4468
SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE COB fT
MAX
UNIT V
0.5 10 10 180 |I |I
V A A
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=5A;RL=12| IB1=- IB2=0.5A VCC=60V 0.24 4.32 0.40 |I |I |I s s s
hFE Classifications O 50-100 P 70-140 Y 90-180
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4468
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3
JMnic
Product Specification
Silicon NPN Power Transistors
2SC4468
4


▲Up To Search▲   

 
Price & Availability of 2SC4468

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X