Part Number Hot Search : 
TLG4243 FDA4004C TLG4243 STF20A60 XC3202B NM3SOL3R CXA1562S RB085
Product Description
Full Text Search
 

To Download 2SC4434 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC4434
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 400V(Min) *High Switching Speed
APPLICATIONS *Designed for switching regulator, lighting inverter, and general purpose applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current-Continuous
w
ww
scs .i
VALUE 500 V 400 V 10 V 15 A 30 A 5 A
UNIT
.cn mi e
ICM
Collector Current-Peak
IB
Base Current-Continuous Collector Power Dissipation @TC=25 Junction Temperature
PC
120
W
TJ
150
Tstg
Storage Temperature
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC4434
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 25mA; IB= 0
400
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 8A; IB= 1.6A
B
0.7
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 8A; IB= 1.6A
B
1.3
V
ICBO
Collector Cutoff Current
VCB= 500V; IE= 0
100
A
IEBO
Emitter Cutoff Current
VEB= 10V; IC= 0
100
A
hFE
DC Current Gain
IC= 8A; VCE= 4V
COB
Output Capacitance
fT
Current-Gain--Bandwidth Product
Switching Times
ton
Turn-On Time
w w
scs .i w
IE= 0; VCB= 10V; f= 1MHz
IE= -1.5A; VCE= 12V
.cn mi e
10
25
135
pF
10
MHz
0.5
s
tstg
Storage Time
IC= 8A; IB1= 1.6A; IB2= -3.2A; VCC= 200V; RL= 25
2.0
s
tf
Fall Time
0.15
s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC4434

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X