|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
JMnic Product Specification Silicon NPN Power Transistors 2SC2581 DESCRIPTION With TO-3PN package Complement to type 2SA1106 High power dissipation High current capability APPLICATIONS Audio power amplifier DC-DC converter PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION Absolute maximum ratings(Ta=ae ) SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25ae Open emitter Open base Open collector CONDITIONS VALUE 200 140 6 10 100 150 -55~150 ae ae UNIT V V V A W JMnic Product Specification Silicon NPN Power Transistors CHARACTERISTICS Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN 2SC2581 SYMBOL TYP. MAX UNIT V(BR)CEO Collector-emitter breakdown voltage IC=25mA ;IB=0 140 V V(BR)CBO Collector-base breakdown voltage IC=1mA ;IE=0 200 V V(BR)EBO Emitter-base breakdown voltage IE=1mA ;IC=0 6 V VCEsat Collector-emitter saturation voltage IC=5A; IB=0.5A 2.0 V ICBO Collector cut-off current VCB=200V; IE=0 100 |I A IEBO Emitter cut-off current VEB=6V; IC=0 100 |I A hFE DC current gain IC=3A ; VCE=4V 50 fT Transition frequency IC=0.5A ; VCE=10V 20 MHz 2 JMnic Product Specification Silicon NPN Power Transistors PACKAGE OUTLINE 2SC2581 Fig.2 outline dimensions (unindicated tolerance:A 0.1mm) 3 |
Price & Availability of 2SC2581 |