Part Number Hot Search : 
D74HC08C 050RDA2 DT54FCT DT54FCT 050RDA2 H10425 SA26A 2DSBA
Product Description
Full Text Search
 

To Download 2SB1642 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1642
DESCRIPTION *With TO-220F package *Low collector saturation voltage: VCE(SAT)=-1.5V(Max) at IC=-2.5A,IB=-0.25A *Collector power dissipation: PC=25W(TC=25 ) APPLICATIONS *Audio frequency power amplifier applications
PINNING PIN 1 2 3 Emitter Collector Base Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 25 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -60 -60 -7 -4 -1 2.0 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=-10mA ;IB=0 IC=-2.5A; IB=-0.25A IC=-0.5A;VCE=-5V VCB=-60V; IE=0 VEB=-7V; IC=0 IC=-0.5A ; VCE=-5V IC=-3A ; VCE=-5V IC=-0.5A ; VCE=-5V IE=0; f=1MHz;VCB=-10V 100 20 MIN -60
2SB1642
SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V
-0.7 -0.75
-1.5 -1.0 -10 -10 320
V V A A
9.0 50
MHz pF
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1642
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1642
4


▲Up To Search▲   

 
Price & Availability of 2SB1642

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X