Part Number Hot Search : 
ATS2805 2SA1774 24000 BUK75 600TTS SRA2201 A8423KL Y7C14
Product Description
Full Text Search
 

To Download 2SB1642 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1642
DESCRIPTION With TO-220F package Low collector saturation voltage: VCE(SAT)=-1.5V(Max) at IC=-2.5A,IB=-0.25A Collector power dissipation: PC=25W(TC=25ae ) APPLICATIONS Audio frequency power amplifier applications
PINNING PIN 1 2 3 Emitter Collector Fig.1 simplified outline (TO-220F) and symbol Base DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PARAMETER

HAN INC
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current
SEM GE
Open base
CONDITIONS
Open emitter
OND IC
TOR UC
VALUE -60 -60 -7 -4 -1
UNIT V V V A A
Open collector
Ta=25ae PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature
2.0 W 25 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SB1642
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-10mA ;IB=0
-60
V
VCEsat
Collector-emitter saturation voltage
IC=-2.5A; IB=-0.25A
-0.7
-1.5
V
VBE
Base-emitter voltage
IC=-0.5A;VCE=-5V
-0.75
-1.0
V
ICBO
Collector cut-off current
VCB=-60V; IE=0
-10
|I
A
IEBO
Emitter cut-off current
VEB=-7V; IC=0
-10
|I
A
hFE-1
DC current gain
IC=-0.5A ; VCE=-5V
100
320
hFE-2
DC current gain
fT
COB
Transition frequency
ANG CH
IC=-3A ; VCE=-5V
20
IC=-0.5A ; VCE=-5V
Collector output capacitance
IN
EMIC ES
IE=0; f=1MHz;VCB=-10V
DUC ON
9.0 50
TOR
MHz
pF
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1642
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1642
SEM GE
HAN INC
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SB1642

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X