Part Number Hot Search : 
Z32RD751 S133BCI UFS150G MUN5133 MSCD102 ADCMP561 07197 CP3CN23
Product Description
Full Text Search
 

To Download 2SB1548 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1548 2SB1548A
DESCRIPTION *With TO-220F package *Complement to type 2SD2374/2374A *Low collector saturation voltage *High forward current transfer ratio hFE which has satisfactory linearity APPLICATIONS *For power amplifications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base Fig.1 simplified outline (TO-220F) and symbol
Absolute maximum ratings (Ta=25 )
SYMBOL PARAMETER 2SB1548 VCBO Collector-base voltage 2SB1548A 2SB1548 VCEO Collector-emitter voltage 2SB1548A VEBO IC ICM Emitter-base voltage Collector current Collector current-peak Ta=25 PC Collector dissipation TC=25 Tj Tstg Junction temperature Storage temperature 25 150 -55~150 Open collector Open base -80 -5 -3 -5 2 W V A A Open emitter -80 -60 V CONDITIONS VALUE -60 V UNIT
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2SB1548 IC=-30mA ; IB=0 2SB1548A IC=-3A ;IB=-0.375A IC=-3A ; VCE=-4V 2SB1548 2SB1548A 2SB1548 2SB1548A VCB=-60V; IE=0 CONDITIONS SYMBOL
2SB1548 2SB1548A
MIN -60
TYP.
MAX
UNIT
VCEO
Collector-emitter voltage
V -80 -1.2 -1.8 V V
VCEsat VBE
Collector-emitter saturation voltage Base-emitter voltage
ICBO
Collector cut-off current
-200 VCB=-80V; IE=0 VCE=-30V; IB=0 -300 VCE=-60V; IB=0 VEB=-5V; IC=0 IC=-1A ; VCE=-4V IC=-3A ; VCE=-4V IC=-0.5A ; VCE=-10V 70 10 30 -1 250
A
ICEO
Collector cut-off current
A
IEBO hFE-1 hFE-2 fT
Emitter cut-off current DC current gain DC current gain Transition frequency
mA
MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=-1.0A IB1=-IB2=-0.1A 0.5 1.2 0.3 s s s
hFE-1 Classifications Q 70-150 P 120-250
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1548 2SB1548A
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1548 2SB1548A
4


▲Up To Search▲   

 
Price & Availability of 2SB1548

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X