Part Number Hot Search : 
MAX8790A BC807 AD9814JR 21712 UC2844D C1001 2CSBW24 HCTS74T
Product Description
Full Text Search
 

To Download 2SA1685 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors IC
PNP Epitaxial Planar Silicon Transistors 2SA1685
Features
Fast switching speed. High gain-bandwidth product. Low saturation voltage.
1 Emitter 2 Base 3 Collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Base current Collector dissipation Jumction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP IB PC Tj Tstg Rating -40 -20 -5 -150 -300 -30 150 150 -55 to +150 Unit V V V mA mA mA mW
www.kexin.com.cn
1
SMD Type
2SA1685
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current Gain Gain bandwidth product Common base output capacitance Collector-to-emitter saturation voltage Base-to-emitter saturation voltage Collector-to-base breakdown voltage Collector-to-emitter breakdown voltage Emitter-to-base breakdown voltage Delay time Rise time Storage time Fall time Symbol IcBO IEBO hFE fT Cob Testconditons VCB = -30V , IE = 0 VEB = -4V , IC = 0 VCE = -1V , IC = -10mA VCE = -10V , IC = -10mA VCB = -10V , f = 1MHz
Transistors IC
Min
Typ
Max -0.1 -0.1
Unit iA iA
60 400 2.9 -0.07 -0.75 -40 -20 -5 14 11 80 16
270 MHz pF -0.2 -1 V V V V V 20 20 180 25 ns ns ns ns
VCE(sat) IC = -10mA , IB =-1mA VBE(sat) IC = -10mA , IB =-1mA V(BR)CBO IC = -10iA , IE = 0 V(BR)CEO IC = -1mA , RBE = V(BR)EBO IE = -10iA , IC = 0 td tr ts tf
hFE Classification
Marking Rank hFE 3 60 120 YL 4 90 180
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SA1685

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X